Part Number Hot Search : 
TSOP372H MAX4617 ON1164 154J63 X9313U OP27GP SMBJ15A MA999
Product Description
Full Text Search
 

To Download DB300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C x 0Tw 00T x wu vu y v 6#C@A9 86 5 DB 76 Q P H I
g
f
G
F #E (c) |
%
y
u u yu
Ue UaoUUnie eee uuo //o ooo oo iii i eca aaa aY UUU OxO OON aeUaUOOI II EE EAE AA AA AA rIrErCrgrgrgr3/4
k " (c) | " " k k " (c) (R)
Weight: 0.13 Ounces (3.6 Grams)
www..com
Case: Molded Epoxy (UL Flammability Rating 94V-0)
"" c"" w Uu v " x y t Ur s q h pi g g "e c" XV USQ H fe db aW YW TRR PI GE F C $9 75 3 D BA @ 86 4 2 0 1 ( ) "& $" ' %# ! (c) | | iz { ~i} yxwu dGv st qolnl hj h f e rpddmf kj igGd
Mounting Position: Any. Thru hole provided for #6 screw (NOTE 1)
Polarity: Marked on top of case; positive lead at beveled corner
Soldering: Per MIL-STD 202 Method 208 guaranteed
Terminals: Round silver plated copper pins
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 60 Amps peak
Ideal for printed circuit board applications
Reliable low cost molded epoxy construction
UL RECOGNIZED - FILE #E124962
RoHS COMPLIANT
Maximum DC Blocking Voltage
d* i 1/2
V1/4
RMS Reverse Voltage
Series Number
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Peak Forward Surge Current. Single 60Hz Half-Sine Wave Superimposed on Rated Load (JEDEC Method). Tc = 60 C @ T = 60 C (Note 2) Average Forward Rectified Current @ T = 25 C (Note 3)
Thermal Energy (Rating for Fusing) t < 8.3mSec
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
MECHANICAL DATA
PARAMETER (TEST CONDITIONS)
FEATURES
3 AMP SILICON BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
ACTUAL SIZE
DT DB306
SYMBOL
V*
V
V
I&
0( )'
2
4
Junction Operating and Storage Temperature Range
T , T
"# !
Maximum Forward Voltage (Per Diode) at 1.5 Amps DC
VR
S T
1
3
Maximum Reverse Current at Rated Vd
Typical Junction Capacitance (Note 4)
@ T = 25 C @T = 125 C
Ip
C q
i
h
Minimum Insulation Breakdown Voltage (Circuit to Case)
Vr
t s
Junction to Ambient (Note 3) Junction to Case (Note 2)
RV Ra
d
z yiw 0 z yiw x x x | } X| C0x C~ i z 0x X wi s | ~ y x ~ w u ~ | | v # 0 0X A w 3/4i3/4i1/2 1/4 X * i# 0 | 0 ~ X#iXC z Xi0X }~ #iv s v s A1/2 | A A A A A A 3/4 X8X o v C X u s(R) }X # u u C X# 0XC z Xi0X }~ #iv s z y } y z (c) x ~ x | w | zz 8 }CX|ix w X0 } iwX }~ XC z Xio C zwX y} w | w Ci0 }~ Xiz X(iv u stCTnowl | | zx ~ |{ { ~x x y | x} }z x |{ yxw rqp m cb (X YW X e C
Typical Thermal Resistance
CU
It
I$
MECHANICAL SPECIFICATION
_
SERIES DB300-DB310
RATINGS
Data Sheet No. BRDB-300-1C
+
D1
BH
LL
+
UNITS
VOLTS
VOLTS
AMPS SEC
AMPS
BL
D1
C/W
pF
C
A
_
E13
k j e ih g f e g
LD
BL
www..com
DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BRDB-300-2C
3 AMP SILICON BRIDGE RECTIFIERS
RATING & CHARACTERISTIC CURVES FOR SERIES DB300 - DB310
60Hz
4 5
Average Forward Current, Io (Amperes)
NOTE 1
2
1
0
50
100
150
Temperature, C FIGURE 1. FORWARD CURRENT DERATING CURVE
Number of Cycles at 60 Hz FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
50
Instantaneous Reverse Current, I (Microamperes)
Instantaneous Forward Current Amperes
10
1.0
NOTE 3
1.0.1
0.1
0.1
.01
0.01 0.4
0.6 08 1.0 1.2 1.4 1.6 1.8
0
40
Instantaneous Forward Voltage (Volts) FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Percent of Rated Peak Reverse Voltage FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
NOTES
Capacitance, pF
(1) Case Temperature, T With Bridge Mounted on 4" Sq. x 0.11" Thick (10.5cm Sq. x 0.3cm) Aluminum Plate Ambient Temperature, T With Bridge Mounted on PC Board With 0.5" Sq. (12mm Sq.) Pads and Lead Length of 0.375" (9.5mm) (2) T = 60 C (3) T = 25 C; Pulse Width = 300mSec; 1% Duty Cycle (4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p
c ae a a ii Xi a a aa
Reverse Voltage, (Volts) FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Y U UU U U U O x O
E14
Ca a
NOTE 4
EE XE
C AE
A
0
O O
Ambient, TA
I (I
3
Case, Tc
I I N
NOTE 2
Resistive and Inductive Loads
Peak Forward Surge Current (Amperes)
E E O XO A iXi e a
o ( n
oo Xo e e e


▲Up To Search▲   

 
Price & Availability of DB300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X