Part Number Hot Search : 
UTC2410 FST60100 0F128 MAX69 AM29SL FB38N20 E331M KTY82110
Product Description
Full Text Search
 

To Download CLA101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLA101
Four Channel Phototransistor Array
0.280 (7.11) 0.270 (6.86) B D
(R)
Clairex
September, 2001
Technologies, Inc.
0.005 (0.13) nom.
0.050 (1.27) max COMMON A = 0.250 (6.35) min. A C = D 0.180 (4.57) 0.170 (4.32) 0.100 (2.54) typ. COMMON A B C D
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS) ALL DIMENSIONS ARE IN INCHES (MILLIMETERS) Case 19
features
* Full range of sensor chips * Full range of emitter chips * Other package types available
absolute maximum ratings (TA = 25C unless otherwise stated)
description
The CLA101 four channel phototransistor array can be designed with photodiode or photo-IC chips. Emitter versions are available using same or different wavelength chips. Also ceramic or PC board packages suitable for surface-mount are available. For additional information, call Clairex.
storage temperature............................................................... -40C to +100C operating temperature.......................................................... -40C to +100C lead soldering temperature(1)............................................................... 240C (2) maximum continuous current ............................................................... 50mA peak forward current (10s pulse width, 100pps).......................................... 1A (3) maximum power dissipation ............................................................... 75mW reverse voltage....................................................................................... 5V 1. 2. 3. At the base of the header for 5 seconds maximum. Maximum temperature can be 260C if reflow soldering. Derate linearly 0.66mA/C from 25C free air temperature to TA = +100C. Derate linearly 1.0mW/C from 25C free air temperature to TA = +100C.
notes:
electrical characteristics (TA = 25C unless otherwise noted) symbol IL ID V(BR)CEO V(BR)ECO VCE(SAT) tr, tf parameter Light current(1) Matching factor Dark current Collector-emitter breakdown voltage Emitter-collector breakdown voltage Collector-emitter saturation voltage Rise and fall times min 150 40 5.0 typ 3.0 max 0.4 100 0.4 units A nA V V V s test conditions Ee=1mW/cm2, VCE=5V (ILHIGH-ILLOW)/ILHIGH VCE = 10V, H=0 ICE = 0.1mA IEC = 0.1mA Ee=20mW/cm2, ICE=.5mA RL=100, VCE= 5V
Note: 1. Radiation source for light current testing is a 940nm IRED.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Clairex Technologies, Inc. Phone: 972-265-4900
1845 Summit Ave., #404 Fax: 972-265-4949
Plano, Texas 75074-8148 www.clairex.com


▲Up To Search▲   

 
Price & Availability of CLA101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X