|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
C2420 Typical Applications PCS Base Stations Land Mobile Radio Cellular Telephony Radio in the Local Loop Features Wide Frequency range Mechanical control EFC Standard Standard Surface Mount Package STO150; STO150S3; Previous Vectron Model Numbers Frequency range Standard frequencies Frequency stabilities1 [ Standard TCXO] Parameter vs. operating temperature range (Referenced to +25C) Min -2.0 -1.0 -2.0 -1.0 -1.0 -0.5 Min - 1.0 - 0.2 - 0.2 - 1.0 Typ 30 MHz - 100 MHz 37.72102; 64.0; 67.584 MHz 5 Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /1. Year Typ Max. +2.0 +1.0 +2.0 +1.0 +1.0 +0.5 Max. +1.0 +0.2 +0.2 +1.0 Units ppm ppm ppm ppm ppm ppm Units ppm ppm ppm ppm Operating temp range Ordering Code -40 ... +85C F206 -40 ... +85C F106 -20 ... +70C D206 -20 ... +70C D106 B106 0 ... +50C B507 0 ... +50C Condition at time of shipment, nominal EFC VS 5% Load 10% Frequency stabilities1 [ Stratum 3 TCXO] Parameter vs. operating temperature range (Referenced to +25C) Min -0.8 -0.28 -0.8 -0.28 -0.28 Min - 1.0 - 0.2 - 0.1 - 2.5 -4.6 Typ Max. +0.8 +0.28 +0.8 +0.28 +0.28 Max. +1.0 +0.2 +0.1 +2.5 +4.6 Units ppm ppm ppm ppm ppm Units ppm ppm ppm ppm ppm Operating temp range Ordering Code -40 ... +85C F807 -30 ... +85C G287 -20 ... +70C D807 -20 ... +70C D287 0 ... +50C B287 Condition at time of shipment, nominal EFC VS 5% Load 10% 5 Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /15 Years overall tolerance Typ (*Stratum 3 per GR-1244-CORE: <4.6 ppm for all causes and 20 years aging,Holdover: <0.37 ppm over 24 hours (Code: D287 & B287) Supply voltage (Vs) Parameter Supply voltage [Standard] Supply voltage [Option] Current consumption Min 3.135 4.75 Typ 3.3 5 Max. 3.465 5.25 60 50 Units VDC VDC mA mA Condition Ordering Code SV033 SV050 steady state @ +25C & 3.3VDC steady state @ +25C & 5.0VDC 5 Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-02-03 * page 1 of 6 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax C2420 RF output Parameter Signal [Standard] Load Signal Level (Vol) Signal Level (Voh) Rise and Fall time Duty cycle Subharmonics Min 13.5 Typ HCMOS 15 16.5 0.5 0.3 5 60 pF VDC VDC VDC VDC ns % dBc Max. Units Condition Ordering Code RFH 5 4.5 3.0 40 -45 50 with Vs= 5.0V and 15pF load with Vs=3.3V and 15pF load with Vs= 5.0V and 15pF load with Vs=3.3V and 15pF load @ (Voh-Vol)/2 Frequency Tuning (EFC) Parameter Mechanical (No EFC) Tuning Range Linearity Tuning Slope Control Voltage Range Freq. control input impedance 0.3 0.5 10 1.65 2.5 Min 3.0 8.0 5.0 Typ 14.0 12.0 Max. 20.0 20.0 10 Positive 3.0 4.5 VDC VDC k with Vs=3.3VDC with Vs=5.0VDC Units ppm ppm % Condition Standard Version S3 Version Additional parameters Parameter 3 Phase Noise Min Typ -70 -105 -130 -145 -150 Max. Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g 10 100 1 10 100 Condition Hz @ 67.584MHz Hz kHz kHz kHz Weight Processing & Packing 5 Handling & processing note Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-02-03 * page 2 of 6 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax C2420 Enclosures Type G200 Package Codes: Code Height "H" A1 5.1 Pin Length "L" NA Dimensions: mm Pin Connections 1 2 3 4 Voltage Control (Vc) GND, case RF output Supply Voltage (Vs) Outline Drawing: G200 Marking C2420A1-xxxx Frequency * C AYYWW Absolute Maximum Ratings Parameter Supply voltage (Vs) Control Voltage Maximum output load @ CMOS Operable temperature range Storage temperature range Min 0 -40 -55 Typ Max. 6.0 Vs 40 +85 +125 Units V V pF C C Condition Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-02-03 * page 3 of 6 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax C2420 Typical measurement data Phase Noise and Jitter C2420 @67.584MHz Tuning Slope C2420 @67.584MHz 15 Frequency deviation [ppm ] 10 5 0 0 0,5 1 1,5 2 2,5 3 3,5 -5 -10 -15 Tuning voltage [V ] frequency stability vs temp C2420 @67.584MHz 0,40 Frequency deviation [ppm ] 0,30 0,20 0,10 0,00 -30,0 -20,0 -10,0 -0,10 0,0 10,0 20,0 30,0 40,0 50,0 60,0 70,0 80,0 -0,20 -0,30 Tem perature [C ] Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-02-03 * page 4 of 6 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax C2420 Standard Shipping Method A X B P K *bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line Lage im Gurt Position in tape Pin 1 Abwickelrichtung Unwinding direction Gurtunterseite Tape buttom side Gurtoberseite Tape upper side Production tolerance complying DIN IEC 286-3 Enclosure Type Tape width W [mm] G200 32 Quantity per meter 50 Quantity per reel 380 Dimension P 20 Recommended Reflow Profile SMD oscillators must be on the top side of the PCB during the reflow process. Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-02-03 * page 5 of 6 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax C2420 How to Order this Product: Step 1 Use this worksheet to forward the following information to your factory representative: Model C2420 Example: C2420 D206 SV033 RFC A1 12.8MHz Stability Code Supply Voltage Code RF Output Code Package Code Frequency Step 2 The factory representative will then respond with a Vectron Model Number in the following Configuration: Model C2420 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number] Typical P/N = C2420A1-0001 Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability. Vectron International * www.vectron.com Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax v.2005-02-03 * page 6 of 6 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax |
Price & Availability of C2420 |