Part Number Hot Search : 
AX4740 APF3318 2SC23 TCMT1113 SI7898 M100A MA4E2040 00MD6
Product Description
Full Text Search
 

To Download C2260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C2260
Typical Applications
PCS Base Stations Land Mobile Radio Cellular Telephony Radio in the Local Loop
TCXO
Features
EFC Standard Standard Surface Mount Package Small Size Low Profile
Frequency range Standard frequencies Frequency stabilities1
Parameter vs. operating temperature range (Referenced to +25C) Min -2.5 -1.0 -1.0 -0.5 Min - 2.5 - 0.5 - 0.2 - 1.0 Typ
6.4 MHz - 52 MHz 12.8; 19.44; 20MHz, 20.48MHz
Max. +2.5 +1.0 +1.0 +0.5 Max. +2.5 +0.5 +0.2 +1.0 Units ppm ppm ppm ppm Units ppm ppm ppm ppm Operating temp range Ordering Code -20 ... +70C D256 -20 ... +70C D106 B106 0 ... +50C B507 0 ... +50C Condition at time of shipment, nominal EFC VS 5% Load 10%
5
Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /1. Year
Typ
Frequency stabilities1 [ Stratum 3 TCXO]
Parameter vs. operating temperature range (Referenced to +25C) Min -0.8 -0.28 -0.28 -0.80 -0.28 Min - 1.0 - 0.2 - 0.1 - 2.5 -4.6 Typ Max. +0.8 +0.28 +0.28 +0.80 +0.28 Max. +1.0 +0.2 +0.1 +2.5 -4.6 Units ppm ppm ppm ppm ppm Units ppm ppm ppm ppm ppm Operating temp range -20 ... +70C 0 ... +50C -20 ... +70C -40 ... +85C -30 ... +85C Ordering Code D807 B287 D287 F807 G287
5
Parameter Initial tolerance vs. supply voltage change vs. load change vs aging /15 Years overall tolerance
Typ
Condition at time of shipment, nominal EFC VS 5% Load 10% *Stratum 3 per GR-1244-CORE: <4.6 ppm for all causes and 20 years aging,Holdover: <0.37 ppm over 24 hours (Code: D287 & B287)
Supply voltage (Vs)
Parameter Supply voltage [Standard] Current consumption Min 3.135 Typ 3.3 Max. 3.465 6 Units VDC mA Condition Ordering Code SV033 steady state @ +25C
5
RF output
Parameter Signal [Standard] Load R || C Output power Min 9 9 0.7 Typ Max. clipped Sinewave 10 11 10 11 Units k pF Vpp Condition > 12.288MHz Ordering Code RFC
5
@ 10k ||10pF
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-23 * page 1 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C2260
TCXO
Parameter Signal [Standard] Load Signal Level (Vol) Signal Level (Voh) Rise and Fall time Duty cycle
Min 13.5 3.0 40
Typ HCMOS 15
Max. 16.5 0.3 5 60
Units pF VDC VDC ns %
Condition
Ordering Code RFH
5
with Vs=3.3V and 15pF load with Vs=3.3V and 15pF load @ (Voh-Vol)/2
50
Frequency Tuning (EFC)
Parameter Tuning Range Linearity Tuning Slope Control Voltage Range Freq. control input impedance 0.3 10 1.65 Min 8.0 Typ 14.0 Max. 20.0 10 Positive 3.0 VDC k with Vs=3.3VDC Units ppm % Condition
Additional parameters
Parameter 3 Phase Noise Min Typ -90 -120 -135 -140 -145 Max. Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g 10 100 1 10 100 Condition Hz @19.44MHz Hz kHz kHz kHz
Weight Processing & Packing
2 Handling & processing note
Enclosures Type G204
Package Codes: Code Height "H" A1 3.0 Pin Length "L" NA Package Codes: Code Height "H" B1
Type G211
Dimensions: mm
Dimensions: mm
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-23 * page 2 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C2260
Pin Connections
1 2 3 4 Voltage Control (Vc) Ground (Case) RF output Supply Voltage Input (Vs) Outline Drawing: G204
TCXO
Marking
C2260-xxxx frequency * C AYYWW
Absolute Maximum Ratings
Parameter Supply voltage (Vs) Control Voltage Operable temperature range Storage temperature range Min 0 -40 -55 Typ Max. 6.0 Vs +85 +125 Units V V C C Condition
Standard Shipping Method
A X B P K
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3 Enclosure Type Tape width W [mm] G204 /G211 Tbd.
Quantity per meter Tbd.
Quantity per reel Tbd.
Dimension P Tbd.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-23 * page 3 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C2260
Recommended Reflow Profile
TCXO
SMD oscillators must be on the top side of the PCB during the reflow process.
How to Order this Product:
Step 1 Use this worksheet to forward the following information to your factory representative: Model C2260
Example: C2260 D106 SV033 RFC A1 12.8MHz
Stability Code
Supply Voltage Code
RF Output Code
Package Code
Frequency
Step 2
The factory representative will then respond with a Vectron Model Number in the following Configuration: Model C2260 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number]
Typical P/N = C2260A1-0001
Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-23 * page 4 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax


▲Up To Search▲   

 
Price & Availability of C2260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X