Part Number Hot Search : 
TC4308I 21131 40MHZ B5117 HFP5N50S IRFP3 AA92193 L3705
Product Description
Full Text Search
 

To Download BSM75GAL120DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 75 GAL 120 DN2
IGBT Power Module
* Single switch with chopper diode at collector * Including fast free-wheeling diodes * Package with insulated metal base plate Type BSM 75 GAL 120 DN2 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage RGE = 20 k Gate-emitter voltage DC collector current TC = 25 C TC = 80 C Pulsed collector current, tp = 1 ms TC = 25 C TC = 80 C Power dissipation per IGBT TC = 25 C Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Diode thermal resistance, chip-case,chopper Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Tj Tstg RthJC RthJCD RTHJCDC Vis Ptot 625 + 150 -40 ... + 125 0.2 0.5 0.36 2500 20 11 F 40 / 125 / 56 sec Vac mm K/W C ICpuls 210 150 W VGE IC 105 75 Symbol VCE VCGR 1200 20 A Values 1200 Unit V VCE IC Package Ordering Code
1200V 105A
HALF BRIDGE GAL 1 C67076-A2011-A70
1
Nov-24-1997
BSM 75 GAL 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage VGE = VCE, IC = 2 mA Collector-emitter saturation voltage VGE = 15 V, IC = 75 A, Tj = 25 C VGE = 15 V, IC = 75 A, Tj = 125 C Zero gate voltage collector current VCE = 1200 V, VGE = 0 V, Tj = 25 C VCE = 1200 V, VGE = 0 V, Tj = 125 C Gate-emitter leakage current VGE = 20 V, VCE = 0 V AC Characteristics Transconductance VCE = 20 V, IC = 75 A Input capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Output capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Reverse transfer capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Crss 0.3 Coss 0.8 Ciss 5.5 gfs 31 nF S IGES 400 ICES 1 4 1.4 nA VCE(sat) 2.5 3.1 3 3.7 mA VGE(th) 4.5 5.5 6.5 V Values typ. max. Unit
2
Nov-24-1997
BSM 75 GAL 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time VCC = 600 V, VGE = 15 V, IC = 75 A RGon = 15 Rise time VCC = 600 V, VGE = 15 V, IC = 75 A RGon = 15 Turn-off delay time VCC = 600 V, VGE = -15 V, IC = 75 A RGoff = 15 Fall time VCC = 600 V, VGE = -15 V, IC = 75 A RGoff = 15 Free-Wheel Diode Diode forward voltage IF = 75 A, VGE = 0 V, Tj = 25 C IF = 75 A, VGE = 0 V, Tj = 125 C Reverse recovery time IF = 75 A, VR = -600 V, VGE = 0 V diF/dt = -900 A/s, Tj = 125 C Reverse recovery charge IF = 75 A, VR = -600 V, VGE = 0 V diF/dt = -900 A/s Tj = 25 C Tj = 125 C 3.2 12 Qrr 0.125 C trr VF 2 1.8 2.5 s V 70 100 tf 450 600 td(off) 70 140 tr 30 60 td(on) ns Values typ. max. Unit
3
Nov-24-1997
BSM 75 GAL 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Chopper Diode Chopper diode forward voltage IFC = 100 A, VGE = 0 V, Tj = 25 C IFC = 100 A, VGE = 0 V, Tj = 125 C Reverse recovery time, chopper IFC = 100 A, VR = -600 V, VGE = 0 V diF/dt = -1000 A/s, Tj = 125 C Reverse recovery charge, chopper IFC = 100 A, VR = -600 V, VGE = 0 V diF/dt = -1000 A/s Tj = 25 C Tj = 125 C 4 14 QrrC 0.125 C trrC VFC 2 1.8 2.5 s V
4
Nov-24-1997
IGBT-Module IGBT-Modules
%60*$/'1 %60*$5'1
Gehausemae / Schaltbild Package outline / Circuit diagram
PIN 6 and 7 GAL type only
PIN 4 and 5 GAR type only
GAL type
GAR type
Update of Drawing Sep-21-98
Nutzungsbedingungen
Die in diesem Produktdatenblatt enthaltenen Daten sind ausschlielich fur technisch geschultes Fachpersonal bestimmt. Die Beurteilung der Geeignetheit dieses Produktes fur die von Ihnen anvisierte Anwendung sowie die Beurteilung der Vollstandigkeit der bereitgestellten Produktdaten fur diese Anwendung obliegt Ihnen bzw. Ihren technischen Abteilungen. In diesem Produktdatenblatt werden diejenigen Merkmale beschrieben, fur die wir eine liefervertragliche Gewahrleistung ubernehmen. Eine solche Gewahrleistung richtet sich ausschlielich nach Magabe der im jeweiligen Liefervertrag enthaltenen Bestimmungen. Garantien jeglicher Art werden fur das Produkt und dessen Eigenschaften keinesfalls ubernommen. Sollten Sie von uns Produktinformationen benotigen, die uber den Inhalt dieses Produktdatenblatts hinausgehen und insbesondere eine spezifische Verwendung und den Einsatz dieses Produktes betreffen, setzen Sie sich bitte mit dem fur Sie zustandigen Vertriebsburo in Verbindung (siehe www.eupec.com, Vertrieb&Kontakt). Fur Interessenten halten wir Application Notes bereit. Aufgrund der technischen Anforderungen konnte unser Produkt gesundheitsgefahrdende Substanzen enthalten. Bei Ruckfragen zu den in diesem Produkt jeweils enthaltenen Substanzen setzen Sie sich bitte ebenfalls mit dem fur Sie zustandigen Vertriebsburo in Verbindung. Sollten Sie beabsichtigen, das Produkt in Anwendungen der Luftfahrt, in gesundheits- oder lebensgefahrdenden oder lebenserhaltenden Anwendungsbereichen einzusetzen, bitten wir um Mitteilung. Wir weisen darauf hin, dass wir fur diese Falle - die gemeinsame Durchfuhrung eines Risiko- und Qualitatsassessments; - den Abschluss von speziellen Qualitatssicherungsvereinbarungen; - die gemeinsame Einfuhrung von Manahmen zu einer laufenden Produktbeobachtung dringend empfehlen und gegebenenfalls die Belieferung von der Umsetzung solcher Manahmen abhangig machen. Soweit erforderlich, bitten wir Sie, entsprechende Hinweise an Ihre Kunden zu geben. Inhaltliche Anderungen dieses Produktdatenblatts bleiben vorbehalten.
Terms & Conditions of usage
The data contained in this product data sheet is exclusively intended for technically trained staff. You and your technical departments will have to evaluate the suitability of the product for the intended application and the completeness of the product data with respect to such application. This product data sheet is describing the characteristics of this product for which a warranty is granted. Any such warranty is granted exclusively pursuant the terms and conditions of the supply agreement. There will be no guarantee of any kind for the product and its characteristics. Should you require product information in excess of the data given in this product data sheet or which concerns the specific application of our product, please contact the sales office, which is responsible for you (see www.eupec.com, sales&contact). For those that are specifically interested we may provide application notes. Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact the sales office, which is responsible for you. Should you intend to use the Product in aviation applications, in health or live endangering or life support applications, please notify. Please note, that for any such applications we urgently recommend - to perform joint Risk and Quality Assessments; - the conclusion of Quality Agreements; - to establish joint measures of an ongoing product survey, and that we may make delivery depended on the realization of any such measures. If and to the extent necessary, please forward equivalent notices to your customers. Changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of BSM75GAL120DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X