Part Number Hot Search : 
MIP3E 025BSE TOP260EN C2310 2N6349AG 8K27M3LF M27C2 H2920
Product Description
Full Text Search
 

To Download BSM300GA170DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 300 GA 170 DN2
IGBT Power Module
* Single switch * Including fast free-wheeling diodes * Package with insulated metal base plate * RG on,min = 5.6 Ohm Type BSM 300 GA 170 DN2 BSM 300 GA 170 DN2 S Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage RGE = 20 k Gate-emitter voltage DC collector current TC = 25 C TC = 80 C Pulsed collector current, tp = 1 ms TC = 25 C TC = 80 C Power dissipation per IGBT TC = 25 C Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Tj Tstg RthJC RthJCD Vis Ptot 2500 + 150 -40 ... + 125 0.05 0.17 4000 20 11 F 40 / 125 / 56 sec Vac mm K/W C ICpuls 880 600 W VGE IC 440 300 Symbol VCE VCGR 1700 20 A Values 1700 Unit V VCE IC Package SINGLE SWITCH 1 SSW SENSE 1 Ordering Code C67070-A2706-A67 C67070-A2708-A67 1700V 440A 1700V 440A
1
Oct-27-1997
BSM 300 GA 170 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage VGE = VCE, IC = 20 mA Collector-emitter saturation voltage VGE = 15 V, IC = 300 A, Tj = 25 C VGE = 15 V, IC = 300 A, Tj = 125 C Zero gate voltage collector current VCE = 1700 V, VGE = 0 V, Tj = 25 C VCE = 1700 V, VGE = 0 V, Tj = 125 C Gate-emitter leakage current VGE = 20 V, VCE = 0 V AC Characteristics Transconductance VCE = 20 V, IC = 300 A Input capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Output capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Reverse transfer capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Crss 1 Coss 3.5 Ciss 44 gfs 108 nF S IGES 400 ICES 2 8 3 nA VCE(sat) 3.4 4.6 3.9 5.3 mA VGE(th) 4.8 5.5 6.2 V Values typ. max. Unit
2
Oct-27-1997
BSM 300 GA 170 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time VCC = 1200 V, VGE = 15 V, IC = 300 A RGon = 5.6 Rise time VCC = 1200 V, VGE = 15 V, IC = 300 A RGon = 5.6 Turn-off delay time VCC = 1200 V, VGE = -15 V, IC = 300 A RGoff = 5.6 Fall time VCC = 1200 V, VGE = -15 V, IC = 300 A RGoff = 5.6 Free-Wheel Diode Diode forward voltage IF = 300 A, VGE = 0 V, Tj = 25 C IF = 300 A, VGE = 0 V, Tj = 125 C Reverse recovery time IF = 300 A, VR = -1200 V, VGE = 0 V diF/dt = -1500 A/s, Tj = 125 C Reverse recovery charge IF = 300 A, VR = -1200 V, VGE = 0 V diF/dt = -1500 A/s Tj = 25 C Tj = 125 C 22 70 Qrr 1 C trr VF 2.3 2.1 2.8 s V 110 160 tf 1280 1900 td(off) 200 400 tr 600 1200 td(on) ns Values typ. max. Unit
3
Oct-27-1997
BSM 300 GA 170 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
2600 W 2200 Ptot 2000 1800 1600 1400 1200 1000 800 600 400 200 0 0 20 40 60 80 100 120 C 160
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 4 A IC 10 3
t = 1.2s p
10 s
10 2
100 s
1 ms
10 1
10 ms
10 0 0 10
10
1
10
2
DC 10
3
V
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
450 A IC 350 300 250 200 150 100 50 0 0
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W ZthJC 10 -1
IGBT
10 -2
D = 0.50 0.20 0.10 0.05 single pulse 0.02 0.01
10 -3
20
40
60
80
100
120
C
160
10 -4 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
4
Oct-27-1997
BSM 300 GA 170 DN2
Typ. output characteristics IC = f (VCE) parameter: tp = 80 s, Tj = 25 C
600 A 500 IC 450 400 350 300 250 200 150 100 50 0 0.0 1.0 2.0 3.0 4.0 V VCE 6.0 17V 15V 13V 11V 9V 7V
Typ. output characteristics IC = f (VCE) parameter: tp = 80 s, Tj = 125 C
600 A 500 IC 450 400 350 300 250 200 150 100 50 0 0.0 1.0 2.0 3.0 4.0 V VCE 6.0 17V 15V 13V 11V 9V 7V
Typ. transfer characteristics IC = f (VGE) parameter: tp = 80 s, VCE = 20 V
1200 A 1000 IC 900 800 700 600 500 400 300 200 100 0 0 2 4 6 8 10 V 14 VGE
5
Oct-27-1997
BSM 300 GA 170 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 300 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0, f = 1 MHz
10 2
nF VGE 16 14 12 10 8 10 0 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 C 4.5 10 -1 0 5 10 15 20 25 30 800 V 1200 V C 10 1
Ciss
Coss
Crss
QGate
V VCE
40
Reverse biased safe operating area ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V, tp 1 ms, L < 20 nH
2.5
Short circuit safe operating area ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 20 nH
12
ICpulsIC di/dt = 1000A/s 3000A/s 5000A/s
ICsc/IC
8
1.5
di/dt = 1000A/s 3000A/s 5000A/s
6 1.0 4 0.5
allowed numbers of short circuit: <1000 time between short 2 circuit: >1s
0.0 0
200 400 600 800 1000 1200 1400
V 1800 VCE
0 0
200 400 600 800 1000 1200 1400
V 1800 VCE
6
Oct-27-1997
BSM 300 GA 170 DN2
Typ. switching time I = f (IC) , inductive load , Tj = 125C par.: VCE = 1200 V, VGE = 15 V, RG = 5.6
10 4
Typ. switching time t = f (RG) , inductive load , Tj = 125C par.: VCE = 1200 V, VGE = 15 V, IC = 300 A
10 4
ns t tdoff 10
3
ns t 10 3 tdon tr
tdoff
tdon tr
10 2
tf
10 2
tf
10 1 0
100
200
300
400
500
A IC
700
10 1 0
5
10
15
20
30 RG
Typ. switching losses E = f (IC) , inductive load , Tj = 125C par.: VCE = 1200 V, VGE = 15 V, RG = 5.6
1000 mWs E 800 700 Eon 600 500 400 300 200 100 0 0 100 200 300 400 500 A IC 700 Eoff
Typ. switching losses E = f (RG) , inductive load , Tj = 125C par.: VCE = 1200 V, VGE = 15 V, IC = 300 A
1000 mWs E 800 700 600 500 400 300 200 Eoff 100 0 0 5 10 15 20 Eon
30 RG
7
Oct-27-1997
BSM 300 GA 170 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
600 A 500 IF 450 400 350 300 250 200 150 100 50 0 0.0 0.5 1.0 1.5 2.0 2.5 V VF 3.5 Tj=125C Tj=25C
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W 10 -1
Diode
ZthJC
10 -2
D = 0.50 10 -3 0.20 0.10 single pulse 10
-4
0.05 0.02 0.01
10 -5 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
tp
8
Oct-27-1997
BSM 300 GA 170 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420 g
9
Oct-27-1997
Nutzungsbedingungen
Die in diesem Produktdatenblatt enthaltenen Daten sind ausschlielich fur technisch geschultes Fachpersonal bestimmt. Die Beurteilung der Geeignetheit dieses Produktes fur die von Ihnen anvisierte Anwendung sowie die Beurteilung der Vollstandigkeit der bereitgestellten Produktdaten fur diese Anwendung obliegt Ihnen bzw. Ihren technischen Abteilungen. In diesem Produktdatenblatt werden diejenigen Merkmale beschrieben, fur die wir eine liefervertragliche Gewahrleistung ubernehmen. Eine solche Gewahrleistung richtet sich ausschlielich nach Magabe der im jeweiligen Liefervertrag enthaltenen Bestimmungen. Garantien jeglicher Art werden fur das Produkt und dessen Eigenschaften keinesfalls ubernommen. Sollten Sie von uns Produktinformationen benotigen, die uber den Inhalt dieses Produktdatenblatts hinausgehen und insbesondere eine spezifische Verwendung und den Einsatz dieses Produktes betreffen, setzen Sie sich bitte mit dem fur Sie zustandigen Vertriebsburo in Verbindung (siehe www.eupec.com, Vertrieb&Kontakt). Fur Interessenten halten wir Application Notes bereit. Aufgrund der technischen Anforderungen konnte unser Produkt gesundheitsgefahrdende Substanzen enthalten. Bei Ruckfragen zu den in diesem Produkt jeweils enthaltenen Substanzen setzen Sie sich bitte ebenfalls mit dem fur Sie zustandigen Vertriebsburo in Verbindung. Sollten Sie beabsichtigen, das Produkt in Anwendungen der Luftfahrt, in gesundheits- oder lebensgefahrdenden oder lebenserhaltenden Anwendungsbereichen einzusetzen, bitten wir um Mitteilung. Wir weisen darauf hin, dass wir fur diese Falle - die gemeinsame Durchfuhrung eines Risiko- und Qualitatsassessments; - den Abschluss von speziellen Qualitatssicherungsvereinbarungen; - die gemeinsame Einfuhrung von Manahmen zu einer laufenden Produktbeobachtung dringend empfehlen und gegebenenfalls die Belieferung von der Umsetzung solcher Manahmen abhangig machen. Soweit erforderlich, bitten wir Sie, entsprechende Hinweise an Ihre Kunden zu geben. Inhaltliche Anderungen dieses Produktdatenblatts bleiben vorbehalten.
Terms & Conditions of usage
The data contained in this product data sheet is exclusively intended for technically trained staff. You and your technical departments will have to evaluate the suitability of the product for the intended application and the completeness of the product data with respect to such application. This product data sheet is describing the characteristics of this product for which a warranty is granted. Any such warranty is granted exclusively pursuant the terms and conditions of the supply agreement. There will be no guarantee of any kind for the product and its characteristics. Should you require product information in excess of the data given in this product data sheet or which concerns the specific application of our product, please contact the sales office, which is responsible for you (see www.eupec.com, sales&contact). For those that are specifically interested we may provide application notes. Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact the sales office, which is responsible for you. Should you intend to use the Product in aviation applications, in health or live endangering or life support applications, please notify. Please note, that for any such applications we urgently recommend - to perform joint Risk and Quality Assessments; - the conclusion of Quality Agreements; - to establish joint measures of an ongoing product survey, and that we may make delivery depended on the realization of any such measures. If and to the extent necessary, please forward equivalent notices to your customers. Changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of BSM300GA170DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X