Part Number Hot Search : 
BFG17 KV2163 2SB645 MAZX240 05024 UPA1816 MN6500KT 18107
Product Description
Full Text Search
 

To Download BAT54S-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 /A /C /S
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
* * * * Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3) Qualified to AEC-Q101 Standards for High Reliability SOT-23 Dim A B C D E Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate) G H J K L M Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
*
Mechanical Data
* * * * * * * *
All Dimensions in mm
*
BAT54 Marking: KL1
BAT54A Marking: KL2 @TA = 25C unless otherwise specified Symbol VRRM VRWM VR IF IFRM IFSM Pd RJA Tj, TSTG
BAT54C Marking: KL3
BAT54S Marking: KL4
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 2) Repetitive Peak Forward Current Forward Surge Current @ t < 1.0s Power Dissipation (Note 2) Thermal Resistance, Junction to Ambient Air (Note 2) Operating and Storage Temperature Range
Value 30 200 300 600 200 500 -65 to +125
Unit V mA mA mA mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 1)
@TA = 25C unless otherwise specified Symbol V(BR)R Min 30 Typ Max 240 320 400 500 800 2.0 10 5.0 Unit V Test Condition IRS = 100A IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100
Forward Voltage
VF IR CT trr
mV A pF ns
Reverse Leakage Current (Note 1) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3.
Short duration test pulse used to minimize self-heating effect. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead.
DS11005 Rev. 21 - 2
1 of 3 www.diodes.com
BAT54 /A /C /S
(c) Diodes Incorporated
DS11005 Rev. 21 - 2
2 of 3 www.diodes.com
BAT54 /A /C /S
(c) Diodes Incorporated
Ordering Information (Note 4)
Device BAT54-7-F BAT54A-7-F BAT54C-7-F BAT54S-7-F
Notes: 4.
Packaging SOT-23 SOT-23 SOT-23 SOT-23
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code 1998 J Month Code 1999 K 2000 L Jan 1 2001 M Feb 2 2002 N Mar 3 2003 P Apr 4 2004 R May 5 2005 S Jun 6 2006 T Jul 7 2007 U Aug 8 2008 V 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS11005 Rev. 21 - 2
3 of 3 www.diodes.com
BAT54 /A /C /S
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAT54S-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X