Part Number Hot Search : 
F1505 2N2194 2R333 AD382SH T273D P2010 SMDA05 GN01037B
Product Description
Full Text Search
 

To Download APT30DQ60BHBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT30DQ60BHB APT30DQ60BHB(G) 600V 2X30A
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC * RoHS Compliant
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics
PRODUCT BENEFITS
* Low Losses * Low Noise Switching
1 2 3
-24
7
* Cooler Operation * Popular TO-247 Package or Surface Mount D3PAK Package * Higher Reliability Systems * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated * Increased System Power Density
1
3
2
1 - Cathode 1 2 - Anode 1 Cathode 2 3 - Anode 2
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings per diode: TC = 25C unless otherwise specified.
APT30DQ60BHB(G) UNIT
600
Volts
Maximum Average Forward Current (TC = 67C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
30 51 320 20 -55 to 175 300
C mJ Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V VR = 600V VR = 600V, TJ = 125C MIN TYP MAX UNIT
2.0 2.4 1.7
2.4
Volts
25 500 36
052-6321 Rev A
pF
1-2009
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 400V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 400V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN -
APT30DQ60BHB(G)
TYP MAX UNIT ns nC
23 30 55 3 175 485 6 75 855 22 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance MIN TYP MAX UNIT C/W oz g
1.5 0.22
Package Weight
5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
1.6 ZJC, THERMAL IMPEDANCE (C/W) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10-5 10-4 10-3 10-2 0.1
Note:
PDM
t1 t2
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
1
10
RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
TJ (C)
1-2009
0.481
Dissipated Power (Watts)
TC (C)
1.019
ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
052-6321 Rev A
0.0023
0.0531
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
ZEXT
TYPICAL PERFORMANCE CURVES
250 TJ= 125C TJ= 150C TJ= 25C trr, COLLECTOR CURRENT (A) 200 IF, FORWARD CURRENT (A) TJ= 55C 160 140 120 100 80 60 40 20 0 30A 15A 60A
APT30DQ60BHB(G)
T = 125C J V = 400V
R
150
100
50
0
0
1
2
3
4
5
6
7
8
Qrr, REVERSE RECOVERY CHARGE (nC)
VF, ANODE-TO-CATHODE VOLTAGE (V) FIGURE 2, Forward Current vs. Forward Voltage 1400
T = 125C J V = 400V
R
0 200 400 600 800 1000 -diF/dt, CURRENT RATE OF CHANGE (A/s) FIGURE 3, Reverse Recovery Time vs. Current Rate of Change 25 IRRM, REVERSE RECOVERY CURRENT (A)
T = 125C J V = 400V
R
60A
60A 30A 15A
1200 1000 800 600 400 200 0
20
30A
15
15A
10
5
0 200 400 600 800 1000 -diF/dt, CURRENT RATE OF CHANGE (A/s) FIGURE 4, Reverse Recovery Charge vs. Current Rate of Change 1.3 1.2 1.0 0.5 0.4 0.3 0.2 0 QRR tRR IRRM
0
0
200
400
600
800
1000
-diF/dt, CURRENT RATE OF CHANGE (A/s) FIGURE 5, Reverse Recovery Current vs. Current Rate of Change 60 50 40 IF(AV) (A) 30 20 10
Duty cycle = 0.5 TJ = 45C
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s)
0
25
50
75
100
125
150
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (C) FIGURE 6, Dynamic Parameters vs Junction Temperature 200 CJ, JUNCTION CAPACITANCE (pF)
Case Temperature (C) FIGURE 7, Maximum Average Forward Current vs. Case Temperature
160
120
80
40
10 100 200 VR, REVERSE VOLTAGE (V) FIGURE 8, Junction Capacitance vs. Reverse Voltage
0
1
052-6321 Rev A
1-2009
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT30GT60BR
APT30DQ60BHB(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
0.25 IRRM
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 20.80 (.819) 21.46 (.845) 3.55 (.140) 3.81 (.150)
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Anode 1 / Cathode 2
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
Cathode 1 Anode 1 / Cathode 2 Anode 2
1-2009
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
052-6321 Rev A
Dimensions in Millimeters and (Inches)
Microsemi's products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT30DQ60BHBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X