Part Number Hot Search : 
SE20AFJ 121M100 WH160100 WT7527 BT24005 20020 109M000 MBRF2010
Product Description
Full Text Search
 

To Download APA2065J-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APA2065
Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Features
* * * * * * * * * * *
Low Operating Current with 14mA Improved Depop Circuitry to Eliminate Turn-on and Turn-off Transients in Outputs High PSRR 32 Steps Volume Adjustable by DC Voltage with Hysteresis 2W per Channel Output Power into 4 Load at 5V, BTL Mode Two Output Modes Allowable with BTL and SE Modes Selected by SE/BTL pin Low Current Consumption in Shutdown Mode (50A) Short Circuit Protection Power Off Depop Circuit Integration PDIP-16 & SOP-16 Packages Available Lead Free Available (RoHS Compliant)
General Description
APA2065 is a monolithic integrated circuit, which provides precise DC volume control, and a stereo bridged audio power amplifiers capable of producing 2.7W(2.0W) into 3 with less than 10%(1.0%) THD+N. The attenuator range of the volume control in APA2065 is from 20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V) with 32 steps. The advantage of internal gain setting can be less components and PCB area. Both of the depop circuitry and the thermal shutdown protection circuitry are integrated in APA2065, that reduce pops and clicks noise during power up or shutdown mode operation. It also improves the power off pop noise and protects the chip from being destroyed by over temperature and short current failure. To simplify the audio system design, APA2065 combines a stereo bridge-tied loads (BTL) mode for speaker drive and a stereo single-end (SE) mode for headphone drive into a single chip, where both modes are easily switched by the SE/BTL input control pin signal.
Applications
* *
NoteBook PC LCD Monitor or TV
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005 1 www.anpec.com.tw
APA2065
Ordering and Marking Information
APA2065
Lead Free Code Handling Code Temp. Range Package Code APA2065 J : APA2065 K : APA2065 XXXXX APA2065 XXXXX Package Code J : PDIP-16 K : SOP-16 Temp. Range I : - 40 to 85 C Handling Code TU : Tube TR : Tape & Reel TY : Tray Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code XXXXX - Date Code
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
Block Diagram
LOUT+ LIN-
RINVolume Control
LOUT-
BYPASS
BYPASS
ROUT+ VOLUME
SE/BTL
SE/BTL
ROUTSHUTDOWN
Shutdown ckt POW ER and Depop circuit
VDD GND
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
2
www.anpec.com.tw
APA2065
Absolute Maximum Ratings
(Over operating free-air temperature range unless otherwise noted.)
Symbol VDD VIN TA TJ TSTG TS VESD PD
Note: 1.APA2065 integrated internal thermal shutdown protection when junction temperature ramp up to 150C 2.Human body model: C=100pF, R=1500, 3 positives pulse plus 3 negative pulses 3.Machine model: C=200pF, L=0.5F, 3 positive pulses plus 3 negative pulses
Parameter Supply Voltage Range Input Voltage Range, SE/BTL, SHUTDOWN Operating Ambient Temperature Range Maximum Junction Temperature Storage Temperature Range Soldering Temperature,10 seconds Electrostatic Discharge Power Dissipation
Rating -0.3 to 6 -0.3 to VDD+0.3 -40 to 85 Intermal Limited* -65 to +150 260 -3000 to 3000*2 -200 to 200*3 Intermal Limited
1
Unit V V C C C C V
Recommended Operating Conditions
Min. Supply Voltage, VDD High level threshold voltage, VIH Low level threshold voltage, VIL Common mode input voltage, VICM SHUTDOWN SE/BTL SHUTDOWN SE/BTL VDD-1.0 4.5 2 4 1.0 3 Max. 5.5 Unit V V V V
Thermal Characteristics
Symbol R THJA Parameter Thermal Resistance from Junction to Ambient in Free Air PDIP-16 SOP-16 45 60 K/W K/W Value Unit
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
3
www.anpec.com.tw
APA2065
Electrical Characteristics
VDD=5V, -20CSymbol VDD IDD ISD IIH IIL VOS Parameter Supply Voltage Supply Current Supply Current in Shutdown Mode High input Current Low Input Current Output Differential Voltage SE/BTL=0V SE/BTL=5V SE/BTL=5V SHUTDOWN=0V 50 900 900 5 Test Condition APA2065 Min. Typ. Max. 4.5 5.5 14 25 8.0 15 Unit V mA A nA nA mV
Operating Characteristics, BTL mode VDD=5V,TA=25C,RL=4, Gain=2V/V (unless otherwise noted)
Symbol Parameter Test Condition THD=10%, RL=3, Fin=1kHz THD=10%, RL=4, Fin=1kHz THD=10%, RL=8, Fin=1kHz THD=1%, RL=3, Fin=1kHz THD=1%, RL=4, Fin=1kHz THD=0.5%, RL=8, Fin=1kHz PO=1.5W, RL=4, Fin=1kHz PO=1W, RL=8, Fin=1kHz VIN=0.1Vrms, RL=8, CB=1F, Fin=120Hz CB=1F, RL=8, Fin=1kHz PO=1.1W, RL=8, A_wieght APA2065 Unit Min. Typ. Max. 2.7 2.3 1.5 W 2.0 1.9 1 1.1 0.05 % 0.07 60 90 95 dB dB dB
PO
Maximum Output Power
THD+N Total Harmonic Distortion Plus Noise PSRR Power Ripple Rejection Ratio Xtalk S/N Channel Separation Signal to Noise Ratio
Operating Characteristics, SE mode VDD=5V,TA=25C,RL=4, Gain=1V/V (unless otherwise noted)
Symbol Parameter Test Condition THD=10%, RL=8, Fin=1kHz THD=10%, RL=32, Fin=1kHz THD=1%, RL=8, Fin=1kHz THD=1%, RL=32, Fin=1kHz PO=250mW, RL=8, Fin=1kHz PO=75mW, RL=32, Fin=1kHz VIN=0.1Vrms, RL=8, CB=1F, Fin=120Hz CB=1F, RL=32, Fin=1kHz PO=75mW, SE, RL=32, A_wieght
4
PO
Maximum Output Power
THD+N Total Harmonic Distortion Plus Noise PSRR Power Ripple Rejection Ratio Xtalk S/N Channel Separation Signal to Noise Ratio
APA2065 Unit Min. Typ. Max. 400 110 mW 320 90 0.08 % 0.08 48 100 100 dB dB dB
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
www.anpec.com.tw
APA2065
Pin Description
ROUT+ 1 SHUTDOWN 2 RIN- 3 GND 4 GND 5 VOLUME 6 LOUT+ 7 LIN- 8 APA2065 PDIP-16
16 VDD 15 ROUT14 SE/BTL 13 GND 12 GND 1 1 B Y PASS 10 LOUT9 VDD
GND 1 VOLUME 2 LOUT+ 3 LIN- 4 V DD 5 LOUT- 6 BYPASS 7 GND 8 APA2065 SOP-16
16 GND 15 RIN14 SHUTDOWN 13 ROUT+ 12 VDD 11 ROUT10 SE/BTL 9 GND
Pin Function Description
Pin Name GND VOLUME LOUT+ LINLOUTBYPASS SE/BTL ROUTVDD ROUT+ SHUTDOWN RINI/P O/P I/P O/P I/P O/P O/P I/P I/P Config. Description Ground connection, Connected to thermal pad. Input signal for internal volume gain setting. Left channel positive output in BTL mode and SE mode. Left channel input terminal Left channel negative output in BTL mode and high impedance in SE mode. Bias voltage generator Output mode control input, high for SE output mode and low for BTL mode. Right channel negative output in BTL mode and high impedance in SE mode. Supply voltage for internal circuit excepting power amplifier. Right channel positive output in BTL mode and SE mode. It will be into shutdown mode when pull low. Right channel input terminal
Control Input Table
SE/BTL X L H SHUTDOWN L H H Operating mode Shutdown mode BTL out SE out
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
5
www.anpec.com.tw
APA2065
Typical Application Circuit
VDD
0.1F VDD GND
100F
1F L-Ch input 1F R-Ch input VDD
LOUT+ LIN220F 1k RIN4
Volume Control
LOUTSE/BTL
Control Pin
Ring
2.2F 50k
BYPASS
BYPASS
Tip Sleeve Headphone Jack
ROUT+ V DD 100k 100k Shutdow n Signal SHUTDOWN
Shutdown ckt
VOLUME
220F 1k
SE/BTL
SE/BTL
4 ROUT-
Volume Control Table_BTL Mode
Supply Voltage Vdd=5V
Gain(dB) 20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 High(V) 0.12 0.23 0.34 0.46 0.57 0.69 0.80 0.91 1.03 1.14 1.25 1.37 1.48 1.59 1.71 Low(V) 0.00 0.17 0.28 0.39 0.51 0.62 0.73 0.84 0.96 1.07 1.18 1.29 1.41 1.52 1.63
6
Hysteresis(mV) 52 51 50 49 47 46 45 44 43 41 40 39 38 37
Recommended Voltage(V) 0 0.20 0.31 0.43 0.54 0.65 0.77 0.88 0.99 1.10 1.22 1.33 1.44 1.56 1.67
www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
APA2065
Volume Control Table_BTL Mode (Cont.)
Supply Voltage Vdd=5V
Gain(dB) -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -30 -32 -34 -36 -38 -40 -80 High(V) 1.82 1.93 2.05 2.16 2.28 2.39 2.50 2.62 2.73 2.84 2.96 3.07 3.18 3.30 3.41 3.52 5.00 Low(V) 1.74 1.85 1.97 2.08 2.19 2.30 2.42 2.53 2.64 2.75 2.87 2.98 3.09 3.20 3.32 3.43 3.54 Hysteresis(mV) 35 34 33 32 30 29 28 27 26 24 23 22 21 20 18 17 16 Recommended Voltage(V) 1.78 1.89 2.01 2.12 2.23 2.35 2.46 2.57 2.69 2.80 2.91 3.02 3.14 3.25 3.36 3.48 5
Typical Characteristics
THD+N vs. Frequency
10
10
THD+N vs. Output Power
VDD=5V RL=3 AV=2 BTL
VDD=5V RL=3 Po=1.75W BTL
THD+N (%)
0.1
AV=10 AV=2
THD+N (%)
1
1
f=20kHz
0.1
f=1kHz
AV=5 f=20Hz
0.01 20
0.01 10m 100m 1 23
100
1k
20k
Frequency (Hz)
Output Power (W)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
7
www.anpec.com.tw
APA2065
Typical Characteristics
THD+N vs. Frequency
10
10
THD+N vs. Output Power
VDD=5V RL=4 AV=2 BTL
VDD=5V RL=4 Po=1.5W BTL
THD+N (%)
THD+N (%)
1
1
f=20kHz
0.1
AV=2 AV=5 AV=10
0.1
f=1kHz f=20Hz
0.01 20
5 0 100 200
500 1 k
2k
5k
20k
0.01 100m
200m
500m 800m
2
3
Frequency (W)
Output Power (W)
THD+N vs. Frequency
10
10
THD+N vs. Output Power
VDD=5V RL=8 AV=2 BTL
VDD=5V RL=8 Po=1.0W BTL
THD+N (%)
THD+N (%)
1
1
f=20kHz
0.1
AV=2 AV=5 AV=10
0.1
f=1kHz f=20Hz
0.01 10m
0.01 20
100
1k
20k
100m
1
2
Frequency (Hz)
Output Power (W)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
8
www.anpec.com.tw
APA2065
Typical Characteristics (Cont.)
THD+N vs. Frequency
10
THD+N vs. Output Power
10
VDD=5V RL=8 Po=250mW SE
VDD=5V RL=8 AV=2 BTL
THD+N (%)
THD+N (%)
1
1
f=20kHz
0.1
0.1
AV=1 AV=5
f=20Hz AV=2.5 f=1kHz
0.01 10m
0.01 20
100
1k
20k
100m
500m
Frequency (Hz)
Output Power (W)
THD+N vs. Frequency
10
THD+N vs. Output Power
10
VDD=5V RL=16 Po=100mW SE
VDD=5V RL=16 AV=1 BTL
THD+N (%)
THD+N (%)
1
1
f=20Hz
0.1
f=20kHz
0.1
AV=2
AV=1
AV=2.5
0.01 20
f=1kHz
5 0 100 2 0 0
500 1k
2k
5k
20k
0.01 10m
100m
300m
Frequency (Hz)
Output Power (W)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
9
www.anpec.com.tw
APA2065
Typical Characteristics (Cont.)
THD+N vs. Frequency
10
THD+N vs. Output Power
10 5
VDD=5V RL=32 Po=75mW SE
VDD=5V RL=32 AV=1 BTL
f=20kHz
THD+N (%)
0.1
AV=2.5 AV=1
THD+N (%)
1
1
0.1
f=20Hz f=1kHz
AV=5
0.01 20
100
1k
20k
0.01 10m
50m
100m
200m
Frequency (Hz)
Output Power (W)
THD+N vs. Frequency
10
THD+N vs. Output Swing
10
VDD=5V RL=10 Vo=1VRMS SE
VDD=5V RL=10 AV=1 SE
THD+N (%)
0.1
AV=2.5
AV=1
THD+N (%)
1
1
0.1
f=20kHz f=1kHz f=20Hz
AV=5
0.01 20 100 1k 20k
0.01 100m
500m
1
2
3
Frequency (Hz)
Output Swing (VRMS)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
10
www.anpec.com.tw
Note:Dropout voltage definition:VIN-VOUT when VOUT is 2% below the value of VOUT for VIN= VOUT+1V
APA2065
Typical Characteristics (Cont.)
Crosstalk vs. Frequency
+0
Crosstalk vs. Frequency
VDD=5V RL=32 -20 Po=75mW AV=1 SE
+0
VDD=5V RL=8 -20 Po=1.0W AV=2 BTL
Crosstalk (dB)
-40
Crosstalk (dB)
-40
-60
-60
-80
R-ch to L-ch L-ch to R-ch
-80
R-ch to L-ch L-ch to R-ch
-100
-100
-120 20
100
1k
20k
-120 20
100
1k
20k
Frequency (Hz)
Frequency (Hz)
Noise Floor vs. Frequency
100u 50u
Noise Floor vs. Frequency
100u 50u AV=1
VDD=5V RL=32
Noise Floor (VRMS)
Noise Floor (VRMS)
No Filter
20u
SE
20u
A-Weight
10u 5u
No Filter
10u 5u
A-Weight
2u
VDD=5V RL=8 AV=2 BTL
100 1k 20k
2u
1u 20
1u 20
100
1k
20k
Frequency (Hz)
Frequency (Hz)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
11
www.anpec.com.tw
APA2065
Typical Characteristics (Cont.)
Noise Floor vs. Frequency
100u
Power Dissipation vs. Output Power
0.2 0.18
Power Dissipation (W)
Noise Floor (VRMS)
VDD=5V RL=10K 5 0 u AV=1 SE
20u 10u
0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02
No Filter
RL=8
A-Weight
5u
RL=16
RL=32 VDD=5V AV=1 SE
0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4
2u
1u 20
0
100 1k 20k
Frequency (Hz)
Output Power (W)
Power Dissipation vs. Output Power
1.8 1.6
20 17.5
Supply Current vs. Supply Voltage
Power Dissipation (W)
Suuply Current (mA)
1.4 1.2 1 0.8 0.6
RL=3
15 12.5 10 7.5 5 2.5
BTL
RL=4
SE
RL=8
0.4 0.2 0 0 0.5 1 1.5 2 2.5
VDD=5V AV=2 BTL
No Load
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Output Power (W)
Supply Voltage (V)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
12
www.anpec.com.tw
APA2065
Typical Characteristics (Cont.)
Output Power vs. Supply Voltage
2.0 1.8 1.6
Output Power vs. Supply Voltage
160
RL=8 AV=2 BTL
140
RL=32 AV=1 SE
Output Power (mW)
Output Power (W)
120 100 80 60 40 20 0
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 2.5 3 3.5 4 4.5 5 5.5
THD+N=10%
THD+N=10%
THD+N=1%
THD+N=1%
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Supply Voltage (V)
Output Power vs. Load Resistance
3 2.5
Output Power vs. Load Resistance
0.7
VDD=5V AV=1 SE
VDD=5V AV=2 BTL
0.6
Output Power (W)
Output Power (W)
2 1.5 1
THD+N=10%
0.5 0.4 0.3 0.2 0.1 0
THD+N=1% THD+N=10%
0.5 0
THD+N=1%
4 8 12 16 20 24 28 32 36 40 44 48 52 56 60 64
4 8 12 16 20 24 28 32 36 40 44 48 52 56 6064
Load Resistance ()
Load Resistance ()
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
13
www.anpec.com.tw
APA2065
Typical Characteristics (Cont.)
Close Loop Response
+12
Close Loop Response
+6 +4
VDD=5V RL=8 +10 AV=2 BTL CO=330F
VDD=5V RL=32 AV=1 SE CO=330F
Loop Gain (dB)
+8
Loop Gain (dB)
+2
+6
+0
+4
AV=2 AV=5 AV=10
-2
AV=1 AV=2.5 AV=5
+2
-4
-0 20
100
1k
20k
-6 20
100
1k
20k
Frequency (Hz)
Frequency (Hz)
PSRR vs. Frequency
+0
Ripple Rejection Ratio (dB)
-20
VDD=5V Vin=100mVRMS RL=8 Cbypass=2.2F BTL
TT
-40
-60
SE
-80
20
100
1k
20k
Frequency (Hz)
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
14
www.anpec.com.tw
APA2065
Application Descriptions
BTL Operation The APA2065 output stage (power amplifier) has two pairs of operational amplifiers internally, allowed for different amplifier configurations. Four times the output power same conditions. A BTL configuration, such as the one used in APA2065, also creates a second advantage over SE amplifiers. Since the differential outputs, ROUT+, ROUT-, LOUT+, and LOUT-, are biased at half-supply, no need DC voltage exists across the load. This eliminates the need for an output coupling capacitor which is required in a single supply, SE configuration. Single-Ended Operation
RL OUTOP2
OUT+
Volume Control amplifier output signal
OP1
Vbias Circuit
Figure 1: APA2065 internal configuration (each channel) The power amplifier' OP1 gain is setting by internal s unity-gain and input audio signal is come from internal volume control amplifier, while the second amplifier OP2 is internally fixed in a unity-gain, inverting configuration. Figure 1 shows that the output of OP1 is connected to the input to OP2, which results in the output signals of with both amplifiers with identical in magnitude, but out of phase 180. Consequently, the differential gain for each channel is 2 x (Gain of SE mode). By driving the load differentially through outputs OUT+ and OUT-, an amplifier configuration commonly referred to as bridged mode is established. BTL mode operation is different from the classical single-ended SE amplifier configuration where one side of its load is connected to ground. A BTL amplifier design has a few distinct advantages over the SE configuration, as it provides differential drive to the load, thus doubling the output swing for a specified supply voltage.
Consider the single-supply SE configuration shown Application Circuit. A coupling capacitor is required to block the DC offset voltage from reaching the load. These capacitors can be quite large (approximately 33F to 1000F) so they tend to be expensive, occupy valuable PCB area, and have the additional drawback of limiting low-frequency performance of the system (refer to the Output Coupling Capacitor). The rules described still hold with the addition of the following relationship: 1 (1) 1 << 1 Cbypass x 125k RiCi RLCC Output SE/BTL Operation The ability of the APA2065 to easily switch between BTL and SE modes is one of its most important costs saving features. This feature eliminates the requirement for an additional headphone amplifier in applications where internal stereo speakers are driven in BTL mode but external headphone or speakers must be accommodated. Internal to the APA2065, two separate amplifiers drive OUT+ and OUT- (see Figure 1). The SE/BTL input controls the operation of the follower amplifier that drives LOUT- and ROUT-. * When SE/BTL is held low, the OP2 is turn on and the APA2065 is in the BTL mode.
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
15
www.anpec.com.tw
APA2065
Application Descriptions (Cont.)
Output SE/BTL Operation (Cont.) * When SE/BTL is held high, the OP2 is in a high output impedance state, which configures the APA2065 as SE driver from OUT+. IDD is reduced by approximately one-half in SE mode. Control of the SE/BTL input can be a logic-level TTL source or a resistor divider network or the stereo headphone jack with switch pin as shown in Application Circuit. VOLUME input pin. The APA2065 volume control consists of 32 steps that are individually selected by a variable DC voltage level on the VOLUME control pin. The range of the steps, controlled by the DC voltage, are from 20dB to -80dB. Each gain step corresponds to a specific input voltage range, as shown in table. To minimize the effect of noise on the volume control pin, which can affect the selected gain level, hysteresis and clock delay are implemented. The amount of hysteresis corresponds to half of the step width, as shown in volume control graph.
G n B Lm d a_ T oe i 2 0 APA2021volumecontrolcurve Forward Backward
1k VDD 100k SE/BTL
Sleeve Control Pin Ring
1 6 1 2 8 4 0 -4 -8 -12 -16
Tip
Headphone Jack
Figure 2: SE/BTL input selection by phonejack plug In Figure 2, input SE/BTL operates as follows : When the phonejack plug is inserted, the 1k resistor is disconnected and the SE/BTL input is pulled high and enables the SE mode. When the input goes high, the OUT- amplifier is shutdown causing the speaker to mute. The OUT+ amplifier then drives through the output capacitor (CC) into the headphone jack. When there is no headphone plugged into the system, the contact pin of the headphone jack is connected from
-20 -24 -28 -32 -36 -40 -44 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 (V )
Figure 3: Gain setting vs VOLUME pin voltage For highest accuracy, the voltage shown in the ` recommended voltage'column of the table is used to select a desired gain. This recommended voltage is exactly halfway between the two nearest transitions. The gain levels are 2dB/step from 20dB to -40dB in BTL mode, and the last step at -80dB as mute mode. Input Resistance, Ri The gain for each audio input of the APA2065 is set by the internal resistors (Ri and Rf) of volume control amplifier in inverting configuration.
16 www.anpec.com.tw
t sgnal n, the voltage divider set up by resistors he i pi
100k and 1k. Resistor 1k then pulls low the SE/BTL pin, enabling the BTL function. Volume Control Function APA2065 has an internal stereo volume control whose setting is a function of the DC voltage applied to the
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
APA2065
Application Descriptions (Cont.)
Input Resistance, Ri (Cont.) RF SE Gain = AV = Ri RF BTL Gain = -2 x Ri (2) (3) The value of Ci is important to consider as it directly affects the low frequency performance of the circuit. Consider the example where Ri is 10k and the specification calls for a flat bass response down to 100Hz. Equation is reconfigured as follow : Ci= 1 2x10kxfC (5)
BTL mode operation brings the factor of 2 in the gain equation due to the inverting amplifier mirroring the voltage swing across the load. For the varying gain setting, APA2065 generates each input resistance on figure 4. The input resistance will affect the low frequency performance of audio signal. The minmum input resistance is 10k when gain setting is 20dB and the resistance will ramp up when close loop gain below 20dB. The input resistance has wide variation (+/-10%) caused by process variation.
Ri(k) 120 100 80 60 40 20
Consider to input resistance variation, the Ci is 0.16F so one would likely choose a value in the range of 0.22F to 1.0F. A further consideration for this capacitor is the leakage path from the input source through the input network (Ri+Rf, Ci) to the load. This leakage current creates a DC offset voltage at the input to the amplifier that reduces useful headroom, especially in high gain applications. For this reason a low-leakage tantalum or ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the capacitor should face the amplifier input in most applications as the DC level there is held at VDD/2, which is likely higher that the source DC level. Please note that it is important to confirm the capacitor polarity in the application. Effective Bypass Capacitor, Cbypass
Ri vs Gain(BTL)
0 -40 -30 -20 -10 0 10 20 Gain(dB)
Figure 4: Input resistance vs Gain setting Input Capacitor, Ci In the typical application an input capacitor, Ci, is required to allow the amplifier to bias the input signal to the proper DC level for optimum operation. In this case, Ci and the minimum input impedance Ri (10k) form a high-pass filter with the corner frequency determined in the follow equation: FC(highpass)= 1 2x10kxCi (4)
As other power amplifiers, proper supply bypassing is critical for low noise performance and high power supply rejection. The capacitors located on both the bypass and power supply pins should be as close to the device as possible. The effect of a larger bypass capacitor will improve PSRR due to increased supply stability. Typical applications employ a 5V regulator with 1.0F and a 0.1F bypass capacitor as supply filtering. This does not eliminate the need for bypassing the supply nodes of the APA2065. The selection of bypass capacitors, especially Cbypass, is thus dependent upon desired PSRR requirements, click and pop performance.
17 www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
APA2065
Application Descriptions (Cont.)
Effective Bypass Capacitor, Cbypass (Cont.) To avoid start-up pop noise occurred, the bypass voltage should rise slower than the input bias voltage and the relationship shown in equation (6) should be maintained. 1 1 << (6) Cbypass x 125k 100k x Ci The bypass capacitor is fed thru from a 125k resistor inside the amplifier and the 100k is maximum input resistance of (Ri+ Rf). Bypass capacitor, Cb, values of 3.3F to 10F ceramic or tantalum low-ESR capacitors are recommended for the best THD and noise performance. The bypass capacitance also effects to the start up time. It is determined in the following equation: Tstart up = 5 x (Cbypass x 125K) Output Coupling Capacitor, Cc In the typical single-supply SE configuration, an output coupling capacitor (Cc) is required to block the DC bias at the output of the amplifier thus preventing DC currents in the load. As with the input coupling capacitor, the output coupling capacitor and impedance of the load form a high-pass filter governed by equation. FC(highpass)= 1 2RLCC (8) (7) for power amplifier only and VDD is used for volume control amplifier and internal circuit excepting power amplifier. The APA2065 is a high-performance CMOS audio amplifier that requires adequate power supply decoupling to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also prevents the oscillations causing by long lead length between the amplifier and the speaker. The optimum decoupling is achieved by using two different type capacitors that target on different type of noise on the power supply leads. For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically 0.1F placed as close as possible to the device VDD lead works best. For filtering lower-frequency noise signals, a large aluminum electrolytic capacitor of 10F or greater placed near the audio power amplifier is recommended. Optimizing Depop Circuitry Circuitry has been included in the APA2065 to minimize the amount of popping noise at power-up and when coming out of shutdown mode. Popping occurs whenever a voltage step is applied to the speaker. In order to eliminate clicks and pops, all capacitors must be fully discharged before turn-on. Rapid on/off switching of the device or the shutdown function will cause the click and pop circuitry. The value of Ci will also affect turn-on pops (Refer to Effective Bypass Capacitance). The bypass voltage ramp up should be slower than input bias voltage. Although the bypass pin current source cannot be modified, the size of Cbypass can be changed to alter the device turn-on time and the amount of clicks and pops. By increasing the value of Cbypass, turn-on pop can be reduced. However, the tradeoff for using a larger bypass capacitor is to increase the turn-on time for this device. There is a linear relationship between the
18 www.anpec.com.tw
For example, a 330F capacitor with an 8 speaker would attenuate low frequencies below 60.6Hz.The main disadvantage, from a performance standpoint, is the load impedance is typically small, which drives the low-frequency corner higher degrading the bass response. Large values of CC are required to pass low frequencies into the load. Power Supply Decoupling, Cs The APA2065 provides two independent power inputs for right channel and left channel used. PVDD is used
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
APA2065
Application Descriptions (Cont.)
Optimizing Depop Circuitry (Cont.) size of Cbypass and the turn-on time. In a SE configuration, the output coupling capacitor, CC, is of particular concern. This capacitor discharges through the internal 10k resistors. Depending on the size of CC, the time constant can be relatively large. To reduce transients in SE mode, an external 1k resistor can be placed in parallel with the internal 10k resistor. The tradeoff for using this resistor is an increase in quiescent current. In the most cases, choosing a small value of Ci in the range of 0.33F to 1F, Cb being equal to 4.7F and an external 1k resistor should be placed in parallel with the internal 10k resistor should produce a virtually clickless and popless turn-on. A high gain amplifier intensifies the problem as the small delta in voltage is multiplied by the gain. So it is advantageous to use low-gain configurations. Shutdown Function In order to reduce power consumption while not in use, the APA2065 contains a shutdown pin to externally turn off the amplifier bias circuitry. This shutdown feature turns the amplifier off when a logic low is placed on the SHUTDOWN pin. The trigger point between a logic high and logic low level is typically 2.0V. It is best to switch between ground and the supply VDD to provide maximum device performance. By switching the SHUTDOWN pin to low, the amplifier enters a low-current state, I DD<50A. On normal operating, SHUTDOWN pin pull to high level to keeping the IC out of the shutdown mode. The SHUTDOWN pin should be tied to a definite voltage to avoid unwanted state changes. Clock Generator APA2065 integrates a clock block 130kHz to avoid volume control function abnormal when VOLUME control signal with spike or noise. APA2065 changes each step of volume gain after four clock cycles to make sure control signal ready. BTL Amplifier Efficiency An easy-to-use equation to calculate efficiency starts out as being equal to the ratio of power from the power supply to the power delivered to the load. The following equations are the basis for calculating amplifier efficiency. Efficiency = Where : PO = VORMS x VORMS = VPxVP RL 2RL VORMS = VP 2 (10) (11) PO PSUP (9)
PSUP = VDD x IDDAVG = VDD x 2VP RL Efficiency of a BTL configuration : PO VPxVP ) / (VDD x 2VP ) = VP =( 4VDD PSUP RL 2RL
(12)
Note that the efficiency of the amplifier is quite low for lower power levels and rises sharply as power to the load is increased resulting in a nearly flat internal power dissipation over the normal operating range. Note that the internal dissipation at full output power is less than in the half power range. Calculating the efficiency for a specific system is the key to proper power supply design. For a stereo 1W audio system with 8 loads and a 5V supply, the maximum draw on the power supply is almost 3W. A final point to remember about linear amplifiers (either SE or BTL) is how to manipulate the terms in the efficiency equation to utmost advantage when possible. Note that in equation, V DD is in the
19 www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
APA2065
Application Descriptions (Cont.)
BTL Amplifier Efficiency (Cont.) denominator. This indicates that as VDD goes down, efficiency goes up. In other words, use the efficiency analysis to choose the correct supply voltage and speaker impedance for the application.
Po (W) Efficiency (%) IDD(A) VPP(V) PD (W) 0.25 0.50 1.00 1.25 31.25 47.62 66.67 78.13 0.16 0.21 0.30 0.32 2.00 2.83 4.00 4.47 0.55 0.55 0.5 0.35
assuming a 5V-power supply and an 8 load, must not be greater than the power dissipation that results from the equation15: PD,MAX= TJ,MAX - TA JA (15)
For DIP-16 package with thermal pad, the thermal resistance (JA) is equal to 45C/W. Since the maximum junction temperature (TJ,MAX) of APA2065 is 150C and the ambient temperature (TA) is defined by the power system design, the maximum power dissipation which the IC package is able to handle can be obtained from equation15. Once the power dissipation is greater than the maximum limit (PD,MAX), either the supply voltage (VDD) must be decreased, the load impedance (RL) must be increased or the ambient temperature should be reduced.
**High peak voltages cause the THD to increase. Table 1. Efficiency Vs Output Power in 5-V/8 BTL Systems Power Dissipation Whether the power amplifier is operated in BTL or SE modes, power dissipation is a major concern. In equation13 states the maximum power dissipation point for a SE mode operating at a given supply voltage and driving a specified load. VDD2 (13) SE mode : PD,MAX= 2 2 RL In BTL mode operation, the output voltage swing is doubled as in SE mode. Thus the maximum power dissipation point for a BTL mode operating at the same given conditions is 4 times as in SE mode. BTL mode : PD,MAX= 4VDD2 22RL (14)
Since the APA2065 is a dual channel power amplifier, the maximum internal power dissipation is 2 times that both of equations depending on the mode of operation. Even with this substantial increase in power dissipation, the APA2065 does not require extra heatsink. The power dissipation from equation14,
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005 20 www.anpec.com.tw
APA2065
Packaging Information
PDIP-16 pin ( Reference JEDEC Registration MS-001)
D E c E1
eB
s Q1 A2 A1 A3 e b2
Millimeters Min. 0.38 3.17 2.92 0.36 1.14 0.76 0.20 18.632 7.605BSC 6.223 2.54BSC 8.492 1.397 0.58 3 9.506 1.651 0.84 8
21
A
b
b3
Inches
Dim A A1 A2 A3 b b2 b3 c D E E1 e eB Q1 s
Rev. A.4 - Aug., 2005
Max. 5.32 3.42 3.80 0.56 1.78 1.14 0.36 19.646 6.477
Min. 0.015 0.125 0.115 0.014 0.045 0.030 0.008 0.735 0.300BSC 0.245 0.100BSC 0.335 0.055 0.023 3
Max. 0.210 0.135 0.150 0.022 0.070 0.045 0.014 0.775 0.255 0.375 0.065 0.033 8
www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp.
APA2065
Package Information
SO - 300mil ( Reference JEDEC Registration MS-013)
D N
H
E
GAUGE PLANE
123 A e B A1 L
1
Millimeters Dim A A1 B D E e H L N 1 Min. 2.35 0.10 0.33 Max. 2.65 0.30 0.51
Variations- D Variations SO-16 SO-18 SO-20 SO-24 SO-28 SO-14 Min. 10.10 11.35 12.60 15.20 17.70 8.80 Max. 10.50 11.76 13 15.60 18.11 9.20 Dim A A1 B D E e H L N 1
Inches Min. 0.093 0.004 0.013 Max. 0.1043 0.0120 0.020
Variations- D Variations SO-16 SO-18 SO-20 SO-24 SO-28 SO-14 Min. 0.398 0.447 0.496 0.599 0.697 0.347 Max. 0.413 0.463 0.512 0.614 0.713 0.362
See variations 7.40 7.60
See variations 0.2914 0.2992
1.27BSC 10 0.40 10.65 1.27
0.050BSC 0.394 0.016 0.419 0.050
See variations 0 8
See variations 0 8
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
22
www.anpec.com.tw
APA2065
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
TP Ramp-up
tp Critical Zone T L to T P
Temperature
TL Tsmax
tL
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Time
Classificatin Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (T L) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
23 www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
APA2065
Classificatin Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperature s Package Thickness Volume mm 3 Volume mm 3 <350 350 <2.5 mm 240 +0/-5C 225 +0/-5C 2.5 mm 225 +0/-5C 225 +0/-5C
Table 2. Pb-free Process - Package Classification Reflow Temperatures Package Thickness Volume mm 3 Volume mm 3 Volume mm 3 <350 350-2000 >2000 <1.6 mm 260 +0C* 260 +0C* 260 +0C* 1.6 mm - 2.5 mm 260 +0C* 250 +0C* 245 +0C* 2.5 mm 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0C. For example 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST ESD Latch-Up Method MIL-STD-883D-2003 MIL-STD-883D-1005.7 JESD-22-B,A102 MIL-STD-883D-1011.9 MIL-STD-883D-3015.7 JESD 78 Description 245C, 5 SEC 1000 Hrs Bias @125C 168 Hrs, 100%RH, 121C -65C~150C, 200 Cycles VHBM > 2KV, VMM > 200V 10ms, 1 tr > 100mA
Carrier Tape & Reel Dimensions
t E Po P P1 D
W
F
Bo
Ao
D1
Ko
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
24
www.anpec.com.tw
APA2065
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
A 330 1
B 100 +2 D 1.5 +0.1
C 13+ 0.5 D1
J 2 0.5 Po
T1 T2 16.4 +0.3 2.5 0.5 -0.2 P1 Ao
W 16 0.2 Bo
P 12 0.1 Ko
E 1.750.1 t
SOP- 16
F 7.5 0.1
1.5+ 0.25 4.0 0.1
2.0 0.1 10.9 0.1 10.8 0. 1 3.0 0.1 0.30.013
(mm)
Cover Tape Dimensions
Application SOP- 16 Carrier Width 24 Cover Tape Width 21.3 Devices Per Reel 1000
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. A.4 - Aug., 2005
25
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APA2065J-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X