Part Number Hot Search : 
V300A48 G25AV HV37S HV37S HV37S B1125 M40Z111 N40999DE
Product Description
Full Text Search
 

To Download 8C443 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT INFORMATION
1300nm 8C443 1550nm PIN/Preamp Datacom, Telecom
PRE
LI
Y/ NAR MI
This device consists of a PIN photodiode and a transimpedance amplifier assembled in a TO-46 package. It is designed for FDDI, ATM and SDH/Sonet up to 155 Mbps. The AGC (Automatic Gain Control) ensures a wide dynamic range. Its double-lens optical system is designed for single-mode fiber as well as for multimode fiber with core diameter up to 62.5m.
Optical and Electrical Characteristics
PARAMETER SYMBOL MIN. TYP . MAX. UNIT
(25 C Case Temperature) TEST CONDITION
Responsivity, single ended differential Output Voltage
(differential, peak to peak)
R Vo fc NEP S 36 Ro IDD
100 200 1.2 140 15 -39 40 50 32 40
kV/W V MHz nW dBm
=1300 nm Note 1
Bandwidth
(3dBel )
Pf =1 W =1300 nm =1300 nm Extinction Ratio=0
Noise-Equivalent Power Sensitivity
(BER 10-9)
Dynamic Range Output Resistance
(differential)
dB
Power Supply Current
mA
Operating Conditions: See table below. Fiber: Single-mode to multimode 62.5/125m. Note 1: Pf =1 W average power at 10MHz/50% duty cycle.
Absolute Maximum Ratings
PARAMETER SYMBOL MiN. MAX. UNIT
Supply Voltage
O4.7 O1.5 0.6
VDD-VSS Top Tstg
0 -40 -55
6.0 85 125
V C C
Operating Temperature Storage Temperature
3.7
14
Recommended Operating Conditions
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
0.4
Supply Voltage Output Differential Load
DATA OUT
VDD-VSS RL
4.5 1
5.0 3
5.25
V k
____
DATA OUT
VDD
CASE, VSS
2.5 5.4 BOTTOM VIEW
All dimensions in mm
VDD
Data out
____
TO-46 Package With Lens
Data out
VSS
Functional schematic
13451.11 1998-02-04
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
Clip for SC-2A
R 1.00 3.3000
5.6000 80,000 20.8200
0.5000
10,2500
10.3000
4.9500
0.5000 4.5000
5.0800
3.6450
Clip for Pigtail-3A
10.70 0.50
10.25
10.30
4.95
0.50 4.50 0.85 5.08
3.65
PRODUCT INFORMATION ST -2A
Package
Emitter or Detector in ST (R) Package
Mitel emitters and detectors can be provided in this low-profile ST (R) package. The device is electrically isolated from the ST (R) receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
ST-2A (Note 1)
Tstg , Top
-40 to +85 C
Note 1: Temperature range can be extended to -55 to +125C on request.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 2)
Rthcc Rthca Rthca 80
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 2)
Thermal Resistance - On PC Board
(Note 2)
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
2-56 UNC - 2B max.0.5 3/8"-32 UNEF FIBER END
MARKING SIDE SLOT SIDE
0.006
O2.502 +0.01 0
12.7
9.5
O2.5 +0 -0.004
7.89
7.6 min.12
3.9 5.4 20.1 MATING FERRULE* (not included)
All Dimensions in mm
*The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in ST-2A Housing
(ST is a registered trademark of AT&T)
103326 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION SMA-2A
Package
Emitter or Detector in SMA Package
Mitel emitters and detectors can be provided in this low-profile SMA package. The device is electrically isolated from the SMA receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
SMA-2A (Note 1)
Tstg , Top
-40 to +85 C
Note 1: Temperature range can be extended to -55 to +125C on request.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 2)
Rthcc Rthca Rthca 80
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 2)
Thermal Resistance - On PC Board
(Note 2)
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
2-56 UNC - 2B max.0.5
12.7
9.5
O3.176 +0.01 0
1/4"-36UNS
MARKING SIDE
FIBER END
O3.174 +0 -0.004
0.006 3.9 7.2 min.12 5.7 15.2
9.8 0.03
MATING FERRULE* (not included)
All Dimensions in mm
*The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in SMA-2A Housing
103325 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION SC-2A
Package
Emitter or Detector in SC Package
Mitel emitters and detectors can be provided in this low-profile SC package. The device is electrically isolated from the SC receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber..
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
Tstg , Top
-40 to +85 C
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 1)
Rthcc Rthca Rthca 125
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 1)
Thermal Resistance - On PC Board
(Note 1)
Note 1: Add Rthjc for emitter or detector to estimate the total thermal resistance.
2.5
O2.3
1. 4 x4
12
MARKING / SLOT SIDE
0.006 13 FIBER END
O2.5 +0 -0.004
O7.5
22
18
7.95 MATING FERRULE* (not included)
8.9
min. 12
18
All Dimensions in mm
* The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in SC-2A Housing
105967 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION Pigtail-3A
Package
Emitter or Detector in Pigtail Package
Mitel emitters and detectors can be provided in this pigtail package with a wide selection of fiber types. The device is electrically isolated from the pigtail receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber. A special design maximizes the return loss for detectors in this package.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature (Note 1 & 2)
Tstg , Top
- 40 to +85 C
Note 1: Temperature range can be extended to -55/+125 C on request. Note 2: Temperature range may be limited by the specification of the fiber.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 3)
Rthcc Rthca Rthca 120
25 250
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 3)
Thermal Resistance - On PC-Board
(Note 3)
Note 3: Add Rthjc for LED to estimate the total thermal resistance.
Optical Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Return Loss 10/125 m fiber (PIN only)
RL
40
55
dB
MARKING
O6.00
O6
min.12
13
All Dimensions in mm
Mechanical Outline of Diode in PIGTAIL-3A Housing
105429 1997-07-03
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION FC-2A
Package
Emitter or Detector in FC Package
Mitel emitters and detectors can be provided in this low-profile FC package. The device is electrically isolated from the FC receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
FC-2A (Note 1)
Tstg , Top
-40 to +85 C
Note 1: Temperature range can be extended to -55 to +125C on request.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 2)
Rthcc Rthca Rthca 80
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 2)
Thermal Resistance - On PC Board
(Note 2)
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
min.12
5.6
2.0
5.50
O 2.2
MARKING/ SLOT SIDE
0.006 O 2.5 13.4 FIBER END
O2.5 M8x0.75 Thread +0 -0.004
19
08
7.95 MATING FERRULE* (not included)
9.2
max. 0.5
All Dimensions in mm
* The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in FC-2A Housing
105515 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of 8C443

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X