Part Number Hot Search : 
SMBJ22CA NTE15 KSD02 MB91307 SPN1001 U1600A MC33074 B1517
Product Description
Full Text Search
 

To Download 60R025-PB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
60R Series
Description The 60R Series radial leaded device is designed to provide overcurrent protection for (60V) applications where space is not a concern and resettable protection is preferred. Features lead-free epoxy polymer insulating material meets UL 94V-0 requirements
Agency Approvals
AGENCY AGENCY FILE NUMBER E183209 R50119318
Applications and peripherals
Electrical Characteristics
Maximum Time To Trip Current (A) 0.50 1.00 1.25 1.50 2.00 2.50 3.25 3.75 4.50 5.50 6.75 8.00 9.25 12.50 15.00 18.75 Time (Sec.) 4.00 2.20 2.50 3.00 3.80 4.00 5.30 6.30 7 .20 8.20 9.60 11.40 12.60 15.60 19.80 24.00 Resistance R min () 2.500 1.830 1.250 0.880 0.550 0.500 0.310 0.250 0.200 0.150 0.120 0.090 0.080 0.050 0.040 0.030 R 1max () 7 .500 4.400 3.000 2.100 1.290 1.170 0.720 0.600 0.470 0.380 0.300 0.220 0.190 0.130 0.100 0.080
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
Part Number
I hold (A) 0.10 0.20 0.25 0.30 0.40 0.50 0.65 0.75 0.90 1.10 1.35 1.60 1.85 2.50 3.00 3.75
I trip (A) 0.20 0.40 0.50 0.60 0.80 1.00 1.30 1.50 1.80 2.20 2.70 3.20 3.70 5.00 6.00 7 .50
V max (Vdc) 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60
I max (A) 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
Pd max. (W) 0.38 0.41 0.45 0.49 0.56 0.77 0.88 0.92 0.99 1.50 1.70 1.90 2.10 2.50 2.80 3.20
Agency Approvals
60R010 60R020 60R025 60R030 60R040 60R050 60R065 60R075 60R090 60R110 60R135 60R160 60R185 60R250 60R300 60R375
I hold = Hold current: maximum current device will pass without tripping in 20C still air. I trip = Trip current: minimum current at which the device will trip in 20C still air. V max = Maximum voltage device can withstand without damage at rated current (I max) I max = Maximum fault current device can withstand without damage at rated voltage (Vmax) Pd = Power dissipated from device when in the tripped state at 20C still air.
R min = Minimum resistance of device in initial (un-soldered) state. R typ = Typical resistance of device in initial (un-soldered) state. R 1max = Maximum resistance of device at 20C measured one hour after tripping or reflow soldering of 260C for 20 sec. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
Revised: October 24, 2008
60R Series
60R Series
POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
Temperature Rerating
Ambient Operation Temperature -40C Part Number 60R010 60R020 60R025 60R030 60R040 60R050 60R065 60R075 60R090 60R110 60R135 60R160 60R185 60R250 60R300 60R375 0.16 0.31 0.39 0.47 0.62 0.78 1.01 1.16 1.40 1.71 2.09 2.48 2.87 3.88 4.65 5.81 0.14 0.27 0.34 0.41 0.54 0.68 0.88 1.02 1.22 1.50 1.84 2.18 2.52 3.40 4.08 5.10 0.12 0.24 0.30 0.36 0.48 0.60 0.77 0.89 1.07 1.31 1.61 1.90 2.20 2.98 3.57 4.46 0.10 0.20 0.25 0.30 0.40 0.50 0.65 0.75 0.90 1.10 1.35 1.60 1.85 2.50 3.00 3.75 -20C 0C 23C 40C Hold Current (A) 0.08 0.16 0.20 0.24 0.32 0.41 0.53 0.61 0.73 0.89 1.09 1.30 1.50 2.03 2.43 3.04 0.07 0.14 0.18 0.22 0.29 0.36 0.47 0.54 0.65 0.79 0.97 1.15 1.33 1.80 2.16 2.70 0.06 0.13 0.16 0.19 0.25 0.32 0.41 0.47 0.57 0.69 0.85 1.01 1.17 1.58 1.89 2.36 0.05 0.11 0.14 0.16 0.22 0.27 0.35 0.41 0.49 0.59 0.73 0.86 1.00 1.35 1.62 2.03 0.04 0.08 0.10 0.12 0.16 0.20 0.26 0.30 0.36 0.44 0.54 0.64 0.74 1.00 1.20 1.50 50C 60C 70C 85C
Average Time Current Curves
0.200A 0.250A 0.300A 0.400A 0.500A 0.650A 0.750A 0.900A 1.10A 1.35A 1.60A 1.85A 2.50A 3.00A 3.75A
Temperature Rerating Curve
170%
Percentage of Rated Current
100000
60R
150% 130% 110% 90% 70% 50% 30% 10%
10000
1000
Time in Seconds
100
10
-40 -30 -20
-10
0
10
20 30 40 Temperature (C)
50
60
70
80
1
0.1
0.01 0.1 1 10 100
Current in Amperes
The average time current curves and Temperature Rerating curve performance is affected by a number or variables, and these curves provided as guidance only. Customer must verify the performance in their application.
60R Series
Revised: October 24, 2008
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
Soldering Parameters - Wave Soldering
Refer to the condition recommended by the flux manufacturer. Max. ramping rate should not exceed 4C/ Sec. Max. solder temperature should not exceed 260C Cooling by natural convection in air.
0 60 min. 5 max. Time(s)
Pre-Heating Zone
260 220 Temperature (C)
Soldering
Cooling
Preheating 190 160
Soldering Zone
Cooling Zone
Physical Specifications
.20-.40A: Tin-plated Copper clad steel .50-3.75A: Tin-plated Copper Solderability per MIL-STD-202, Method 208E Cured, flame retardant epoxy polymer meets UL94V-0 requirements. Marked with `LF', voltage, current rating, and date code.
Environmental Specifications
Operating/Storage Temperature Maximum Device Surface Temperature in Tripped State Passive Aging
Lead Material Soldering Characteristics Insulating Material Device Labeling
-40C to +85C 125C
Humidity Aging
+85C, 85% R.H.,1000 hours -/+ 5% typical resistance change +85C to -40C 10 times -/+ 5% typical resistance change MIL-STD-202, Method 215F Level 2, J-STD-020C
Thermal Shock
Solvent Resistance Moisture Resistance Level
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
Revised: October 24, 2008
60R Series
60R Series
+85C, 1000 hours -/+ 5% typical resistance change
POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
Dimensions
A E
Part Marking System
Single Sided Marking
Littelfuse Trademark
050X XXXX
60
Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information)
B
D C
A Part Number Inches Max. 60R010 60R020 60R025 60R030 60R040 60R050 60R065 60R075 60R090 60R110 60R135 60R160 60R185 60R250 60R300 60R375 0.29 0.29 0.29 0.29 0.30 0.31 0.37 0.40 0.44 0.51 0.53 0.60 0.66 0.78 0.91 1.04 mm Max. 7 .4 7 .4 7 .4 7 .4 7 .6 7 .9 9.4 10.2 11.2 13 13.58 15.36 16.76 19.93 23.11 26.3
B Inches Max. 0.50 0.46 0.50 0.50 0.53 0.54 0.57 0.59 0.62 0.72 0.78 0.85 0.91 1.03 1.15 1.22 mm Max. 12.7 11.7 12.7 12.7 13.5 13.7 14.5 15 15.8 18.2 19.8 21.6 23 26.2 29.3 31.1
C Inches Typ. 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.40 0.40 0.40 mm Typ. 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 10.2 10.2 10.2
D Inches Min. 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 mm Min. 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6 7 .6
E Inches Max. 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 mm Max. 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1 3.1
Physical Characteristics Lead (dia) Inches 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.03 0.03 0.03 0.03 0.03 0.03 0.03 mm 0.51 0.51 0.51 0.51 0.51 0.51 0.51 0.51 0.51 0.81 0.81 0.81 0.81 0.81 0.81 0.81 Material Sn/CuFe Sn/CuFe Sn/CuFe Sn/CuFe Sn/CuFe Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu
60R Series
Revised: October 24, 2008
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
Part Ordering Number System
60 R 250
X MR
PACKAGING STYLE BLANK: Bulk R: Tape & Ammo
SERIES
QUANTITY CODE: F=200 H=100 M=1000 P=2000 U=500 TYPE: X (60VDC) I HOLD CURRENT CODE (SEE TABLE BELOW) R: RADIAL
VOLTAGE RATING (VDC)
Packaging
Part Number 60R010 Ordering Number 60R010XU 60R010XPR 60R020XU 60R020XPR 60R025XU 60R025XPR 60R030XU 60R030XPR 60R040XU 60R040XPR 60R050XU 60R050XPR 60R065XU 60R065XPR 60R075XU 60R075XPR 60R090XU 60R090XPR 60R110XU 60R110XMR 60R135XF 60R135XMR 60R160XF 60R160XMR 60R185XF 60R185XMR 60R250XF 60R250XMR 60R300XF 60R375XH I hold (A) 0.10 I hold Code 010 Packaging Option Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Tape and Ammo Bulk Bulk Quantity 500 2000 500 2000 500 2000 500 2000 500 2000 500 2000 500 2000 500 2000 500 2000 500 1000 200 1000 200 1000 200 1000 200 1000 200 100 Quantity & Packaging Codes U PR U PR U PR U PR U PR U PR U PR U PR U PR U MR F MR F MR F MR F MR F H
60R020
0.20
020
60R025
0.25
025
60R030
0.30
030
60R040
0.40
040
60R050
0.50
050
60R065
0.65
065
60R075
0.75
075
60R090
0.90
090
60R110
1.10
110
60R135
1.35
135
60R160
1.60
160
60R185
1.85
185
60R250 60R300 60R375
2.50 3.00 3.75
250 300 375
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
Revised: October 24, 2008
60R Series
60R Series
POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
Tape and Ammo Specifications
Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.
Dimensions Dimension EIA Mark IEC Mark Dim. (mm) Tol. (mm)
Carrier tape width Hold down tape width Top distance between tape edges Sprocket hole position Sprocket hole diameter* Abscissa to plane(straight lead) Abscissa to plane(kinked lead) Abscissa to top 60R010-60R090 Abscissa to top 60R110-60R300 Overall width without lead protrusion:60R010-60R090 Overall width without lead protrusion:60R110-60R300 Overall width with lead protrusion:60R010-60R090 Overall width with lead protrusion:60R110-60R300 Lead protrusion Protrusion of cut out Protrusion beyond hold-down tape Sprocket hole pitch:60R010-60R090 Sprocket hole pitch:60R110-60R300 Pitch tolerance Device pitch:60R010-60R090 Device pitch:60R110-60R300 Tape thickness Tape thickness with splice Splice sprocket hole alignment Body lateral deviation Body tape plane deviation Ordinate to adjacent component lead*:60R010-60R090 Ordinate to adjacent component lead*:60R110-60R300 Lead spacing:60R010-60R185 Lead spacing:60R250-60R300
W W4 W6 W5 D0 H H0 H1 H1 C1
W W0 W2 W1 D0 H H0 H1
18 11 3 9 4 18.5 16 32.2 47 .5 42.5 57
-0.5 / +1.0 min. max. -0.5 / +0.75 -0.32 / +0.2 -/+ 3.0 -/+ 0.5 max. max. max.
C2
43.2 58
max.
L1 L l2 P0 P0
l1 L l2 P0 P0
1.0 11 Not specified 12.7 25.4 20 consecutive. 12.7 25.4
max. max.
-/+ 0.3 -/+ 0.5 -/+ 1
t t1
t
0.9 2.0 0
max. max. -/+ 0.3 -/+ 1.0 -/+ 1.3 -/+ 0.7 -/+ 0.7 -/+ 0.8 -/+ 0.8
h p P1
h p P1
0 0 3.81 7 .62
F F
F F
5.08 10.18
*Differs from EIA Specification
60R Series
Revised: October 24, 2008
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
POLYFUSE(R) Resettable PTCs
Radial Leaded > 60R Series
Tape and Ammo Diagram
h
h
Figure 1
Reference plane
h
p
H1 L I2 L1
A1 F A B H0 W4 W5 W
H1 C 1 H C2
P0
D0
Direction of unreeling Cross section A - B
t
(c)2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/60R.html for current information.
Revised: October 24, 2008
60R Series
60R Series


▲Up To Search▲   

 
Price & Availability of 60R025-PB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X