Part Number Hot Search : 
6TPB100 M51952BL TDA154 SN65HV 20101 PFZ170A G2561 1N555
Product Description
Full Text Search
 

To Download 4AM01MH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7430
4AM01MH5
ExPD (Excellent Power Device)
4AM01MH5
High-side Switch
Features
*
Package Dimensions
unit : mm 2217
[4AM01MH5]
0.25
* * *
High-side switch. (Inverter input) Enable to 25 voltage operation. Low power-loss. Pch MOSFET open drain output.
0.3
0.15
4
2.1 1.6
5
Truth Table
IN L H OUT Z H
0.25
0.65 2.0
(Bottom view)
0.07
3
2
1
5
4
H : High level voltage L : Low level voltage Z : High impedance
1 : NC 2 : IN 3 : GND 4 : OUT 5 : VDD SANYO : MCPH5
0.85
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter DC Supply Voltage Input Voltage Output Voltage Input Current Output Current Allowable Power Dissipation Storage Temperature Symbol VDD VIN VOUT IIN IOUT PD Tstg Conditions
1
2
3
(Top view)
Ratings --0.3 to +25 --0.3 to VDD+0.3 VDD-25 to VDD+0.3 10 75
Unit V V V mA mA W C
Mounted on a ceramic board (600mm2!0.8mm)
0.8 --55 to +150
Recommended Operating Conditions at Ta=25C
Parameter DC Supply Voltage Input Voltage Output Voltage Input Rise And Fall Time Operating Temperature Symbol VDD VIN VOUT t / v Topr VDD<5V VDD5V Conditions Ratings 3 to +25 0 to VDD VDD-25 to VDD 100 20 -40 to +85 Unit V V V ns / V ns / V C
Marking : XG
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D2503 TS IM TA-3909 No.7430-1/4
4AM01MH5
DC Characteristics at Ta=25C
Parameter Symbol VDD=5V High-level Input Voltage VIH VDD=10V VDD=15V VDD=25V VDD=5V Low-level Input Voltage VIL VDD=10V VDD=15V VDD=25V Input Leakage Current IIN VDD=25V, VIN=25V VDD=25V, VIN=0 VDD=5V, IO=1mA High-level Output Voltage VOH VDD=10V, IO=2.5mA VDD=15V, IO=5.0mA VDD=25V, IO=10mA VDD=5V, VIN=VDD, GND Supply Current IDD VDD=10V, VIN=VDD, GND VDD=15V, VIN=VDD, GND VDD=25V, VIN=VDD, GND 4.5 9.0 13.5 22.5 0.25 0.5 1.0 2.0 Conditions Ratings min 3.5 7.0 11.0 18.0 1.5 3.0 4.0 7.0 0.1 0.1 typ max Unit V V V V V V V V A A V V V V A A A A
AC Characteristics at Ta=25C
Parameter Symbol Conditions VDD=5V, RL=1.5k VDD=10V, RL=1k VDD=15V, RL=750 VDD=25V, RL=500 VDD=5V, RL=1.5k tPHZ VDD=10V, RL=1k VDD=15V, RL=750 VDD=25V, RL=500 Input Capacitance CIN Ratings min typ 40 20 15 12 30 20 15 12 8 max Unit ns ns ns ns ns ns ns ns pF
tPZH Propagation Delay Time
Block Diagram
VDD 5 OUT 4
1 NC
2 IN
3 GND
Switching Time Test Circuit
VDD
Switching Time Wave Form
10ns 90% 50% 10% tPZH tPHZ 90% Output 50% GND VOH 10ns VDD
Input IN OUT CL=10pF RL
GND
No.7430-2/4
4AM01MH5
20 18
IOUT -- VOUT
VDD=5V
80 70
IOUT -- VOUT
VDD=10V
Output Current, IOUT -- mA
Output Current, IOUT -- mA
16 14 12 10 8 6 4 2 0 0 1 2 3 4 5 IT05769
60 50 40 30 20 10 0 0 1 2 3 4 5 6 7 8 9 10
Ta=
--25 C 25 C 75C
Ta=
--25 C 25 C 75C
Output Voltage, VOUT -- V
80 70
IOUT -- VOUT
= Ta --2
Output Voltage, VOUT -- V
80
IT05770
IOUT -- VOUT
Ta=
VDD=15V
70
VDD=25V
C --25 C 25 C 75
Output Current, IOUT -- mA
60 50 40 30 20 10 0 0 1 2 3 4 5 6 7
25 75 C C
Output Current, IOUT -- mA
C 5
10 11 12 13 14 15 IT05771
60 50 40 30 20 10
8
9
0 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Voltage, VOUT -- V
60
IOUT -- VDD
Output Voltage, VOUT -- V
80 70
IT05772
IOUT -- VDD
VOUT=0.9!VDD
50
VOUT=0.8!VDD
Output Current, IOUT -- mA
Output Current, IOUT -- mA
60 50 40 30 20 10
--2 5 25 C C
20
Ta =
40
30
C 5 --2 C = 25 C Ta 75
75
C
20
10
0 0 5 10 15 20 25 30 IT05773
0 0 5 10 15 25 30 IT05774
DC Supply Voltage, VDD -- V
400
RDS(on) -- VDD
DC Supply Voltage, VDD -- V
300
RDS(on) -- Ta
Ta=25C
Static Drain-to-Source On-State Resistance, RDS(on) --
350 300 250 200
Static Drain-to-Source On-State Resistance, RDS(on) --
250
5V /
200
1mA
150
10mA
150 100 50 0 0 5 10 15 20 25 IT05775
IOUT=1mA
100
.5mA 10V / 2 A 15V / 5m 10mA 25V /
50
0 --60
--40
--20
0
20
40
60
80
100
DC Supply Voltage, VDD -- V
Ambient Temperature, Ta -- C
IT05776
No.7430-3/4
4AM01MH5
500 450 400 350 300 250 200 150 100 50 0 0 10 20 30 40 50 60 70 80
RDS(on) -- IOUT
Ta=25C
1.0
PD -- Ta
Mounted on a ceramic board(600mm2!0.8mm)
Allowable Power Dissipation, PD -- W
Static Drain-to-Source On-State Resistance, RDS(on) --
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100
VDD=5V
10V
15V
25V
Output Current, IOUT -- mA
IT05777
Ambient Temperature, Ta -- C
IT05778
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of December, 2003. Specifications and information herein are subject to change without notice.
PS No.7430-4/4


▲Up To Search▲   

 
Price & Availability of 4AM01MH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X