Part Number Hot Search : 
IRF954 W981616 47106 BAT86 LB123 TDA20 11616 SR1020
Product Description
Full Text Search
 

To Download 2SB1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
2SB1103
DESCRIPTION *With TO-220C package *DARLINGTON *High DC durrent gain *Low collector saturation voltage *Complement to type 2SD1603 APPLICATIONS *Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current-DC Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -60 -60 -7 -8 -12 40 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain Diode forward voltage CONDITIONS IC=-25mA, RBE=? IE=-50mA, IC=0 IC=-4A ,IB=-8mA IC=-8A ,IB=-80mA IC=-4A ,IB=-8mA IC=-8A ,IB=-80mA VCB=-60V, IE=0 VCE=-50V, RBE=? IC=-4A ; VCE=-3V ID=8A 1000 MIN -60 -7
2SB1103
SYMBOL V(BR)CEO V(BR)EBO VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2 ICBO ICEO hFE VD
TYP.
MAX
UNIT V V
-1.5 -3.0 -2.0 -3.5 -100 -10
V V V V A A
3.0
V
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-4A ,IB1=-IB2=-8mA 0.5 3.0 1.0 s s s
2
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1103
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X