Part Number Hot Search : 
123JM M30623F8 MC1402 SC3BJ4F 123JM BF3510TV OP400EY L1581D
Product Description
Full Text Search
 

To Download 2N7002LT1-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002LT1
Preferred Device
Small Signal MOSFET 115 mAmps, 60 Volts
N-Channel SOT-23
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Drain Current - Continuous TC = 25C (Note 1.) - Continuous TC = 100C (Note 1.) - Pulsed (Note 2.) Gate-Source Voltage - Continuous - Non-repetitive (tp 50 s) Symbol VDSS VDGR ID ID IDM Value 60 60 115 75 800 Unit Vdc Vdc mAdc
http://onsemi.com
115 mAMPS 60 VOLTS RDS(on) = 7.5 W
N-Channel 3
VGS VGSM
20 40
Vdc Vpk 1
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(Note 4.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 RJA TJ, Tstg 417 -55 to +150 C/W C Unit mW mW/C C/W mW mW/C
2
3
RJA PD
1 2
SOT-23 CASE 318 STYLE 21
1. The Power Dissipation of the package may result in a lower continuous drain current. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. 3. FR-5 = 1.0 x 0.75 x 0.062 in. 4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
MARKING DIAGRAM & PIN ASSIGNMENT
Drain
3
702 W
1 2
Gate 702 W
Source = Device Code = Work Week
ORDERING INFORMATION
Device 2N7002LT1 2N7002LT3 Package SOT-23 SOT-23 Shipping 3000 Tape & Reel 10,000 Tape & Reel
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2000
1
December, 2000 - Rev. 4
Publication Order Number: 2N7002LT1/D
2N7002LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 10 Adc) Zero Gate Voltage Drain Current (VGS = 0, VDS = 60 Vdc) Gate-Body Leakage Current, Forward (VGS = 20 Vdc) Gate-Body Leakage Current, Reverse (VGS = -20 Vdc) TJ = 25C TJ = 125C V(BR)DSS IDSS IGSSF IGSSR 60 - - - - - - - - - - 1.0 500 100 -100 Vdc Adc nAdc nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) On-State Drain Current (VDS 2.0 VDS(on), VGS = 10 Vdc) Static Drain-Source On-State Voltage (VGS = 10 Vdc, ID = 500 mAdc) (VGS = 5.0 Vdc, ID = 50 mAdc) Static Drain-Source On-State Resistance (VGS = 10 V, ID = 500 mAdc) TC = 25C TC = 125C (VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25C TC = 125C Forward Transconductance (VDS 2.0 VDS(on), ID = 200 mAdc) VGS(th) ID(on) VDS(on) - - rDS(on) - - - - gFS 80 - - - - - 7.5 13.5 7.5 13.5 - mmhos - - 3.75 0.375 Ohms 1.0 500 - - 2.5 - Vdc mA Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - - - - 50 25 5.0 pF pF pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn-On Delay Time Turn-Off Delay Time (VDD = 25 Vdc, ID ^ 500 mAdc, RG = 25 , RL = 50 , Vgen = 10 V) td(on) td(off) - - - - 20 40 ns ns
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage (IS = 11.5 mAdc, VGS = 0 V) Source Current Continuous (Body Diode) Source Current Pulsed 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. VSD IS ISM - - - - - - -1.5 -115 -800 Vdc mAdc mAdc
http://onsemi.com
2
2N7002LT1
TYPICAL ELECTRICAL CHARACTERISTICS
2.0 1.8 I D, DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VDS, DRAIN SOURCE VOLTAGE (VOLTS) TA = 25C I D, DRAIN CURRENT (AMPS) VGS = 10 V 9V 8V 7V 6V 5V 4V 3V 9.0 10 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VGS, GATE SOURCE VOLTAGE (VOLTS) 9.0 10 0.8 0.6 0.4 0.2 1.0 VDS = 10 V -55C 125C 25C
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VGS = 10 V ID = 200 mA
VGS(th) , THRESHOLD VOLTAGE (NORMALIZED)
2.4
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VDS = VGS ID = 1.0 mA
Figure 3. Temperature versus Static Drain-Source On-Resistance
Figure 4. Temperature versus Gate Threshold Voltage
http://onsemi.com
3
2N7002LT1 INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection
0.037 0.95
interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 POWER DISSIPATION The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows:
PD = TJ(max) - TA RJA
one can calculate the power dissipation of the device which in this case is 225 milliwatts.
PD = 150C - 25C 556C/W = 225 milliwatts
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C,
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal Cladt. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
SOLDERING PRECAUTIONS The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
http://onsemi.com
4
2N7002LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AF
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
A L
3 1 2
BS
V
G C D H K J
DIM A B C D G H J K L S V
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
STYLE 21: PIN 1. GATE 2. SOURCE 3. DRAIN
http://onsemi.com
5
2N7002LT1
Notes
http://onsemi.com
6
2N7002LT1
Notes
http://onsemi.com
7
2N7002LT1
Thermal Clad is a registered trademark of the Bergquist Company.
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (Mon-Fri 2:30pm to 7:00pm CET) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (Mon-Fri 2:00pm to 7:00pm CET) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (Mon-Fri 12:00pm to 5:00pm GMT) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, UK, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com Toll-Free from Mexico: Dial 01-800-288-2872 for Access - then Dial 866-297-9322 ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
2N7002LT1/D


▲Up To Search▲   

 
Price & Availability of 2N7002LT1-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X