Part Number Hot Search : 
B59101Z HT82V738 VRE405AD RN2969CT IV1224SA RN2969CT EN25B32 74HCT258
Product Description
Full Text Search
 

To Download 20R-JMDSS-G-1-TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
JMD CONNECTOR
0.5mm
(.020") pitch
Emboss Tape
Board-to-board connectors
Features -----------------------
* Smooth connection
Thanks to the bellows type contacts, mating is very smooth.
* Distortion preventive construction
Box-shaped plug housing has guide ribs on both ends, which prevents distortion.
* Wide range of circuits
No.of circuits available are from 20 to 100, every 10 circuiits.
* Embossed taping for automatic mounting
This connector is supplied in embossed tape packaging, for mounting by automatic placement machines.
www..com
Specifications ------------------
* Current rating: 0.5A AC,DC * Voltage rating: 50V AC,DC * Temperature range: -25C to +85C (including temperature rise in applying an electrical current) * Contact resistance: Initial value/50m max. After environmental testing/100m max. * Insulation resistance: 50M min. * Withstanding voltage: 100V AC/minute *Contact JST for details
Standards ---------------------
238
0 1
Recognized E60389 Certified LR20812
DataSheet 4 U .com
www..com www..com 4U
www..com
JMD
CONNECTOR
Plug --------------------------------------------------------------------
Top entry type
C 0.5 (.020)
Side entry type
B A 2.3(.091)
0.2(.008) 0.2(.008) C
2.6(.102)
2.3 (.091)
0.5 (.020) A B 1.15(.045)
1.3(.051)
Model No. Circuits Circuits
20 30 40 50 60 70 80 100
Dimensions mm(in.) Side entry type Side entry type 20PS-JMDSS-G-1-TF - - Dimensions mm(in.) A B C A B C
4.5(.177) 7.0(.276) 9.5(.374) 12.0(.472) 14.5(.571) 17.0(.669) 19.5(.768) 24.5(.965) 9.1( .358) 11.6( .457) 14.1( .555) 16.6( .654) 19.1( .752) 21.6( .850) 24.1( .949) 29.1(1.146) 5.7( .224) 8.2( .323) 10.7( .421) 13.2( .520) 15.7( .618) 18.2( .717) 20.7( .815) 25.7(1.012)
4.8(.189)
ModelTop entry type No. Top entry(.117") 4.5mm type 20P-JMDSS-G-1-TF - 40P-JMDSS-G-1-TF 50P-JMDSS-G-1-TF 60P-JMDSS-G-1-TF 70P-JMDSS-G-1-TF 80P-JMDSS-G-1-TF 100P-JMDSS-G-1-TF 5.0mm (.197") - 30P5.0-JMDSS-G-1-TF 40P5.0-JMDSS-G-1-TF - - - - - 6.0mm (.236") - - -
Q'ty / Qty / reel reel
1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500
www..com
50P6.0-JMDSS-G-1-TF 60P6.0-JMDSS-G-1-TF 70P6.0-JMDSS-G-1-TF - - Material and Finish
Contact: Phosphor bronze, gold-plated Housing: Polyamide, UL94V-0 Solder tab: Brass, copper-undercoated, tin/lead-plated
50PS-JMDSS-G-1-TF 60PS-JMDSS-G-1-TF 70PS-JMDSS-G-1-TF 80PS-JMDSS-G-1-TF
100PS-JMDSS-G-1-TF
Note: The products listed above are supplied on embossed-tape.
Receptacle---------------------------------------------------------------
Circuits
20 30 40 50 60
0.2(.008) C
Model No. 20R-JMDSS-G-1-TF 30R-JMDSS-G-1-TF 40R-JMDSS-G-1-TF 50R-JMDSS-G-1-TF 60R-JMDSS-G-1-TF 70R-JMDSS-G-1-TF 80R-JMDSS-G-1-TF 100R-JMDSS-G-1-TF
Dimensions mm(in.) A
4.5(.177) 7.0(.276) 9.5(.374) 12.0(.472) 14.5(.571) 17.0(.669) 19.5(.768) 24.5(.965)
B
9.1( .358) 11.6( .457) 14.1( .555) 16.6( .654) 19.1( .752) 21.6( .850) 24.1( .949) 29.1(1.146)
C
5.7( .224) 8.2( .323) 10.7( .421) 13.2( .520) 15.7( .618) 18.2( .718) 20.7( .815) 25.7(1.012)
Q'ty / reel
1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500
70 80 100
3.1 (.122)
Material and Finish
Contact: Phosphor bronze, gold-plated Housing: Polyamide, UL94V-0 Solder tab: Brass, copper-undercoated, tin/lead-plated
2.3 (.091)
0.5 (.020) A B
1.7 (.067)
Note: The products listed above are supplied on embossed-tape.
239
DataSheet 4 U .com
www..com www..com 4U
www..com
JMD
CONNECTOR
Taping specifications ------------------------------------------------------
Feeding direction
380 2.0(14.961 .079)dia.
Carrier tape Feeding direction Cover tape leader area
Lead tape 20 vacancies min. Tail tape 40 (1.575)min. Connector loaded area 400 (15.748) min.
[13.0(.512)dia.] W1 +2.5 -1.0 +.098 (W1 -.039) 2.0 0.5 (.079 .020)
0.30.05 (.012.002)...Receptacle 0.380.05 (.015.002)...Plug
W0.3(.012)
Plug: top entry type Receptacle 20 to 50 circuits
1.750.1 (.069.004)
Feeding direction
40.1 2.00.1 (.157.004) (.079.004)
1.550.05 (.061.002)dia.
Feding direction
40.1 1.650.1 (.157.004) (.065.004)
1.750.1 (.069.004)
Plug: side entry type 20 to 50 circuits
1.550.05 (.061.002)dia.
0.380.05 (.015.002)
F0.1(.004) 12.00.1 (.472.004)
F0.1(.004)
W0.3(.012) Cover tape
Carrier tape
12.00.1 (.472.004)
Cover tape 1.550.05 (.061.002)dia.
Carrier tape 1.750.1 (.069.004) F0.1(.004)
60 to 100 circuits
Feeding direction
40.1 (.157.004)
2.00.1 (.079.004)
F0.1(.004)
1.750.1 (.069.004)
60 to 100 circuits
Feeding direction
1.550.05 (.061.002)dia. 40.1 1.650.1 (.157.004) (.065.004)
W0.3(.012)
S0.3(.004)
Circuits
20 30 40 50 60 70 80 100
Dimensions mm(in.) F
7.5( .295) 11.5( .453) 11.5( .453) 11.5( .453) 14.2( .559) 14.2( .559) 20.2( .795) 20.2( .795)
www..com
12.00.1 (.472.004)
12.00.1 (.472.004)
S
-- -- -- -- 28.4(1.118) 28.4(1.118) 40.4(1.591) 40.4(1.591)
W
16.0( .630) 24.0( .945) 24.0( .945) 24.0( .945) 32.0(1.260) 32.0(1.260) 44.0(1.732) 44.0(1.732)
W1
17.5( .689) 25.5(1.004) 25.5(1.004) 25.5(1.004) 32.0(1.260) 32.0(1.260) 44.0(1.732) 44.0(1.732)
Q'ty / reel
1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500
Note: 1. Specifications conform to JIS C 0806. The tape witdth, connector loading recess square hole dimensions, etc. are determined by the number of circuits and external shape of the connector to be loaded. 2. Specifications are subject to change without prior notice.
PC board layout(viewed from component side) -----------
0.50.03 (.020.001) 0.30.05 (.012.002) 1.55 0.85 (.061) (.033)
Assembly layout ---------------------
Top entry type
0.5(.020) 4.3(.169) 4.5(.177)for( )P-JMDSS-G-1-TF 5.0(.197)for( )P5.0-JMDSS-G-1-TF 6.0(.236)for( )P6.0-JMDSS-G-1-TF
5.8(.228) Receptacle
[ 5.6(.220) ]
2.9(.114)
1.4(.055)
Plug: top entry type Receptacle
0.85 1.55 (.034) (.061)
0.50.03 (.020.001)
0.30.05 (.012.002)
Side entry type
4.8(.189)
2.6(.102)
1.4 (.055)
1.35 (.053)
Plug: side entry type
3.05(.120)
240
1.35 (.053)
5.6(.220)
DataSheet 4 U .com
www..com www..com 4U
W0.3(.012)
S0.3(.004)


▲Up To Search▲   

 
Price & Availability of 20R-JMDSS-G-1-TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X