![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sicherungsstreifen mit Gehause fur Flurforderzeuge fur Nennspannungen bis 80 V / Fuse strips with housing for batterie-powered vehicles for rated voltage up to 80 V / Fusibles-lames avec carter pour vehicules a batterie pour tension nom. jusqu'a 80 V Metallteile / Metal parts / Pieces metalliques: 35 A - 80 A: Zn-Legierung / Zinc-alloy / Zinc-alliage 100A - 425 A: Kupfer Cu, gal. Sn / Copper Cu, gal. Sn / Cuivre Cu, gal. Sn Verpackungseinheit / Packaging unit / Emballage: 50 Stuck / pieces / pieces Achtung: 1.00 bedeutet die Nummer "Eins" mit zwei Dezimalstellen. 1,000 bedeutet die Nummer "Eintausend" / Note: 1.00 means the number "one" with two decimal places. 1,000 means the number "one thousand" / Attention: 1.00 signifie le numero "un" avec deux decimals. 1,000 signifie le numero "mille" Artikel-Nr. Article-No. Ref. d'article Nennstrom Rated current Intensite nom. Spannungsfall Voltage drop Chute de tension UD PUDENZ max. a = 11 mm 157.5701.5351 157.5701.5401* 157.5701.5501 157.5701.5631 157.5701.5801 157.5701.6101 157.5701.6121 157.5701.6131* 157.5701.6141* 157.5701.6151* 157.5701.6161 157.5701.6171* 157.5701.6201 157.5701.6231* 157.5701.6251 157.5701.6271* 157.5701.6301 157.5701.6331* 157.5701.6351 157.5701.6401* 157.5701.6421 157.5701.6501* a = 9 mm* 157.5917.5351* 157.5917.5501* 157.5917.5631* 157.5917.5801* 157.5917.6101* 157.5917.6121* 157.5917.6141* 157.5917.6151* 157.5917.6161* 157.5917.6171* 157.5917.6201* 157.5917.6231* 157.5917.6251* 157.5917.6271* 157.5917.6331* 157.5917.6351* 157.5917.6421* 157.5917.6501* I N /I rat 35 A 40 A 50 A 63 A 80 A 100 A 125 A 130 A 135 A 150 A 160 A 175 A 200 A 225 A 250 A 275 A 300 A 325 A 355 A 400 A 425 A 500 A 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV 125 mV * in der Normreihe nicht verzeichnet / not mentioned in the standards / pas mentionne dans la norme zugehoriger Halter siehe Seite 52-53 / corresponding holder see page 52-53 / porte-fusible correspondant voir page 52-53 Schmelzzeit-Grenzwerte / Pre-arcing time - limits / Temps de fusion limits min. max. - Mae in mm / Dimensions in mm / Dimensions en mm 1.50 IN / Irat 35 A - 200 A 1h 225 A - 425 A 60 s (1.6In) 2.20 IN / Irat 35 A - 200 A 225 A - 425 A - 60 s 60 s 2.50 IN / Irat 35 A - 200 A 225 A - 425 A 800 m s - 10 s 10 s 4.00 IN / Irat 35 A - 200 A 225 A - 425 A 250ms 250ms 2s 2s Normen / Specifications / Normes DIN UL 248 FI = 1.00 (max. Dauerstrom / max. operating current / max. courant permanent: 1.0 x Irat bei / at / a 23C) 43560/1 Special Purpose Fuses cULus Recognized: File No. E211637 In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership,we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio. WebSite www.littelfuse.com |
Price & Availability of 15757016101
![]() |