Part Number Hot Search : 
71024 TC58F ST2SA MAX2623 MCZ33 26000 00ELT MCZ33
Product Description
Full Text Search
 

To Download 00343102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
FST 5x20
www.schurter.com/pg0_2
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
IEC 60127-2 * 250 VAC * Time-Lag T
Description Standards
-IECStandardFuse -L=LowBreakingCapacity(GlassTube) -IEC60127-2/3 -UL248-14 -CSAC22.2no.248.14
Applications References
-PrimaryProtectioninEquipment GeneralProductInformation PigtailTypeFST5x20Pigtail AssembledFuseholderOGN-SMD FuseKitFuseKit5x20
Approvals
Weblinks
-VDELicenseNumber:40016601 -ULFileNumber:E41599
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic AdmissibleAmbientAirTemp. ClimaticCategory Material:Tube Material:Endcaps UnitWeight StorageConditions ProductMarking 250VAC 0.02-20A 35A-200A Time-LagT -55Cto125C 55/125/21acc.toIEC60068-1 Glass Nickel-PlatedCopperAlloy 1g 0Cto60C,max.70%r.h. ,Current,Voltage,Characteristic, BreakingCapacity,Approvals 20mm
Dimensions
10 0.2
+0.1 -0.2
o 5.2
20 0.5
Pre-Arcing Time
Rated Current In 0.02A 0.032A-0.1A 0.125A-6.3A 8A-20A .5 x In min. 2. x In max. 60min 60min 60min 30min 120s 120s 120s 2.75 x In min. 200ms 600ms 600ms 2.75 x In max. 10s 10s 10s 4.0 x In min. 4.0 x In max. 40ms 40ms 150ms 150ms 3s 3s 3s 3s 0.0 x In min. 10ms 10ms 20ms 20ms 0.0 x In max. 300ms 300ms 300ms 300ms
Fuses
FST 5x20
www.schurter.com/pg0_2 Variants
Rated Current [A] Rated Voltage [VAC] Breaking Capacity Voltage Drop .0 In max. [mV] 5000 4000 3500 3000 3000 2500 2000 1900 1500 1300 1100 1000 900 300 250 150 150 150 150 120 100 100 100 100 100 100 Voltage Drop .0 In typ. [mV] 2700 3000 2100 950 1300 1100 565 400 415 270 210 170 150 160 160 120 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 Power Dissipation .5 In max. [mW] 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 1600 4000 4000 Power Dissipation .5 In typ. [mW] 100 200 200 125 200 300 155 200 185 200 200 200 200 200 300 300 200 300 300 300 300 400 500 800 900 1000 1300 1300 2500 3300 4200 Melting It 0.0 Intyp. [As] 0.0012 0.0019 0.0027 0.0363 0.0401 0.057 0.107 0.064 0.23 0.256 0.238 0.544 0.768 3 4.35 3.85 3.3 5.5 7.45 10.5 16 21.9 47 68.3 102 190 275 520 750 1638 3057 l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l
Non resettable fuses
Order Number
0.02 0.032 0.04 0.05 0.063 0.08 0.1 0.125 0.16 0.2 0.25 0.315 0.4 0.5 0.63 0.8 1 1.25 1.4 1.6 2 2.5 3.15 4 5 6.3 8 10 12.5 16 20 1)35A@250VAC 2)10In@250VAC
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 2) 2) 2) 2) 2) 2) 2) 2)
l l l l l l l l l l l l l l l l l l l l l l
0034.3101 0034.3102 0034.3103 0034.3104 0034.3105 0034.3106 0034.3107 0034.3108 0034.3109 0034.3110 0034.3111 0034.3112 0034.3113 0034.3114 0034.3115 0034.3116 0034.3117 0034.3118 0034.3165 0034.3119 0034.3120 0034.3121 0034.3122 0034.3123 0034.3124 0034.3125 0034.3126 0034.3127 0034.3128 0034.3129 0034.3130
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)
2
Fuses
Non resettable fuses
FST 5x20
www.schurter.com/pg0_2
Time-Current-Curves
100000 0.02-0.1 A 0.125-20 A 10000
1000
100
TimeinSeconds
10
1
0.1
0.01
0.001 1
10
MultipleofRatedCurrentIn
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 00343102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X