Part Number Hot Search : 
SB144 TLE4275 BFX48 68HC7 80CPT015 MP4208 2SC25 CR10Y
Product Description
Full Text Search
 

To Download WR48S053000XC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WR-XC and WR-MP SERIES
Single and dual output
* * * * * * * * 2:1 input range WR-XC UL approved Efficiency to 86% Isolated outputs Six sided shield Remote on/off control on XC models 100kHz switching frequency Two package sizes available
[ 2 YEAR WARRANTY ]
The WR series DC/DC converters accept a wide input voltage range of 918VDC, 18-36VDC or 36-72VDC. A 100kHz switching regulator produces operating efficiencies up to 86% at full load and as high as 80% at light load. In the case of duals, full power may be taken from either output. All models will tolerate a short circuit between positive and negative outputs or between either output and common indefinitely. Load regulation of 1%, line regulation of 0.2%, Pi input filtering and remote on/off control (XC package only) which can be improvised as an undervoltage shutdown signal, are featured on all models. Six-sided continuous EMI/RFI shielding is provided in both XC and MP packages. The operating temperature range is -25C to +71C convection cooled, with no derating required.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage balance Voltage adjustability Line regulation Load regulation Ripple and noise Transient response Temperature coefficient Overvoltage protection (Zener clamp) Short circuit protection INPUT SPECIFICATIONS Input voltage range 12VDC 24VDC 48VDC
All specifications are typical at nominal input, full load at 25C unless otherwise stated GENERAL SPECIFICATIONS 1.0% Efficiency Isolation voltage See Note 4 Switching frequency Approvals and standards Case material Full load. See table WR/MP, Input/output WR/XC, Input/output WR/XC, output/case Fixed Safety (WR-XC) XC case MP case Material flammability Weight MTBF XC case MP case See Note 6 75%, min. 500VDC 500VDC 250VDC 100kHz UL478
Dual outputs WR/XC, single output HL-LL FL-NL FL-0.25% FL 5Hz to 20MHz 25% step load change
2.0% 10% max. 0.2% 5.0%, max. 1.0%, max. 75mV pk-pk, 10mV rms max. 1.0% error band 500s recovery 0.02%/C, max.
Black coated metal with non-conductive base Non-conductive black plastic UL94V-0 170g (6.0oz.) 200g (7.06oz.) 840,000 Hours
5V single output 12 and 15V singles
6.8V 10% 18.0V 10% Continuous automatic recovery
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient -25C to +71C Non-operating amb. -55C to +105C Case temp. rise +30C at FL max. Derating None required Cooling Free air convection cooled Non-condensing Operating Non operating 5Hz to 500Hz 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.5G rms (approx.)
9-18VDC 18-36VDC 36-72VDC 30mA 20mA Pi type Refers to XC package only CMOS or open collector TTL +5.5VDC or open-circuit 1.8VDC 5mA 0VDC No load input current Input filter Remote ON/OFF Logic compatibility Ec-ON Ec-OFF Shutdown idle current Input resistance Control common
12VDC 24VDC and 48VDC
International Safety Standard Approvals
UL478 File No. E131987 (WR-XC)
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PAGE 1
DC/DC CONVERTERS
|
15W DC
15 Watt Wide input DC/DC converters
INPUT VOLTAGE 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC Notes
1 2 Load regulation is measured from full load to 25% full load. Standard specifications are conservative and can be optimised for specific applications. In particular, converter start-up at lower than specified temperature, wider input voltage range and output voltage adjustment are all relatively simple modifications to the standard product. Consult factory for details. Fixed frequency design provides for easier input filtering and better noise performance. In many cases, the isolation specification may be upgraded. Consult factory for details. XC case only (single output models): to trim up connect pin 4 to pin 7 through a 10k resistor, or pin 4 to pin 6 to trim down. MTBF figures are based on actual product performance. Consult factory for details.
0.04 (1.0) 2.2 (55.9)
OUTPUT VOLTAGE 5VDC 12VDC 12VDC 5VDC 5VDC 12VDC 5VDC 12VDC 12VDC 15VDC 12VDC 12VDC 15VDC 12VDC 15VDC 12VDC 15VDC
OUTPUT CURRENT 3000mA 1250mA 1250mA 3000mA 3000mA 1250mA 3000mA 1250mA 625mA 500mA 625mA 625mA 500mA 625mA 500mA 625mA 500mA
INPUT CURRENT 1700mA 1600mA 1600mA 810mA 810mA 780mA 410mA 390mA 1520mA 1520mA 1520mA 750mA 750mA 750mA 750mA 390mA 390mA
TYPICAL EFFICIENCY 75% 78% 78% 77% 77% 80% 77% 80% 82% 82% 82% 84% 84% 84% 84% 86% 86%
REGULATION LINE LOAD (1) 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0%
MODEL NUMBER WR12S05/3000XC WR12S12/1250XC WR12S12/1250MP WR24S05/3000XC WR24S05/3000MP WR24S12/1250XC WR48S05/3000XC WR48S12/1250XC WR12D12/625XC WR12D15/500XC WR12D12/625MP WR24D12/625XC WR24D15/500XC WR24D12/625MP WR24D15/500MP WR48D12/625XC WR48D15/500MP
PIN CONNECTIONS PIN 1 2 3 4 5 6 7 8 MP SINGLES + Input - Input + Output No Pin N/C No Pin - Output N/A MP DUALS + Input - Input + Output No Pin Common No Pin - Output N/A XC (5) SINGLES + Input - Input No Pin Trim No Pin + Output - Output Remote On/Off Control
0.700 (17.8) 0.400 (10.2) 0.300 (7.6) 0.200 (5.1)
XC DUALS + Input - Input + Output Common - Output No Pin No Pin Remote On/Off Control
0.800 (20.3)
3 4 5 6
2
1
1.6 (40.6)
0.040 DIA. (1.0)
3.5 (88.9)
INSERT 4-40 THREAD 3.2 (0.125) DEEP
7
6
5
4
3
1.6 (40.6)
3.00 (76.2) 2.500 (63.5)
BOTTOM VIEW
7
0.15 (3.8) 0.88 (22.4) 0.2 (5.1)
6
0.5 (12.7)
5
0.5 (12.7)
4
3
2
1
8
DS_WRXCMP_19980401.PDF
0.6 (15.2)
2.5 (63.5)
0.6 (15.2)
0.22 MIN. (5.6) 0.83 (21.1)
0.30 (7.6)
0.400 (10.2) 1.50 (38.1) 2.56 (66.0)
ALL DIMENSIONS IN INCHES (mm)
0.600 (15.2)
ALL DIMENSIONS IN INCHES (mm)
MP CASE
XC CASE
http://www.artesyn.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of WR48S053000XC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X