Part Number Hot Search : 
EPB5020G 78L08A 1725708 CM600D LB1913 2SB566AK KAS19W 74F299
Product Description
Full Text Search
 

To Download WJM1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Key Features
x
Multi-protocol support: ISO 18000-6C (Gen2) & ISO 18000-6B Dynamic RF output power: 10 dBm to 24 dBm range Two antenna port for added flexibility Power saving modes to extend battery life Special printer commands to enable high throughput tag/label fulfillment WJC200 Gen2 reader chipset based design Applications:
x x x
x
x x x
x
Printers Item-level RFID Mobile & handheld devices
WJ Communications' WJM1000 UHF RFID module is designed to enable OEMs, VARs and System Integrators to integrate RFID UHF Gen2 capability into new and existing short range applications such as printers and Mobile /handheld devices. By leveraging WJ's WJC200 Gen2 chipset, the WJM1000 enables cost effective, compact RFID-enabled devices. The WJM1000 extends industry leading features including Gen2 dense reader environment (DRE) . The WJM1000 reader module's simple but powerful command set allows for fast creation of custom applications via an open-source DLL and API. The WJM1000 printer-commands, includes Single API command for optimized, high throughput fulfillment of Gen2 labels/tags, increases printer throughput while minimizing overheard.
The WJM1000 can be set to transmit a range of output powers, providing increased flexibility to enable optimal settings for fulfillment of labels/tags inside a printer. The module operates over the North American UHF frequency band (902-928 MHz) and includes the RF, digital circuitry and embedded firmware required for ISO18000- 6C (UHF Gen2) and ISO 18000-6B international standards. 3.3V CMOS level serial communications and 4 GPIO lines are available on a 15-pin connector. Mounting holes provide fast and easy mechanical integration. WJ's free demo software offers quick evaluation of the module without software development.
WJ Communications
www.wj.com
3/1/2007
Copyright WJ Communications 2007. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Absolute Maximum Rating*
Parameter
ESD Protection (per ISO 7816-1) Maximum Voltage Operating Case Temperature Storage Temperature
Rating
2 6 -20 to +55 -40 to +65
Units
KV V C C
*Operation of this device above any of these parameters may cause permanent damage.
Specifications
Operating Conditions: Vcc = 5.0 VDC, TAMB = 25 50 C, System.
Symbol
fRFID DRATE fCH
Parameter
RF Frequency--UHF Operation Data Rate Channel Spacing Frequency Hopping Channels Supply Voltage @ 550 mA, Connected to System Peak Operating Current* Maximum Transmit Power Power Control Range Step Size
Min
902 40
Typ
Max 928 40
Units MHz KHz kHz Channels
500 50 +4.50 10 15 1 10 +5.0 +5.50 550 24
CH VCC IPEAK OP PTX-Max PRANGE
V mA dBm dB dB ppm
Sf
Frequency Stability
*Peak operating current for 250mW CW output power; Average operating current draw is significantly less than CW peak current.
Copyright WJ Communications 2007. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
www.wj.com
3/1/2007
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Protocol Support
Protocol
ISO 18000-6B ISO-18000-6C (EPC Class1 Gen2)
ID Read
X X
ID Write
X X
Data Read
X X
Data Write
X X
Password Write
X X
Lock
X X
Kill
X
WJM1000 Mechanical Specifications
Copyright WJ Communications 2007. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
www.wj.com
3/1/2007
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Interface Connector Pin out
Pin #
1, 2 3,4 5 6 7 8 9
Name
+5.0 V GND N/C WJM_EN TX RX nRESET
Description
Power Supply. +5.0V 0.5 V @ 550 Milliamps Power Supply Ground Return No Connect Active High Power Enable. Grounding this pin shuts off entire module. Minimum logic high voltage is +2.5V. 5V tolerant. Low impedance driver or a pull up resistor less than 2K required. 3.3V CMOS logic-level UART transmit pin 5V tolerant CMOS logic-level UART receive pin 5V tolerant Active Low Reset Pin. When held low, WJM draws current but will not respond to commands. If nBL/nPD is held low as nRESET is brought high, the WJM enters Bootloader mode. If nBL/nPD is held high as nRESET is brought high, the WJM application starts. 5V tolerant Active Low Bootloader/PowerDown pin. This pin serves two functions. 1) If this pin is low at the rising edge of nRESET (including power-on), the Bootloader is activated for writing a new Firmware application (FW). If it is high, FW starts. 2) Once FW starts, bringing this pin low enables sleep mode. The module will not respond to API commands in sleep mode. Keep it high for normal operation. 3.3V logic-level 3-state output: Logic high: OK Tri-State: Sleep Mode Logic low: Error This has not been implemented in FW. Currently FW configures these pins as outputs, they display various debug and status signals to LEDs. If unused they can be left un-connected. Specific uses for these pins have not been finalized.
10
nBL/nPD
11
STATUS_LED
12 13 14 15
GPIO1 GPIO2 GPIO3 GPIO4
Copyright WJ Communications 2007. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
www.wj.com
3/1/2007
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
WJM1000 System Block Diagram
Copyright WJ Communications 2007. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
www.wj.com
3/1/2007
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
WJM1000 Performance Data
Output Power Vs Power settings
Output Power Vs Supply Current
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Output Power Vs Temperature Interface Timing
Signal Name
tRESET tRESET_UART tRESET_FW_UART tWJM_EN_UART tPD_UART
Description
RESET pulse width Delay between RESET and the start of TX/RX communications Delay between RESET and the start of new firmware download Delay between power-on via WJM_EN and the start of TX/RX communications Delay between return from power-save state (BL/PD) and the start of TX/RX communications
Minimum Time (microseconds)
800 400 3000 (3 ms) 3000 (3 ms) 400
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Interface Timing Diagrams
Copyright WJ Communications 2007. Subject to change without notice. All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJ Communications
www.wj.com
3/1/2007


▲Up To Search▲   

 
Price & Availability of WJM1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X