Part Number Hot Search : 
U1ZB51 TOTX176 80C31 LT1509CN UA748MN AN8028 RBR3L40A FSA8009
Product Description
Full Text Search
 

To Download WFF13N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ni.teehSataD.www
WFF13N50 F13N50
Silicon N-Channel MOSFET
Features
13A,500V, RDS(on)(Max0.46)@VGS=10V Ultra-low Gate charge(Typical 43nC) Fast Switching Capability 100%Avalanche Tested Maximum Junction Temperature Range(150)
General Description
This Power MOSFET is produced using Winsemi's advancedplanar stripe,DMOS technology.This latest technology has beenespecially designed to minimize on-state resistance, have a high rugged avalanche characteristics .This devices is specially wellsuited for high efficiency switch model power supplies, power factor correction and half bridge and full bridge resonant topology line a electronic lamp ballast.
Absolute Maximum Ratings
Symbol
VDSS ID Continuous Drain Current(@Tc=100) IDM VGS EAS EAR dv/dt PD Derating Factor above 25 TJ,Tstg TL Junction and Storage Temperature Channel Temperature 0.39 -55~150 300 W/ Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv /dt Total Power Dissipation(@Tc=25) (Note2) (Note1) (Note3) (Note1) 8 52 30 845 5 3.5 48 A A V mJ mJ V/ ns W Drain Source Voltage Continuous Drain Current(@Tc=25)
Parameter
Value
500 13
Units
V A
Thermal Characteristics
Symbol
RQJC RQCS RQJA
Parameter
Thermal Resistance , Junction -to -Case Thermal Resistance , Case-to-Sink Thermal Resistance , Junction-to -Ambient
Value Min
-
Typ
0.5 -
Max
2.58 62.5
Units
/W /W /W
Rev.A Oct.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
ni.teehSataD.www
WFF13N50 F13N50
Electrical Characteristics(Tc=25)
Characteristics
Gate leakage current Gate-source breakdown voltage
Symbol
IGSS V(BR)GSS
Test Condition
VGS=30V,VDS=0V IG=10 A,VDS=0V VDS=500V,VGS=0V
Min
30 -
Type
-
Max
100 1 10
Unit
nA V A A V V/ V S
Drain cut -off current
IDSS VDS=400V,TC=125
Drain -source breakdown voltage Breakdown voltage Temperature Coefficient Gate threshold voltage Drain -source ON resistance Forward Transconductance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge(gate-source
V(BR)DSS BVDSS/ TJ VGS(th) RDS(ON) gfs Ciss Crss Coss tr ton tf toff Qg
ID=250 A,VGS=0V ID=250A,Referenced
500 -
0.5 0.37 15 1580 180 20 25 100 130 100 43 7.5 18.5
4.5 0.46 2055 235 25 60 210
to 25 VDS=10V,ID=250 A VGS=10V,ID=6.5A VDS=50V,ID=6.5A VDS=25V, VGS=0V, f=1MHz VDD=250V, ID=13A RG=9.1 RD=31 VDD=400V, VGS=10V, nC ID=13A (Note4,5) 56 (Note4,5) 3 -
pF
ns 270 210
plus gate-drain) Gate-source charge Gate-drain("miller") Charge Qgs Qgd
Source-Drain Ratings and Characteristics(Ta=25)
Characteristics
Continuous drain reverse current Pulse drain reverse current Forward voltage(diode) Reverse recovery time Reverse recovery charge
Symbol
IDR IDRP VDSF trr Qrr
Test Condition
IDR=13A,VGS=0V IDR=13A,VGS=0V, dIDR / dt =100 A / s
Min
-
Type
442 2.16
Max
13 52 1.4 633 3.24
Unit
A A V ns C
Note 1.Repeativity rating :pulse width limited by junction temperature 2.L=500uH IAS=13A,VDD=50V,RG=0,Starting TJ=25 3.ISD13A,di/dt300A/us,VDD2/7
Steady, all for your advance
ni.teehSataD.www
WFF13N50 F13N50
Fig.1 On State Characteristics
Fig.2 Transfer Characteristics
Fig.3 Capacitance Variation vs Drain Voltage
Fig.4 Maximum Avalanche Energy vs On-State Current
Fig.5 On-Resistance Variation vs Junction temperature
Fig.6 Gate Charge Characteristics
3/7
Steady, all for your advance
ni.teehSataD.www
WFF13N50 F13N50
Fig.7 Maximum Safe Operation Area
Fig.8 Maximum Drain Current vs Case temperature
Fig.9 Transient thermal Response Curve
4/7
Steady, all for your advance
ni.teehSataD.www
WFF13N50 F13N50
Fig.10 Gate Test circuit & Waveform
Fig.11 Resistive Switching Test Circuit & Waveform
Fig.12 Unclamped Inductive Switching Test Circuit & Waveform
5/7
Steady, all for your advance
ni.teehSataD.www
WFF13N50 F13N50
Fig.13 Peak Diode Recovery dv/dt Test Circuit & Waveform
6/7
Steady, all for your advance
ni.teehSataD.www
WFF13N50 F13N50
TO-220F Package Dimension TO-220F
Unit:mm
7/7
Steady, all for your advance


▲Up To Search▲   

 
Price & Availability of WFF13N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X