Part Number Hot Search : 
A3952SW RU75260Q 1045CT 75TR10 2SJ466 3EMC111 CNY117 10005
Product Description
Full Text Search
 

To Download TC1202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRANSCOM
TC1202
January 2002
Super Low Noise GaAs FETs
FEATURES * * * * * Low Noise Figure: NF = 0.5 dB Typical at 12 GHz High Associated Gain: Ga = 12 dB Typical at 12 GHz Lg = 0.25 m, Wg = 300 m All-Gold Metallization for High Reliability 100 % DC Tested PHOTO ENLARGEMENT
DESCRIPTION The TC1202 is a GaAs Pseudomorphic High Electron Mobility Transistor (PHEMT) chip, which has very low noise figure and high associated gain. The device can be used in circuits up to 40 GHz and suitable for low noise application including a wide range of commercial and military applications. All devices are 100% DC tested to assure consistent quality. All bond pads are gold plated for either thermo-compression or thermo-sonic wire bonding. ELECTRICAL SPECIFICATIONS (TA=25 C)
Symbol NF Ga IDSS gm VP BVDGO Rth CONDITIONS Noise Figure at VDS = 4 V, IDS = 25 mA, f = 12GHz Associated Gain at VDS = 4 V, IDS = 25 mA, f = 12GHz Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V Transconductance at VDS = 2 V, VGS = 0 V Pinch-off Voltage at VDS = 2 V, ID = 0.6 mA Drain-Gate Breakdown Voltage at IDGO =0.15 mA Thermal Resistance
11 MIN TYP 0.5 12 90 100 -1.0 8 43 MAX 0.7 UNIT dB dB mA mS Volts Volts C/W
5
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 19
TC1202
ABSOLUTE MAXIMUM RATINGS (TA=25 C)
Symbol VDS VGS IDS IGS Pin PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current Gate Current RF Input Power, CW Continuous Dissipation Channel Temperature Storage Temperature Rating 5V -3.0 V IDSS
TYPICAL NOISE PARAMETERS (TA=25 C)
VDS = 4 V, IDS = 25 mA Frequency NFopt (GHz) (dB) 2 0.31 4 0.37 6 0.41 8 0.47 10 0.52 12 0.58 14 0.71 16 0.88 18 1.04 GA (dB) 20.6 17.2 14.8 13.1 12.1 11.4 10.8 10.4 9.9 opt MAG 0.90 0.81 0.74 0.69 0.64 0.58 0.55 0.52 0.51 ANG 10 20 37 57 77 95 113 130 151 Rn/50 0.64 0.45 0.35 0.29 0.24 0.20 0.16 0.11 0.08
300 A 17 dBm 300 mW 175 C - 65 C to +175 C
CHIP DIMENSIONS
280 12
D S G S
290 12
Units: Micrometers Chip Thickness: 100
Gate Pad: 55 x 60 Drain Pad: 55 x 60 Source Pad: 55 x 169
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 20
TRANSCOM
TC1202
TYPICAL SCATTERING PARAMETERS (TA=25 C) VDS = 4 V, IDS = 25 mA
Swp Max 18GHz
0 3. 0 4. 0 5.
10.0
6 0.
2. 0
60
Mag Max 0.1
5 13
Swp Max 18 GHz
45
1.0
0.8
90
S11
75
105
0 12
0.2
0.4
0.6
0.8 1.0
2.0
3.0 4.0 5.0
0
-0 .6
.0 -2
-1 35
.4 -0
-0.8
-1 20
-1.0
-105
6 0.
60
Mag Max 8
5 13
15 0
Swp Max 18 GHz
45
1.0
90
0.8
75
2. 0
30
15 165
0 -180
-165
50 -1
S21
-3 0
-1 35
-1 20
-105
-0 .6
-1.0
2 Per Div
Swp Min 2 GHz
-0.8
.0 -2
.4 -0
FREQUENCY (GHz) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
S11 MAG 0.9823 0.9641 0.9438 0.9239 0.9058 0.8900 0.8766 0.8654 0.8561 0.8485 0.8423 0.8371 0.8329 0.8295 0.8267 0.8245 0.8227 ANG -33.16 -48.24 -61.87 -73.98 -84.62 -93.94 -102.10 -109.26 -115.58 -121.18 -126.18 -130.67 -134.73 -138.41 -141.77 -144.86 -147.71 MAG 6.5659 6.2124 5.8010 5.3750 4.9624 4.5784 4.2290 3.9151 3.6347 3.3847 3.1617 2.9623 2.7836 2.6227 2.4775 2.3458 2.2260
S21 ANG 156.94 146.39 136.77 128.09 120.28 113.25 106.86 101.02 95.63 90.61 85.91 81.47 77.25 73.22 69.34 65.61 62.00 MAG 0.0318 0.0451 0.0562 0.0650 0.0720 0.0775 0.0818 0.0852 0.0878 0.0899 0.0916 0.0929 0.0940 0.0948 0.0955 0.0960 0.0964
S12 ANG 70.67 61.99 54.23 47.41 41.46 36.28 31.75 27.76 24.22 21.04 18.18 15.57 13.18 10.97 8.92 7.00 5.19 MAG 0.6019 0.5794 0.5540 0.5288 0.5056 0.4855 0.4687 0.4551 0.4445 0.4367 0.4311 0.4276 0.4259 0.4256 0.4267 0.4289 0.4321
* The data does not include gate, drain and source bond wires.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 21
-3 .0 -4 . -5. 0 0
2 -0.
Swp Min 2GHz
-10.0
-15
10.0
0.2
0.4
0.6
0.8 1.0
2.0
3.0 4.0 5.0
0
0. 4
0.2
-3 .0 -4 . -5. 0 0
2 -0.
Swp Min 2GHz
-10.0
0. 4
15 0
165
30
15
0
0.2
105
0 12 0 -6
10.0
-180
-15 -165
S12
5 -4
50 -1 0 -6
-3 0
-75
0.01 Per Div
Swp Min 2 GHz
-90
Swp Max 18GHz
0 3. 0 4. 0 5.
S22
10.0
5 -4
-75
-90
S22 ANG -18.38 -26.63 -33.99 -40.46 -46.12 -51.07 -55.44 -59.33 -62.83 -66.01 -68.94 -71.66 -74.21 -76.61 -78.89 -81.07 -83.16
TC1202
SMALL SIGNAL MODEL, VDS = 4 V, IDS = 25 mA
SCHEMATIC
Lg Rg Cgs Ri T Cgd Gm Cds Rds Rd Ld
PARAMETERS
Parameters
Lg Rg Cgs 0.04473 nH 0.361 pF 0.0310 pF 94.9 mS 2.13 psec
Parameters
Rs 1.12 Ohm 0.0005 nH 0.0838 pF 193.0 Ohm 0.920 Ohm 0.0242 nH 0.79 Ohm Ls Cds 1.47 Ohm Rds Rd Ld
Rs Ls
Ri Cgd Gm T
CHIP HANDLING DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290C 5C; Handling Tool: Tweezers; Time: less than 1min. WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil (0.018 to 0.025 mm) gold wire. Stage temperature: 220C to 250C; Bond Tip Temperature: 150C; Bond Force: 20 to 30 gms depending on size of wire and Bond Tip Temperature. HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 22


▲Up To Search▲   

 
Price & Availability of TC1202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X