Part Number Hot Search : 
BA313 1205S LBN03604 DLM10E MPP4204 HT48R02N MCR8D PESD5V
Product Description
Full Text Search
 

To Download STS6DNF30V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STS6DNF30V
DUAL N-CHANNEL 30V - 0.026 - 6A SO-8 2.5V-DRIVE STripFETTM II POWER MOSFET
TYPE STS6DNF30V
s s s s
VDSS 30 V
RDS(on) <0.030 (@4.5V) <0.038 (@2.5V)
ID 6A
TYPICAL RDS(on) = 0.026 (@4.5V) TYPICAL RDS(on) = 0.030 (@2.5V) ULTRA LOW THRESHOLD GATE DRIVE (2.5V) STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY SO-8
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s BATTERY SAFETY UNIT IN NOMADIC EQUIPMENT s DC-DC CONVERTERS s POWER MANAGEMENT IN PORTABLE/ DESKTOP PCS
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Single Operation Drain Current (continuos) at TC = 100C Single Operation Drain Current (pulsed) Total Dissipation at TC = 25C Dual Operation Total Dissipation at TC = 25C Single Operation Value 30 30 12 6 3.8 24 2 1.6 Unit V V V A A A W W
IDM (l) PTOT
(q) Pulse width limited by safe operating area
July 2002
1/8
STS6DNF30V
THERMAL DATA
Rthj-amb Tj Tstg Thermal Resistance Junction-ambient Max Single Operation Thermal Resistance Junction-ambient Max Dual Operation Max. Operating Junction Temperature Storage Temperature 78 62.5 150 -65 to 150 C/W C/W C C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 12V Min. 30 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 4.5 V, ID = 3 A VGS = 2.5 V, ID = 3 A Min. 0.6 0.026 0.030 0.030 0.038 Typ. Max. Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID = 3 A VDS = 25 V, f = 1 MHz, VGS = 0 Min. Typ. 15 800 180 32 Max. Unit S pF pF pF
2/8
STS6DNF30V
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 15 V, ID = 3 A RG = 4.7 VGS = 2.5V (see test circuit, Figure 3) VDD = 15 V, ID = 6 A, VGS = 2.5 V Min. Typ. 20 25 6.8 2 3.4 9.5 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off-Delay Time Fall Time Test Conditions VDD = 10 V, ID = 3 A, RG = 4.7, VGS = 2.5 V (see test circuit, Figure 3) Min. Typ. 32 13 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 6 A, VGS = 0 ISD = 6 A, di/dt = 100A/s, VDD = 15 V, Tj = 150C (see test circuit, Figure 5) 25 21 1.7 Test Conditions Min. Typ. Max. 6 24 1.2 Unit A A V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/8
STS6DNF30V
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STS6DNF30V
Normalized Gate Thereshold Voltage vs Temp. Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STS6DNF30V
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STS6DNF30V
SO-8 MECHANICAL DATA
DIM. MIN. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019
0016023
7/8
STS6DNF30V
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STS6DNF30V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X