Part Number Hot Search : 
IF140A 2SC3583 MOC8080 LUR61D TSC1220 2309NZ N2003AN AP450
Product Description
Full Text Search
 

To Download STD55NH2LL-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD55NH2LL
N-CHANNEL 24V - 0.010 - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFETTM POWER MOSFET
TYPE STD55NH2LL

VDSS 24 V
TYPICAL RDS(on) = 0.01 @ 10 V TYPICAL RDS(on) = 0.012 @ 4.5 V RDS(ON) * Qg INDUSTRY's BENCHMARK CONDUCTION LOSSES REDUCED SWITCHING LOSSES REDUCED LOW THRESHOLD DEVICE THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (SUFFIX "-1") SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4")
RDS(on) < 0.011
ID 40 A(*)
3 2 1
IPAK TO-251 (Suffix "-1") DPAK TO-252 (Suffix "T4")
3 1
DESCRIPTION
The STD55NH2LL is based on the latest generation of ST's proprietary STripFETTM technology. An innovative layout enables the device to also exhibit extremely low gate charge for the most demanding requirements as high-side switch in high-frequency DC-DC converters. It's therefore ideal for high-density converters in Telecom and Computer applications.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS SPECIFICALLY DESIGNED AND OPTIMISED FOR HIGH EFFICIENCY DC/DC CONVERTES
Ordering Information
SALES TYPE STD55NH2LLT4 STD55NH2LL-1 MARKING D55NH2LL D55NH2LL PACKAGE TO-252 TO-251 PACKAGING TAPE & REEL TUBE
ABSOLUTE MAXIMUM RATINGS
Symbol Vspike(1) VDS VDGR VGS ID(*) ID IDM(2) Ptot EAS(3) Tstg Tj March 2004 Parameter Drain-source Voltage Rating Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Single Pulse Avalanche Energy Storage Temperature Operating Junction Temperature Value 30 24 24 18 40 28 160 60 0.4 600 -55 to 175 Unit V V V V A A A W W/C mJ C 1/12
STD55NH2LL
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose Max Max 2.5 100 275 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 18V Min. 24 Typ. Max. Unit V A A nA
1 10 100
ON (4)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS ID = 250 A VGS = 10 V ID = 20 A ID = 20 A VGS = 4.5 V Min. 1 Typ. 0.010 0.012 Max. 0.011 0.0135 Unit V
DYNAMIC
Symbol gfs (4) Ciss Coss Crss RG Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Input Resistance Test Conditions VDS = 10 V ID = 10 A VDS = 10V f = 1 MHz VGS = 0 Min. Typ. 18 990 385 40 1.3 Max. Unit S pF pF pF
f = 1 MHz Gate DC Bias = 0 Test Signal Level = 20 mV Open Drain
2/12
STD55NH2LL
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Qoss(5) Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Output Charge Test Conditions VDD = 10 V ID = 20 A VGS = 4.5 V RG = 4.7 (Resistive Load, Figure 3) 0.44V VDD 10V, ID= 40 A VGS= 4.5 V VDS= 16 V VGS= 0 V Min. Typ. 15 56 8.7 4.2 2.4 7.6 Max. Unit ns ns nC nC nC nC
11
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions VDD = 10 V ID = 20 A VGS = 10 V RG = 4.7, (Resistive Load, Figure 3) Min. Typ. 13 10 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM VSD (4) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Test Conditions Min. Typ. Max. 40 160 1.3 Unit A A V ns nC A
A
ISD = 20 A VGS = 0 ISD = 40 A di/dt = 100A/s Tj = 150C VDD = 15 V (see test circuit, Figure 5) (*) Value limited by wire bonding
32.5 28 1.7
(1) Garanted when external Rg=4.7 and tf < tfmax. (2) Pulse width limited by safe operating area (3) Starting Tj = 25 oC, ID = 20A, VDD = 15V
(4) Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (5) Qoss = Coss* Vin , Coss = Cgd + Cds . See Appendix
.
Safe Operating Area
Thermal Impedance
3/12
STD55NH2LL
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/12
STD55NH2LL
Normalized Gate Threshold Voltage vs Temperature Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage vs Temperature
.
.
5/12
STD55NH2LL
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/12
STD55NH2LL
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
7/12
STD55NH2LL
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A"
B
=
=
3
B2
=
=
G
E
2
L4
1
=
=
A2
0068772-B
8/12
STD55NH2LL
9/12
STD55NH2LL
10/12
STD55NH2LL
11/12
STD55NH2LL
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics All other names are the property of their respective owners.
(c) 2004 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco -Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of STD55NH2LL-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X