Part Number Hot Search : 
00C12 RODUCTS CHP2299 1N5956B T6328A TL431 46ARP 468A104
Product Description
Full Text Search
 

To Download SST4392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SST4392 Single N-Channel JFET switch
Linear Systems replaces discontinued Siliconix SST4392
FEATURES DIRECTREPLACEMENTFORSILICONIXSST4392 LOWONRESISTANCE rDS(on)60 LOWGATEOPERATINGCURRENT ID(off)=5pA FASTSWITCHING t(ON)=15ns SST4392 Benefits: ABSOLUTEMAXIMUMRATINGS1@25C(unlessotherwisenoted) Low Error Voltage MaximumTemperatures High-Speed Analog Circuit Performance StorageTemperature 65Cto+200C Negligible "Off-Error," Excellent Accuracy Good Frequency Response, Low Glitches OperatingJunctionTemperature 55Cto+200C Eliminates Additional Buffering MaximumPowerDissipation ContinuousPowerDissipation 350mW SST4392 Applications: MAXIMUMCURRENT Analog Switches GateCurrent(Note1) IG=50mA Choppers, Sample-and-Hold MAXIMUMVOLTAGES Normally "On" Switches, Current Limiters GatetoDrainVoltage/GatetoSourceVoltage 35V SST4392ELECTRICALCHARACTERISTICS@25C(unlessotherwisenoted) SYMBOL CHARACTERISTIC MIN TYP. MAX UNITS CONDITIONS BVGSS GatetoSourceBreakdownVoltage 35 IG=1A,VDS=0V V VGS(off) GatetoSourceCutoffVoltage 2 5 VDS=15V,ID=10nA VGS(F) GatetoSourceForwardVoltage 0.7 1 IG=1mA,VDS=0V VDS(on) DraintoSourceOnVoltage 0.25 VGS=0V,ID=3mA VDS(on) DraintoSourceOnVoltage 0.3 0.4 VGS=0V,ID=6mA VDS(on) DraintoSourceOnVoltage 0.35 VGS=0V,ID=12mA IDSS DraintoSourceSaturationCurrent2 25 mA VDS=20V,VGS=0V IGSS GateReverseCurrent 5 100 VGS=20V,VDS=0V pA IG GateOperatingCurrent 5 VDG=15V,ID=10mA ID(off) DrainCutoffCurrent 5 100 VDS=10V,VGS=10V rDS(on) DraintoSourceOnResistance 60 VGS=0V,ID=1mA SST4392DYNAMICELECTRICALCHARACTERISTICS@25C(unlessotherwisenoted) SYMBOL CHARACTERISTIC TYP MIN MAX UNITS CONDITIONS The SST4392 features many of the superior characteristics of JFETs which make it a good choice for demanding analog switching applications and for specialized amplifier circuits. gfs gos rds(on) Ciss Crss Crss Crss en SYMBOL td(on) tr td(off) tf EquivalentInputNoiseVoltage CHARACTERISTIC TurnOnTime TurnOffTime
Click To Buy
ForwardTransconductance OutputConductance InputCapacitance ReverseTransferCapacitance 6 mS S pF 25 MIN MAX nV/Hz UNITS ns DraintoSourceOnResistance 60 13 3.6 3.5 3.1 3 TYP 2 2 6 13 CONDITIONS
VDS=20V,ID=1mA,f=1kHz VDS=20V,ID=1mA,f=1kHz VGS=0V,ID=0A,f=1kHz
VDS=20V,VGS=0V,f=1MHz VDS=0V,VGS=5V,f=1MHz VDS=0V,VGS=7V,f=1MHz VDS=0V,VGS=12V,f=1MHz VDS=10V,ID=10mA,f=1kHz
SST4392SWITCHINGELECTRICALCHARACTERISTICS@25C(unlessotherwisenoted) VDD=10V,VGS(H)=0V
Notes:1.Absoluteratingsarelimitingvaluesabovewhichserviceabilitymaybeimpaired 2.Pulsetest:PW300s,DutyCycle3% SST4392SWITCHINGCIRCUITPARAMETERSSWITCHINGCIRCUIT 7V SOT-23 (Top View) 1600 ID(on) 6mA Available Packages: SST4392 in SOT-23 SST4392 in bare die. www..com Contact Micross for full package and die dimensions VGS(L) RL Micross Components Europe
Tel: +44 1603 788967 Email: chipcomponents@micross.com Web: http://www.micross.com/distribution
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


▲Up To Search▲   

 
Price & Availability of SST4392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X