Part Number Hot Search : 
31000 X9312ZS CDRH2D11 FSSH110 FM25040C 10406 2SC3670A DG9411
Product Description
Full Text Search
 

To Download SR1060F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR1030F thru SR10150F
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 10.0 Amperes ITO-220AB
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.406(10.3) .386(9.8)
classification 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
.610(15.5) .571(14.5) .157(4.0) .142(3.6)
MECHANICAL DATA
Case: ITO-220AB molded plastic Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
.059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24)
.071(1.8) .055(1.4) .571(14.5) .531(13.5)
.114(2.9) .098(2.5)
.030(0.76) .020(0.51)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 5.0A DC (Note1) Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=100 @TC=95
SYMBOL VRRM VRMS VDC I(AV)
SR 1030F 30 21 30
SR 1040F 40 28 40
SR 1050F 50 35 50
SR 1060F 60 42 60 10
SR 1080F 80 56 80
SR 10100F 100 70 100
SR 10150F 150 105 150
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG 0.55 0.60 0.70
125 0.85 1.0 50 250 3.0 -55 to +150 -55 to +150 0.85 0.95
A V mA pF /W
Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% dudy cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case.
~ 181 ~
RATING AND CHARACTERTIC CURVES SR1030F thru SR10150F
FIG. 1 - FORWARD CURRENT DERATING CURVE 12 AVERAGE FORWARD CURRENT AMPERES 10 8 6 4 2 0 25 50 75 100 125 150 175 CASE TEMPERATURE () FIG.3-TYPICAL REVER CHARACTERISTICS 1000 INSTANTANEOUS FORWARD CURRENT, (A) INSTANTANEOUS REVERSE CURRENT,(mA)
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.3759.5mm) LEAD LENGTHS
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 200
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
150 100
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS
100
SR1030F SR1040F SR1050F-SR1060F
100
10
SR1080F-SR10100F
10
TJ=100
1.0
TJ=75
SR10150F
1
TJ=25
0.1
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 5 0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000
CAPACITANCE, (pF)
100
TJ = 25C f = 1 MHz
10 0.1 10 1 REVERSE VOLTAGE ,VOLTS 100
~ 182 ~


▲Up To Search▲   

 
Price & Availability of SR1060F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X