Part Number Hot Search : 
TAJB104 FN9028 HMC33001 CM48D 75M12 W742E811 5TUZ47C 10U200
Product Description
Full Text Search
 

To Download PD3-116-60-SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MECHATRO N I C D R I V E S W I T H S T E P P E R M O T O R
P A Nd r i ves
P D -1 1 6 - 6 0-SE
60mm / NEMA24 Stepper Motor with Controller / Driver, with Encoder and Serial Interface
10 mm
M A IN CH A R AC T ER IS T IC S
INFO
The PD-116-60-SE is a full mechatronic solution including a 60 mm flange motor (NEMA24). It combines a convenient controller electronic and a sensOstepTM encoder with a range of different motor types. The PD-116-60-SE offers four motor torque options and can be controlled via RS-232 or CAN interface. Power supply, RS232 interface and multi purpose I/Os can be connected via a 15-pin D-Sub connector and CAN via a 9-pin D-Sub connector. The chopSyncTM feature allows high speed movement avoiding resonances. The PD-116-60-SE comes with the PC based software development environment TMCL-IDE for the Trinamic Motion Control Language (TMCL). Using predefined TMCL high level commands like move to position" or constant rotation" a rapid and fast development of motion control applications is guaranteed. Communication traffic is kept very low since all time critical operations, e.g. ramp calculation are performed onboard. The TMCL program can be stored in the on-board EEPROM for stand-alone operation. An optional firmware allows to control the PD-116-60-SE via CANopen. The firmware of the module can be updated via the serial interface.
ELECTRICAL DATA
* nom. 24V DC supply voltage (28.5V max.) * up to 2.8A RMS coil current * holding torque 1.10 / 1.65 / 2.10 / 3.10 Nm * please also refer to the motor datasheet * CAN 2.0b (up-to 1Mbit/s) and RS232 interface * five 24V compatible inputs (stop- and homeswitch) and 3 open-collector outputs
MOTOR DATA
INTERFACE
FEATURES
* sensOstepTM encoder (max. 4096 incr./rot.) * chopSyncTM for high velocity operation * stallGuardTM for motor stall detection * up to 64 times microstepping * memory for 2048 TMCL commands * rotary switches to adjust CAN-ID * motion profile calculation in real-time * on the fly alteration of motion parameters * dynamic current control * integrated protection * TRINAMIC driver technology: low power dissipation, no heatsink required
SOFTWARE
* stand-alone operation using TMCL or remote controlled operation * PC-based application development software TMCL-IDE included * optional CANopen firmware (CiA 301, 402) * 15-pin D-Sub connector (male) * 9-pin D-Sub connector (male) * RoHS compliant
PD-116-60-SE CAN RS232
Address Selector
TMCL Memory
programmable
Motion Controller
with TMC428
high power
Driver
TMC249
MOSFET Driver Stage
Step Motor
OTHER
24V
5V Power Supply
sensOstepTM Encoder
ORDER CODE
DESCRIPTION
PD1-116-60-SE (-option) PD2-116-60-SE (-option) PD3-116-60-SE (-option) PD4-116-60-SE (-option)
OPTIONS
PANdrive 1.10 Nm, 77 mm length with motor QSH6018-45-28-110 PANdrive 1.65 Nm, 88 mm length with motor QSH6018-56-28-165 PANdrive 2.10 Nm, 97 mm length with motor QSH6018-65-28-210 PANdrive 3.10 Nm, 118 mm length with motor QSH6018-86-28-310
TMCL CANopen
with TMCL firmware with CANopen firmware
www.trinamic.com - for detailed information and datasheets
86


▲Up To Search▲   

 
Price & Availability of PD3-116-60-SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X