Part Number Hot Search : 
SB840DC EL5302 1J2ZKI21 MMSZ52 A26E001A N4764 RP336 SOP20
Product Description
Full Text Search
 

To Download NPC560M63D6XTRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Solid Aluminum Electrolytic Capacitors
FEATURES
* LOW IMPEDANCE & ESR AT HIGH FREQUENCY RoHS * HIGH RIPPLE CURRENT Compliant * REPLACES MULTIPLE TANTALUM CHIPS IN POWER SUPPLIES includes all homogeneous materials * FITS EIA (7343) "D" LAND PATTERNS *See Part Number System for Details * Pb-FREE (GOLD TERMINATION PLATING) * COMPATIBLE WITH +250C & +260C* REFLOW SOLDERING
*Refer to product tables for available +260C values
NPC Series
CHARACTERISTICS
Rated Working Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current (A) After 5 Minutes (+20C) Max. Tan , 120Hz, +20C High Temperature Load Life 2,000 Hours @ 105C at Rated Working Voltage 2.0 ~ 8VDC 10 ~ 390F -55 ~ +105C 20% (M) <0.04CV D1, D6 D7, D8 Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current <0.05 <0.1 Within 20% of initial measured value D7, D8 (D1 10F/6.3V) Less than 150% of specified max. value D1, D6 Less than 200% of specified max. value Less than specified max. value Within -20%/+40% of initial measured value D7, D8 Less than 150% of specified max. value D1, D6 Less than 200% of specified max. value Less than 300% of specified max. value Less than 500% of specified max. value for D1 10F/6.3V
Moisture Resistance* 500 Hours @ +60C at 90 ~ 95% RH and No Voltage Applied *JEDEC MSL-3
STANDARD PRODUCTS AND SPECIFICATIONS
NIC Part Number (+250C Reflow) NPC101M2D1ZTRF NPC101M2D6XTRF NPC101M2D6ZTRF NPC121M2D6ZTRF NPC151M2D6ZTRF NPC181M2D6ZTRF NPC221M2D6ZTRF NPC221M2D7XTRF NPC271M2D8ZTRF NPC331M2D8ZTRF NPC391M2D8ZTRF NPC820M2.5D1ZTRF NPC820M2.5D6XTRF NPC820M2.5D6ZTRF NPC101M2.5D6ZTRF NPC121M2.5D6ZTRF NPC151M2.5D6ZTRF NPC181M2.5D7XTRF NPC221M2.5D8ZTRF NPC271M2.5D8ZTRF NPC331M2.5D8ZTRF NPC680M4D1ZTRF NPC680M4D6XTRF NPC680M4D6ZTRF NPC820M4D6XTRF NPC101M4D6XTRF NPC121M4D6XTRF NPC151M4D6XTRF NPC151M4D7XTRF NIC Part Number (+260C Reflow) NPC101M2D1ZATRF NPC101M2D6XATRF NPC101M2D6ZATRF NPC221M2D7XATRF NPC820M2.5D1ZATRF NPC820M2.5D6XATRF NPC820M2.5D6ZATRF NPC181M2.5D7XATRF NPC680M4D1ZATRF NPC680M4D6XATRF NPC680M4D6ZATRF NPC151M4D7XATRF WV (Vdc) Cap. (F) 100 100 100 120 150 180 220 220 270 330 390 82 82 82 100 120 150 180 220 270 330 68 68 68 82 100 120 150 150 Max. LC (A) 8.0 8.0 8.0 9.6 12.0 14.4 17.6 17.6 21.6 26.4 31.2 8.2 8.2 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 10.9 10.9 10.9 13.1 16.0 19.2 24.0 24.0 Tan 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.10 0.10 0.10 0.10 0.05 0.05 0.05 0.05 0.05 0.05 0.10 0.10 0.10 0.10 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.10 Height Max. Ripple Current Max. ESR 100KHz @ +105C +20C & 100KHz () H 0.1 3,000 0.009 1.4 3,000 0.013 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,500 0.010 2.7 3,500 0.007 2.9 3,500 0.007 2.9 3,500 0.007 2.9 3,000 0.009 1.4 3,000 0.013 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,000 0.009 1.9 3,500 0.010 2.7 3,500 0.007 2.9 3,500 0.007 2.9 3,500 0.007 2.9 3,000 0.009 1.4 3,000 0.013 1.9 3,000 0.009 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,500 0.010 2.7
2
2.5
4
(R)
60
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Solid Aluminum Electrolytic Capacitors
STANDARD PRODUCTS AND SPECIFICATIONS
NIC Part Number (+250C Reflow) NPC181M4D8ZTRF NPC221M4D8ZTRF NPC271M4D8ZTRF NPC100M6.3D1TRF NPC330M6.3D6TRF NPC470M6.3D1XTRF NPC470M6.3D6XTRF NPC470M6.3D6ZTRF NPC560M6.3D6XTRF NPC680M6.3D6XTRF NPC820M6.3D6XTRF NPC101M6.3D6XTRF NPC101M6.3D7XTRF NPC121M6.3D8ZTRF NPC151M6.3D8ZTRF NPC150M8D6TRF NPC330M8D7XTRF NIC Part Number (+260C Reflow) NPC330M6.3D6ATRF NPC470M6.3D1XATRF NPC470M6.3D6XATRF NPC101M6.3D7XATRF WV (Vdc) 4.0 Cap. (F) 180 220 270 10 33 47 47 47 56 68 82 100 100 120 150 15 33 Max. LC (A) 28.8 35.2 43.2 2.5 8.3 11.8 11.8 11.8 14.1 17.1 20.7 25.2 25.2 30.2 37.8 4.8 10.6 Tan 0.10 0.10 0.10 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.10 0.10 0.10 0.05 0.10
NPC Series
Max. Ripple Current Max. ESR Height 100KHz @ +105C +20C & 100KHz () H 0.1 3,500 0.009 2.9 3,500 0.009 2.9 3,500 0.009 2.9 1,900 0.050 1.4 3,000 0.015 1.9 3,000 0.010 1.4 3,000 0.013 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,000 0.010 1.9 3,500 0.010 2.7 3,500 0.009 2.9 3,500 0.009 2.9 3,000 0.015 1.9 3,000 0.013 2.7
6.3
8
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency Correction Factor 1KHz <=f< 10KHz 0.6 10KHz <=f< 100KHz 0.85 100KHz <=f< 1MHz 1.0
PART NUMBERING SYSTEM
NPC 101 M 6.3 D7 X A TR F
RoHS Compliant Tape and Reel A - Denotes +260C Reflow Temp. Performance Characteristic (X = std, Z = reduced ESR) Case Size Working Voltage (Vdc) Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant, third digits no. of zeros Series
DIMENSIONS (mm)
Case Code D1 D6 D7 D8 L 0.2 7.3 W 0.2 4.3 H 0.1 1.4 1.9 2.7 2.9 W1 0.1 2.4 S 0.2 1.3
TEMINATION MATERIAL:
Au: 0.003 ~ 0.014m Pd: 0.02 ~ 0.07m Ni: 0.5 ~ 2.0m
Cu: 100 8m
Ni: 0.5 ~ 2.0m Pd: 0.02 ~ 0.07m Au: 0.003 ~ 0.014m
H S L
Anode Polarity Indicator
W
Series Indentifier Capacitance Value Lot Number
VOLTAGE CODES
Voltage 2.0VDC 2.5VDC 4.0VDC 6.3VDC 8.0VDC Code d e g j k
+
NPC
220 d58
W1
Voltage Code
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capactitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
61
Surface Mount Solid Aluminum Electrolytic Capacitors
RECOMMENDED LAND PATTERNS (mm)
COMPONENT SURFACE TEMP. (oC)
NPC Series
RECOMMENDED REFLOW SOLDERING PROFILE
260 250 230 NATURAL COOLING 200 Time Above 230C 40 sec. max. Pre-Heat 150oC ~ 180C 100 120 Sec. Max. 30 sec. max. Peak Temperature 250oC or 260C Max. for 5 sec.
Case Code D1, D6, D7, D8
a 2.4
b 2.9
c 3.7
B
A
C
A
150
50
TIME (SECONDS)
APPLICATION NOTES: 1. NPC Series cannot be used in coupling, time-constant or other circuits that are greatly affected by leakage current. 2. NPC parts are polarized so be sure to verify component orientation when mounting components. 3. Do not apply over voltage exceeding the rated voltage. 4. Do not apply ripple current over the specified maximum ripple current rating.
NOTES ON REFLOW SOLDERING: 1. SAC alloy (+217C) reflow soldering compatible 2. Soldering heat limits apply to the top surface of component 3. If you have concerns about your reflow soldering profile review them with NIC to insure compatible [tpmg@niccomp.com]
REEL TAPE DIMENSIONS (mm) Case A 1.0 B 0.5 C 0.2 Code D1, D6 330 80 13 D7, D8
W 0.5 13.5
t 0.5 2.0
Reel Quantity 3,000 2,000
TAPE DIMENSIONS (mm) Case A 0.1 B 0.1 Code D1 D6 4.55 7.65 D7 D8
C 0.3
D 0.05
E 0.1
F 0.1
G 0.05
H 0.1
J -0/+0.1
K 0.1 1.6 2.1 2.9 3.1
t 0.05
12.0
5.5
1.75
8.0
2.0
4.0
1.5
0.3
t
J H G
E
C
D C
K
A
B
B
F
W A
t
(R)
62
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NPC560M63D6XTRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X