Part Number Hot Search : 
ER106 AQZ102D TGT20 2SB64 TZ630N EF9365 EF9365 TPC6108
Product Description
Full Text Search
 

To Download NDF10N62Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NDF10N62Z, NDP10N62Z N-Channel Power MOSFET 620 V, 0.65 W
Features
* * * * *
Low ON Resistance Low Gate Charge Zener Diode-protected Gate 100% Avalanche Tested These Devices are Pb-Free and RoHS Compliant
http://onsemi.com
VDSS 620 V RDS(ON) (TYP) @ 5 A 0.65
ABSOLUTE MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Continuous Drain Current, RqJC Continuous Drain Current RqJC, TA = 100C Pulsed Drain Current, VGS @ 10 V Power Dissipation, RqJC (Note 1) Gate-to-Source Voltage Single Pulse Avalanche Energy, ID = 10 A ESD (HBM) (JESD22-A114) RMS Isolation Voltage (t = 0.3 sec., R.H. 30%, TA = 25C) (Figure 14) Peak Diode Recovery Continuous Source Current (Body Diode) Maximum Temperature for Soldering Leads Operating Junction and Storage Temperature Range Symbol VDSS ID ID IDM PD VGS EAS Vesd VISO 4500 36 30 300 3900 NDF10N62Z NDP10N62Z Unit V A A G (1) 36 (Note 2) 125 A W V mJ V V NDF10N62ZG or NDP10N62ZG AYWW Gate TO-220AB CASE 221A STYLE 5 Drain A Y WW G = Location Code = Year = Work Week = Pb-Free Package Source S (3) N-Channel D (2) 620 (Note 1) 10 (Note 2) 5.7 (Note 2)
TO-220FP CASE 221D STYLE 1
MARKING DIAGRAM
dv/dt IS TL TJ, Tstg
4.5 (Note 3) 10 260 -55 to 150
V/ns A C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Surface mounted on FR4 board using 1 sq. pad size, (Cu area = 1.127 in sq [2 oz] including traces) 2. Limited by maximum junction temperature 3. IS 10 A, di/dt 200 A/ms, VDD = 80% BVDSS
ORDERING INFORMATION
Device NDF10N62ZG NDP10N62ZG Package TO-220FP TO-220AB Shipping 50 Units/Rail In Development
(c) Semiconductor Components Industries, LLC, 2010
April, 2010 - Rev. 0
1
Publication Order Number: NDF10N62Z/D
NDF10N62Z, NDP10N62Z
THERMAL RESISTANCE
Parameter Junction-to-Case (Drain) Junction-to-Ambient Steady State (Note 4) Symbol RqJC RqJA NDF10N62Z 3.4 50 NDP10N62Z 1.0 50 Unit C/W
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain-to-Source Leakage Current VGS = 0 V, ID = 1 mA Reference to 25C, ID = 1 mA VDS = 620 V, VGS = 0 V VGS = 20 V VGS = 10 V, ID = 5.0 A VDS = VGS, ID = 100 mA VDS = 15 V, ID = 10 A 25C 125C IGSS RDS(on) VGS(th) gFS Ciss Coss Crss Qg VDD = 310 V, ID = 10 A, VGS = 10 V Qgs Qgd Vgp Rg td(on) VDD = 310 V, ID = 10 A, VGS = 10 V, RG = 5 tr td(off) tf 3.0 7.9 1425 150 35 47 9.3 25 6.4 1.5 15 31 40 21 V W ns nC 0.65 BVDSS DBVDSS/ DTJ IDSS 620 0.6 1 50 10 0.75 4.5 mA W V S pF V V/C mA Test Conditions Symbol Min Typ Max Unit
Gate-to-Source Forward Leakage ON CHARACTERISTICS (Note 5) Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Plateau Voltage Gate Resistance RESISTIVE SWITCHING CHARACTERISTICS Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
VDS = 25 V, VGS = 0 V, f = 1.0 MHz
SOURCE-DRAIN DIODE CHARACTERISTICS (TC = 25C unless otherwise noted) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge 4. Insertion mounted 5. Pulse Width 380 ms, Duty Cycle 2%. IS = 10 A, VGS = 0 V VGS = 0 V, VDD = 30 V IS = 10 A, di/dt = 100 A/ms VSD trr Qrr 395 3.0 1.6 V ns mC
http://onsemi.com
2
NDF10N62Z, NDP10N62Z
TYPICAL CHARACTERISTICS
20 18 ID, DRAIN CURRENT (A) 16 14 12 10 8 6 4 2 0 TJ = 25C 7.0 V 10 V 20 18 6.4 V 6.2 V 6.0 V 5.8 V 5.6 V 5.4 V 5.0 V 0 4 8 12 16 20 24 VDS, DRAIN-TO-SOURCE VOLTAGE (V) ID, DRAIN CURRENT (A) 6.6 V 16 14 12 10 8 6 4 2 0 TJ = -55C 2 3 4 5 6 7 8 TJ = 150C VDS = 30 V TJ = 25C
VGS = 15 V
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.80 TJ = 25C 0.75 0.80
Figure 2. Transfer Characteristics
TJ = 25C 0.75
VGS = 10 V
0.70 ID = 5 A
0.70
0.65
0.65
0.60
5
6
7
8
9
10
0.60
2.5
5.0
7.5
10
12.5
VGS, GATE-TO-SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 3. On-Resistance vs. Gate Voltage
2.7 RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) VGS = 10 V 2.2 1.7 1.2 0.7 0.2 -50 ID = 5 A BVDSS, NORMALIZED BREAKDOWN VOLTAGE (V) 1.15 1.1
Figure 4. On-Resistance vs. Drain Current and Gate Voltage
ID = 1 mA 1.05 1.0 0.95 0.9 -50
-25
0
25
50
75
100
125
150
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 5. On-Resistance Variation with Temperature
Figure 6. BVDSS Variation with Temperature
http://onsemi.com
3
NDF10N62Z, NDP10N62Z
TYPICAL CHARACTERISTICS
100 VGS = 0 V C, CAPACITANCE (pF) IDSS, LEAKAGE (mA) 10 TJ = 150C 3500 3000 2500 2000 1500 1000 500 0.01 0 100 200 300 400 500 600 0 0 Crss Coss 25 50 75 100 125 150 175 200 Ciss VGS = 0 V TJ = 25C
1 TJ = 100C
0.1
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 7. Drain-to-Source Leakage Current vs. Voltage
VGS, GATE-TO-SOURCE VOLTAGE (V) 20 400 1000 VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 8. Capacitance Variation
15
VDS QT Qgs Qgd VGS VDS = 310 V ID = 10 A TJ = 25C 0 5 10 15 20 25 30 35 40 45
300
VDD = 310 V ID = 10 A VGS = 10 V t, TIME (ns) 100
td(off) tr tf td(on)
10
200
10
5
100
0
0 50
1
1
10 RG, GATE RESISTANCE (W)
100
Qg, TOTAL GATE CHARGE (nC)
Figure 9. Gate-to-Source and Drain-to-Source Voltage vs. Total Charge
10 IS, SOURCE CURRENT (A) 8 6 4 2 0 VGS = 0 V TJ = 25C ID, DRAIN CURRENT (A) 100
Figure 10. Resistive Switching Time Variation vs. Gate Resistance
VGS = 10 V Single Pulse TC = 25C 1 ms 100 ms 10 ms
10
1
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
Mounted on 2 sq. FR4 board (1 sq. 2 oz. Cu 0.06 thick single sided) with one die operating RDS(on) Limit Thermal Limit Package Limit 1 10 100
10 ms
dc
1000
VSD, SOURCE-TO-DRAIN VOLTAGE (V)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 11. Diode Source Current vs. Forward Voltage
Figure 12. Maximum Rated Forward Biased Safe Operating Area for NDF10N62Z
http://onsemi.com
4
NDF10N62Z, NDP10N62Z
TYPICAL CHARACTERISTICS
10 Duty Cycle = 50% 1 20% 10% 5% 0.1 2% 1%
R(t) (C/W)
0.01 Single Pulse Simulation 0.001 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 RqJC Steady State = 3.4C/W 10 100 1000
PULSE TIME (sec)
Figure 13. Thermal Impedance for NDF10N62Z
LEADS
HEATSINK 0.110 MIN
Figure 14. Isolation Test Diagram
Measurement made between leads and heatsink with all leads shorted together. *For additional mounting information, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NDF10N62Z, NDP10N62Z
PACKAGE DIMENSIONS
TO-220FP CASE 221D-03 ISSUE K
-T- F Q A
123 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH 3. 221D-01 THRU 221D-02 OBSOLETE, NEW STANDARD 221D-03. INCHES MIN MAX 0.617 0.635 0.392 0.419 0.177 0.193 0.024 0.039 0.116 0.129 0.100 BSC 0.118 0.135 0.018 0.025 0.503 0.541 0.048 0.058 0.200 BSC 0.122 0.138 0.099 0.117 0.092 0.113 0.239 0.271 MILLIMETERS MIN MAX 15.67 16.12 9.96 10.63 4.50 4.90 0.60 1.00 2.95 3.28 2.54 BSC 3.00 3.43 0.45 0.63 12.78 13.73 1.23 1.47 5.08 BSC 3.10 3.50 2.51 2.96 2.34 2.87 6.06 6.88
-B- U
C S
H K
-Y-
G N L D
3 PL M
J R
DIM A B C D F G H J K L N Q R S U
0.25 (0.010)
B
M
Y
STYLE 1: PIN 1. GATE 2. DRAIN 3. SOURCE
TO-220AB CASE 221A-09 ISSUE AE
-T- B
4 SEATING PLANE
F
T
C S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.161 0.095 0.105 0.110 0.155 0.014 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 ----0.080 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 4.09 2.42 2.66 2.80 3.93 0.36 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 ----2.04
Q
123
A U K
H Z L V G D N
R J
STYLE 5: PIN 1. 2. 3. 4.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
NDF10N62Z/D


▲Up To Search▲   

 
Price & Availability of NDF10N62Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X