Part Number Hot Search : 
20017TS PE9209 1N646108 MAX520 MAX548 BXMF1011 MP4411 SG7805AT
Product Description
Full Text Search
 

To Download MMBD4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4148
Elektronische Bauelemente
RoHS Compliant Product
Surface Mount Switching Diode
FEATURES
A suffix of "-C" specifies halogen & lead-free
A L
3 1
* * * *
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance
3
Top View
2
BS
V 1
ANODE
G C
3
CATHODE
1 2
D
H
K
J
MAXIMUM RATINGS
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Value 75 300 500 Unit Vdc mAdc mAdc
SOT-23 Dim A B C D G H J K L S V Min 2.800 1.200 0.890 0.370 1.780 0.013 0.085 0.450 0.890 2.100 0.450 Max 3.040 1.400 1.110 0.500 2.040 0.100 0.177 0.600 1.020 2.500 0.600
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 325 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 - 55 to +150 Unit mW mW/C C/W mW mW/C C/W C
All Dimension in mm
DEVICE MARKING
MMBD4148 = 5D, KA2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (IR = 100 mAdc) Reverse Voltage Leakage Current (VR = 20 Vdc) (VR = 75 Vdc) Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Voltage (IF = 10 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc) (Figure 1) 1. FR- 5 = 1.0 0.75 2. Alumina = 0.4 0.3 V(BR) IR -- -- CT VF trr -- -- -- 25 5.0 4.0 1.25 4.0 nAdc 75 -- Vdc
mAdc
pF Vdc ns
0.062 in. 0.024 in. 99.5% alumina.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
MMBD4148
Elektronische Bauelemente Surface Mount Switching Diode
820 +10 V 2.0 k 100 H 0.1 F DUT 50 Output Pulse Generator 50 Input Sampling Oscilloscopes VR Input Signal 90% IR IR(REC) = 1.0 mA Output Pulse (IF = IR = 10 mA; Measured at IR(REC) = 1.0 mA) IF 0.1 F tr 10% tp t IF trr t
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
100 TA = 85C I F, Forward Current (mA) 10 10 TA = 150C TA = -40C IR , Reverse Current (A) 1.0 TA = 125C
TA = 25C 1.0
0.1
TA = 85C
TA = 55C 0.01 TA = 25C
0.1 0.2 0.4 0.6 0.8 1.0 1.2 VF, Forward Voltage (V)
0.001
0
10
20
30
40
50
VR, Reverse Voltage (V)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
CD , Diode Capacitance (pF)
0.64
0.60
0.56
0.52 0 2.0 4.0 VR, Reverse Voltage (V) 6.0 8.0
Figure 4. Capacitance
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of MMBD4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X