Part Number Hot Search : 
Q6030LH5 STB6NC80 07197 SMBJ160A 2Y4NANV 17578 GF7NB SIA418DJ
Product Description
Full Text Search
 

To Download MBR10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1040~MBR10200
10 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE 40 to 200 Volts CURRENT 10 Amperes
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvlotage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
.058(1.47) .042(1.07)
MECHANICALDATA
* Case: TO-220AC molded plastic * Terminals: solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.055 ounces, 1.5615 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt ( S e e fi g .1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 2 5 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i ng a nd S t o r a g e J unc t i o n Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS V DC IF(AV)
MB R1 0 4 0
MB R1 0 4 5
MB R1 0 5 0
MB R1 0 6 0
MB R1 0 8 0
MB R1 0 9 0
MB R1 0 1 0 0
MB R1 0 1 5 0
MB R1 0 2 0 0
U N IT S V V V A
40 28 40
45 3 1 .5 45
50 35 50
60 42 60
80 56 80 10
90 63 90
100 70 100
150 105 150
200 140 200
IFSM
150
A
VF
0 .7
0 .7 5 0 .0 5 20 3 .0
0 .8
0.9
V
IR
mA
O
R J C TJ , T S TG
-5 5 to + 1 5 0
C/ W C
-6 5 to + 1 7 5
O
Notes : Both Bonding and Chip structure are available.
STAD-APR.30.2009
PAGE . 1
MBR1040~MBR10200
RATING AND CHARACTERISTIC CURVES
100
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
20.0 16.0 12.0 8.0 4.0 0 0 20 40 60 80 100 120
O
= 40V = 45-200V
FORWARD CURRENT, AMPERES
40-45V
10 50-60V
80-100V
150-200V 1.0
RESISTIVE OR INDUCTIVE LOAD
140 160 180
T A =25 C 0.1 0.4 0.6 0.8 1.0
1.2
O
CASE TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
10
INSTANTANEOUS REVERSE CURRENT, mA
200
PEAK FORWARD SURGE CURRENT,
1.0
T J =100 C
O
175 150 125 100 75 50 25 0 1 2 5 10 20 50 100 8.3ms Single Half Since-Wave JEDEC Method
T J = 75 O C
0.1
T J = 25 O C
.01
.001 0 20 40 60 80 100 120 140
NO. OF CYCLE AT 60Hz
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
STAD-APR.30.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X