Part Number Hot Search : 
C4003 TISP4240 R7221805 TR3000 L6256AH 10F12A GL34A 47204
Product Description
Full Text Search
 

To Download MBR10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR10150 thru MBR10200
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055 Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
A=Anode, C=Cathode, TAB=Cathode VRRM V 150 200 VRMS V 105 140 VDC V 150 200
MBR10150 MBR10200
Symbol IFAV IFSM IAR (dv/dt)cr TVJ TVJM Tstg Md Weight mounting torque typical
o
Test Conditions TC=125 C; rectangular, d=0.5 TVJ=45oC; tp=10ms (50Hz), sine VA=1.5.VRRM typ.; f=10kHz; repetitive
Maximum Ratings 10 150 0.8 10000 -65...+150 150 -65...+175 0.4...0.6 2
Unit A A A V/us
o
C
Nm g
Symbol TVJ=25oC; VR=VRRM TVJ=125oC; VR=VRRM IF=10A; TVJ=125oC IF=10A; TVJ=25oC IF=20A; TVJ=125oC IF=20A; TVJ=25oC
Test Conditions
Characteristic Values typ. max. 1.0 50 0.80 0.90 0.90 1.00 2.0
Unit
IR
mA
VF
V
RthJC
K/W
FEATURES
* International standard package * Very low VF * Extremely low switching losses * Low IRM-values
APPLICATIONS
* Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses
MBR10150 thru MBR10200
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
100 10,000
IF, INSTANEOUS FORWARD CURRENT (AMP)
70 50 T J = 150 C 1,000
TJ = 150 5C IR , REVERSE CURRENT ( A)
T J = 125 C 100 T J = 100 C 10 20
10 7 5
TJ = 125 5C TJ = 100 5C TJ = 255C
1
2
0.1 T J = 25 C
1
0.01
0.2
0.4 0.6 0.8 vF, INSTANTANEOUS VOL TAGE (VOLTS)
1
0
20
40
60
80
100 120 140
160
180 200
VR , REVERSE CURRENT (VOL TS)
F igure 1. ypic al F orward oltage (P er L eg) T V
PF(AV), AVERAGE POWER DISSIPATION (W ATTS) TJ = 125 5C 10 dc = 20 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
40 36 32 28 24 20 16 12 8 4 0 S QUA R E WAV E
F igure 2. ypic al R evers e C urrent (P er L eg) T
25 20 15
R AT E D V OL G E TA R J C = 2 /W C
IP K I AV
S QUA R E WAV E
dc
10
5 0
0
5
10
15
20
25
30
35
90
100
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
110 120 130 140 TC, CASE TEMPERATURE (5C)
150
160
F igure 3. F orward P ower Dis s ipation
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
20 16 12 8 4 dc 0 400 R J A = 16 /W C R AT E D V OL G E TA 500
F igure 4. C urrent Derating, C as e
TJ = 255C
C, CAPACITANCE (pF) 25 50 75 100 125 TA, AMBIENT TEMPERA TURE (5C) 150 175
300
S QUA R E WAV E
200
100
0
0
1
2
5
10
20
50 70 100
VR , REVERSE VOL TAGE (VOLTS)
F igure 5. C urrent Derating, A mbient
F igure 6. ypic al C apac itanc e (P er L eg) T


▲Up To Search▲   

 
Price & Availability of MBR10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X