Part Number Hot Search : 
74AC24 TR300 LP295 B9422 CGRC507 MM1100 6ESRFC3 1N5248
Product Description
Full Text Search
 

To Download MAX1470EVKIT-433 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2609; Rev 1; 12/02
MAX1470 Evaluation Kit
General Description
The MAX1470 evaluation kit (EV kit) allows for a detailed evaluation of the MAX1470 superheterodyne receiver. It enables testing of the device's RF performance and requires no additional support circuitry. The RF input uses a 50 matching network and an SMA connector for convenient connection to test equipment. The EV kit can also directly interface to the user's embedded design for easy data decoding. The MAX1470 EV kit comes in two versions: a 315MHz version and a 433.92MHz version. The passive components are optimized for these frequencies. These components can easily be changed to work at RF frequencies from 250MHz to 500MHz. In addition, the 5kbps data rate can be adjusted from 0kbps to 100kbps by changing two more components. For easy implementation into the customer's design, the MAX1470 EV kit also features a proven PC board layout, which can be easily duplicated for quicker time to market. The EV kit Gerber files are available for download at www.maxim-ic.com. o Proven Components Parts List o Multiple Test Points Provided On-Board o Available in 315MHz or 433.92MHz Optimized Versions o 250MHz to 500MHz* Adjustable Frequency Range o Fully Assembled and Tested o Can Operate as a Stand-Alone Receiver with Addition of an Antenna
*Requires component changes.
Features
o Proven PC Board Layout (Compact 3cm 3cm)
Evaluates: MAX1470
Ordering Information
PART MAX1470EVKIT-315 MAX1470EVKIT-433 TEMP RANGE -40C to +85C -40C to +85C IC PACKAGE 28 TSSOP 28 TSSOP
Component List
DESIGNATION C1, C2, C12 QTY 3 DESCRIPTION 0.01F 10% ceramic capacitors (0603) Murata GRM188R71H103KA01 1500pF 10%, 50V X7R ceramic capacitor (0603) Murata GRM188R71H152KA01 0.47F +80% - 20% ceramic capacitor (0603) Murata GRM188F51C474ZA01 470pF 5% ceramic capacitor (0603) Murata GRM1885C1H471JA01 220pF 5% ceramic capacitors (0603) Murata GRM1885C1H221JA01 100pF 5% ceramic capacitors (0603) Murata GRM1885C1H101JA01 4.7pF 0.1pF ceramic capacitor (0603) Murata GRM1885C1H4R7BZ01 DESIGNATION C9 (433MHz) C13, C16, C18, C19 C14, C15 QTY 1 DESCRIPTION 3.0pF 0.1pF ceramic capacitor (0603) Murata GRM1885C1H3R0BD01 Not installed 15pF 5%, 50V ceramic capacitors (0603) Murata GRM1885C1H150JZ01 0.1F +80% - 20% ceramic capacitor (0603) Murata GRM188R71H103KA01, not installed SMA connector edge mount, not installed EFJohnson 142-0701-801 3-pin header Digi-Key S1012-36-ND or equivalent Shunt (JU1) Digi-Key S9000-ND or equivalent Not installed
0
C3
1
2
C4
1
C17
0
C5
1
F_IN
1
C6, C10
2
JU1
1
C7, C8, C11
3
-- JU3, JU4
1 0
C9 (315MHz)
1
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX1470 Evaluation Kit Evaluates: MAX1470
Component List (continued)
DESIGNATION L1 (315MHz) L1 (433MHz) QTY 1 1 DESCRIPTION 27nH 5% inductor (0603) Murata LQG18HN27NJ00 15nH 5% inductor (0603) Murata LQG18HN15NJ00 120nH 5% inductor (0603) Toko LL1608FSR12J or Murata LQW18ANR12J00 68nH 5% inductor (0603) Toko LL1608FH68J or Murata LQG18HN68NJ00 15nH 5% inductor (0603) Murata LQG18HN15NJ00 5k resistor (0603) Any supplier Resistor (0603), not installed 270 resistor (0603), not installed Any supplier 10k resistor (0603) Any supplier SMA connector top mount EFJohnson 142-0701-201 Y2 U1 -- 1 1 1 Y1 (433MHz) 1 DESIGNATION MIX_OUT TP1, TP2, TP4-TP8 3.3V, GND, SHDN, DATA_OUT, TP3 QTY 0 DESCRIPTION SMA connector top mount, not installed EFJohnson 142-0701-201 Not installed Test points Mouser 151-203 or equivalent Crystal 4.754687MHz Hong Kong Crystals SSL4754687E03FAFZ8A0 or Crystek 016867 Crystal 6.6128 MHz Hong Kong Crystals SSL6612813E03FAFZ8A0 or Crystek 016868 10.7MHz ceramic filter Murata SFTLA10M7FA00-B0 MAX1470EUI MAX1470 EV kit PC board
0
L2 (315MHz)
1
5
L2 (433MHz)
1
Y1 (315MHz)
1
L3 R1 R2, R4 R3 R5 RF_IN
1 1 0 0 1 1
Component Suppliers
SUPPLIER Crystek Hong Kong Crystals Murata PHONE 800-237-3061 852-2412-0121 800-831-9172 FAX 941-561-1025 852-2498-5908 814-238-0490
* Optional ammeter for measuring supply current * Oscilloscope
Connections and Setup
This section provides a step-by-step guide to operating the EV kit and testing the device's functionality. Do not turn on the DC power or RF signal generator until all connections are made: 1) Connect a DC supply set to 3.3V (through an ammeter, if desired) to the 3.3V and GND terminals on the EV kit. Do not turn on the supply. 2) Connect the RF signal generator to the RF_IN SMA connector. Do not turn on the generator output. Set the generator for an output frequency of 315MHz (or 433.92MHz) at a power level of -100dBm. Set the modulation of the generator to provide a 2kHz, 100% AM-modulated square wave (or a 2kHz pulse-modulated signal). 3) Connect the oscilloscope to test point TP3.
Toko 408-432-8281 408-943-9790 Note: Please indicate that you are using the MAX1470 when contacting these component suppliers.
Quick Start
The following procedure allows for proper device evaluation.
Required Test Equipment
* Regulated power supply capable of providing 3.3V * RF signal generator capable of delivering from -120dBm to 0dBm of output power at the operating frequency, in addition to AM or pulse-modulation capabilities (Agilent E4420B or equivalent)
2
_______________________________________________________________________________________
MAX1470 Evaluation Kit
4) Turn on the DC supply. The supply current should read approximately 6mA. 5) Activate the RF generator's output without modulation. The scope should display a DC voltage that varies from approximately 1.2V to 2.0V as the RF generator amplitude is changed from -115dBm to -50dBm. 6) Set the RF generator to -100dBm. Activate the RF generator's modulation and set the scope's coupling to AC. The scope now displays a lowpass-filtered square wave at TP3 (filtered analog baseband data). Use the RF generator's LF OUTPUT (modulation output) to trigger the oscilloscope. 7) Monitor the DATA_OUT terminal and verify the presence of a 2kHz square wave. 3) Use capacitors C5 and C6 to set the corner frequency of the 2nd-order lowpass Sallen-Key data filter. The current values were selected for a corner frequency of 5kHz. Adjusting these values accommodates higher data rates (refer to the MAX1470 data sheet for more details).
Evaluates: MAX1470
Layout Issues
A properly designed PC board is an essential part of any RF/microwave circuit. On high-frequency inputs and outputs, use controlled-impedance lines and keep them as short as possible to minimize losses and radiation. At high frequencies, trace lengths that are approximately 1/20 the wavelength or longer become antennas. For example, a 2in trace at 315MHz can act as an antenna. Keeping the traces short also reduces parasitic inductance. Generally, 1in of a PC board trace adds about 20nH of parasitic inductance. The parasitic inductance can have a dramatic effect on the effective inductance. For example, a 0.5in trace connecting a 100nH inductor adds an extra 10nH of inductance, or 10%. To reduce the parasitic inductance, use wider traces and a solid ground or power plane below the signal traces. Using a solid ground plane can reduce the parasitic inductance from approximately 20nH/in to 7nH/in. Also, use low-inductance connections to ground on all GND pins, and place decoupling capacitors close to all VDD connections. The EV kit PC board can serve as a reference design for laying out a board using the MAX1470. All required components have been enclosed in a 1.25in x 1.25in square, which can be directly "inserted" in the application circuit.
Additional Evaluation
1) With the modulation still set to AM, observe the effect of reducing the RF generator's amplitude on the DATA_OUT terminal output. The error in this sliced digital signal increases with reduced RF signal level. The sensitivity is usually defined as the point at which the error in interpreting the data (by the following embedded circuitry) increases beyond a set limit (BER test). 2) With the above settings, a 315MHz-tuned EV kit should display a sensitivity of about -118dBm (1% BER), while a 433.92MHz kit displays a sensitivity of about -114dBm (1% BER). Note: The above sensitivity values are given in terms of average carrier power. If true pulse modulation is used instead of AM, then the sensitivity measurement is in terms of peak power, and as a result is reduced by 6dB.
Table 1. Jumper Function Table
JUMPER JU1 JU1 JU1 JU3 JU3 JU3 JU4 STATE 1-2 2-3 N.C. 1-2 2-3 N.C. 1-2 FUNCTION Normal operation Power-down mode External power-down control Mixer output to MIX_OUT External IF input Normal operation Uses PDOUT for faster receiver startup GND connection for peak detector filter
Table 2. Test Points
TP 1 2 3 4 5 6 7 8 9 DESCRIPTION PLL control voltage (Note: Connecting anything to this test point degrades RF performance.) Data slicer negative input Data slicer positive input Peak detector out VDD GND Data filter feedback node Data out Power-down select input
JU4
2-3
_______________________________________________________________________________________
3
MAX1470 Evaluation Kit Evaluates: MAX1470
Detailed Description
Power-Down Control
The MAX1470 can be controlled externally using the SHDN connector. The IC draws approximately 1.25A in shutdown mode. Jumper JU1 is used to control this mode. The shunt can be placed between pins 2 and 3 for continuous shutdown, or pins 1 and 2 for continuous operation. Remove the JU1 shunt for external control. See Table 1 for the jumper function descriptions.
IF Input/Output
The 10.7MHz IF can be monitored with the help of a spectrum analyzer using the MIX_OUT SMA (not provided). Remove the ceramic filter for such a measurement and include R3 (270) and C17 (0.01F) to match the 330 mixer output with the 50 spectrum analyzer. Jumper JU3 needs to connect pins 1 and 2. It is also possible to use the MIX_OUT SMA to inject an external IF as a means of evaluating the baseband data slicing section. Jumper JU3 needs to connect pins 2 and 3.
F_IN External Frequency Input
For applications where the correct frequency crystal is not available, it is possible to directly inject an external frequency through the F_IN SMA (not provided). Connect the SMA to a function generator. The addition of C18 and C19 is necessary (use 0.01F capacitors).
Figure 1. MAX1470 EV Kit
Table 3. I/O Connectors
SIGNAL RF_IN F_IN MIX_OUT GND 3.3V DATA_OUT SHDN RF input External reference frequency input IF input/output Ground 3.3V power input Sliced data output External power-down control DESCRIPTION
Test Points and I/O Connections
Additional test points and I/O connectors are provided to monitor the various baseband signals and for external connections. See Tables 2 and 3.
4
_______________________________________________________________________________________
MAX1470 Evaluation Kit Evaluates: MAX1470
C14 15pF C16 OPEN C18 OPEN 3.3V 3.3V TP5 C7 100pF L2 * L3 15nH 1 2 C12 0.01F 3 4 5 6 3.3V
Y1 *
C15 15pF
C19 OPEN
F_IN
3.3V XTAL2 XTAL1 PWRDN AVDD PDOUT 28 27 26 R2 OPEN LNAIN DATAOUT LNASRC AGND LNAOUT U1 MAX1470 7 C2 0.01F 8 MIXIN1 DSP MIXIN2 IFIN2 AGND N.C. MIXOUT DGND DVDD Y2 OUT 10.7MHz 3 17 IFIN1 16 N.C. N.C. 15 3 TP1 1 IN 1 GND 2 2 R4 OPEN JU3 19 18 C3 1500pF TP3 AVDD DSN 20 R1 5k C4 0.47F N.C. 25 24 R5 10k TP8 TP7 C6 220pF DSN TP2 C5 470pF TP4 C13 OPEN 2 DSN 1 JU4 3 DATA_OUT JU1 2 1 3 TP9 SHDN
RF_IN
N.C. 23 DF OPP 22 21
C11 100pF L1 * 3.3V C10 220pF GND TP6 C9 * C8 100pF
9 10 11 12 13
* C9 L1
315MHz 4.7pF
433.92MHz 3.0pF
3.3V
14
R3 OPEN
C17 OPEN
MIX_OUT
27nH 15nH 120nH 68nH L2 Y1 4.754687MHz 6.6128MHz
C1 0.01F
Figure 2. MAX1470 EV Kit Circuit Diagram
_______________________________________________________________________________________
5
MAX1470 Evaluation Kit Evaluates: MAX1470
Figure 3. MAX1470 EV Kit Component Placement Guide--Top Silkscreen
Figure 4. MAX1470 EV Kit PC Board Layout--Top Copper
Figure 5. MAX1470 EV Kit PC Board Layout --Bottom Copper
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1470EVKIT-433

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X