Part Number Hot Search : 
N4141 NTE3300 TP213 1210F 2SC42 EZ1086CT M317T 4650TA
Product Description
Full Text Search
 

To Download MAC15A8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Triacs
Silicon Bidirectional Triode Thyristors
. . . designed primarily for full-wave ac control applications, such as solid-state relays, motor controls, heating controls and power supplies; or wherever full-wave silicon gate controlled solid-state devices are needed. Triac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering. * Blocking Voltage to 800 Volts * All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity and Stability * Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat Dissipation and Durability * Gate Triggering Guaranteed in Three Modes (MAC15 Series) or Four Modes (MAC15A Series)
MAC15 Series MAC15A Series
TRIACs 15 AMPERES RMS 200 thru 800 VOLTS
MT2 G
MT1
CASE 221A-04 (TO-220AB) STYLE 4
MAXIMUM RATINGS (TJ = 25C unless otherwise noted.)
Rating Peak Repetitive Off-State Voltage(1) (Gate Open, TJ = -40 to +125C) MAC15-4, MAC15A4 MAC15-6, MAC15A6 MAC15-8, MAC15A8 MAC15-10, MAC15A10 VGM IT(RMS) I2t ITSM Symbol VDRM 200 400 600 800 10 15 93 150 Volts Amps A2s Amps Value Unit Volts
Peak Gate Voltage On-State Current RMS Full Cycle Sine Wave 50 to 60 Hz (TC = +90C) Circuit Fusing (t = 8.3 ms) Peak Surge Current (One Full Cycle, 60 Hz, TC = +80C) Preceded and followed by rated current Peak Gate Power (TC = +80C, Pulse Width = 2 s) Average Gate Power (TC = +80C, t = 8.3 ms) Peak Gate Current Operating Junction Temperature Range Storage Temperature Range
PGM PG(AV) IGM TJ Tstg
20 0.5 2 -40 to +125 -40 to +150
Watts Watt Amps C C
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Symbol RJC Max 2 Unit C/W
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. REV 1
Motorola Thyristor Device Data
3-59
MAC15 Series MAC15A Series
ELECTRICAL CHARACTERISTICS (TC = 25C, and either polarity of MT2 to MT1 Voltage, unless otherwise noted.)
Characteristic Peak Blocking Current (VD = Rated VDRM, Gate Open) TJ = 25C TJ = 125C Symbol IDRM -- -- -- -- 1.3 10 2 1.6 Min Typ Max Unit A mA Volts mA -- -- -- -- VGT -- -- -- -- 0.2 0.2 IH -- 0.9 0.9 1.1 1.4 -- -- 6 2 2 2 2.5 -- -- 40 mA -- -- -- -- 50 50 50 75 Volts
Peak On-State Voltage (ITM = 21 A Peak; Pulse Width = 1 or 2 ms, Duty Cycle Gate Trigger Current (Continuous dc) (VD = 12 Vdc, RL = 100 Ohms) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) MT2(-), G(+) "A" SUFFIX ONLY Gate Trigger Voltage (Continuous dc) (VD = 12 Vdc, RL = 100 Ohms) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) MT2(-), G(+) "A" SUFFIX ONLY (VD = Rated VDRM, RL = 10 k Ohms, TJ = 110C) MT2(+), G(+); MT2(-), G(-); MT2(+), G(-) MT2(-), G(+) "A" SUFFIX ONLY Holding Current (Either Direction) (VD = 12 Vdc, Gate Open) (IT = 200 mA)
p 2%)
VTM IGT
--
Turn-On Time (VD = Rated VDRM, ITM = 17 A) (IGT = 120 mA, Rise Time = 0.1 s, Pulse Width = 2 s) Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 21 A, Commutating di/dt = 7.6 A/ms, Gate Unenergized, TC = 80C)
tgt
--
1.5
--
s
dv/dt(c)
--
5
--
V/s
FIGURE 1 - RMS CURRENT DERATING
130 PAV , AVERAGE POWER (WATTS) TC, CASE TEMPERATURE ( C) 120 = 30 = 60 = 90 110 = 180 100 90 80 0 = CONDUCTION ANGLE 2 4 6 8 10 12 14 16 IT(RMS), RMS ON-STATE CURRENT (AMP) dc TJ 125 20 16
FIGURE 2 - ON-STATE POWER DISSIPATION
= 180 TJ 125C 8 = CONDUCTION ANGLE 4 0 0 2 4 6 8 10 12 14 16 IT(RMS), ON-STATE CURRENT (AMP) 120 dc 90 60 30
12
3-60
Motorola Thyristor Device Data
MAC15 Series MAC15A Series
FIGURE 3 - TYPICAL GATE TRIGGER VOLTAGE
1.8 Vgt, GATE TRIGGER VOLTAGE (VOLTS) 1.6 1.4 QUADRANT 4 1.2 1.0 0.8 0.6 0.4 -60 1 QUADRANTS 2 3 -40 0 20 40 60 80 100 120 140 IGT , GATE TRIGGER CURRENT (mA) OFF-STATE VOLTAGE = 12 V 50
FIGURE 4 - TYPICAL GATE TRIGGER CURRENT
OFF-STATE VOLTAGE = 12 V 30 20
-20
1 2 QUADRANT 3 7.0 4 5.0 -60 -40 -20 10
0
20
40
60
80
100
120 140
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
FIGURE 5 - ON-STATE CHARACTERISTICS
100 70 50 30 20 i TM , INSTANTANEOUS FORWARD CURRENT (AMP) TJ = 25C 125C IH , HOLDING CURRENT (mA) 10 7.0 5.0 20
FIGURE 6 - TYPICAL HOLDING CURRENT
GATE OPEN MAIN TERMINAL #1 POSITIVE
MAIN TERMINAL #2 POSITIVE 3.0 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 TJ, JUNCTION TEMPERATURE (C)
10 7 5 3 2
FIGURE 7 - MAXIMUM NON-REPETITIVE SURGE CURRENT
300 TSM , PEAK SURGE CURRENT (AMP)
1 0.7 0.5 0.3 0.2
200
100 70 50 TC = 80C f = 60 Hz Surge is preceded and followed by rated current 1 2 3 5 NUMBER OF CYCLES 7 10
0.1 0.4
30 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 4.4 vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
Motorola Thyristor Device Data
3-61
MAC15 Series MAC15A Series
FIGURE 8 - THERMAL RESPONSE
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1 0.5 0.2 0.1 0.05 0.02 0.01 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1k 2k 5k 10 k t, TIME (ms) ZJC(t) = r(t) * RJC
3-62
Motorola Thyristor Device Data


▲Up To Search▲   

 
Price & Availability of MAC15A8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X