Part Number Hot Search : 
TC74H MAX1462 29DL32BF 1620C 3V240RL 10504 15400 HE892
Product Description
Full Text Search
 

To Download LF30XRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om .c 4U SMT Wide Input, 3W et Single & e Dual Output Sh verters DC/DC Con ta a Electrical Specifications D . w Key Features: w w
Input
Parameter
LF300RW Series
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
3W Output Power UL Approved (File E245422) Wide 2:1 Inputs Miniature SMT Case Tight Line/Load Regulation 1,500 VDC Isolation -40C to +70C Operation 21 Standard Models 1.0 MH MTBF Minimum Industry Standard Pin-Out
Input Start Voltage
Conditions 12 VDC Input 24 VDC Input 48 VDC Input
Min. 4.5 8.0 16.0
Reverse Polarity Input Current Short Circuit Input Power Input Filter
(Pi) Filter Conditions
Output
Parameter Output Voltage Accuracy Output Voltage Accuracy Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Ripple & Noise (20 MHz) Output Power Protection Transient Response Time (Note 2) Transient Response Deviation Temperature Coefficient Output Short Circuit
Dual Output, Balanced Load For Vin = Min to Max Iout = 20% to 100%
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency
Environmental
MicroPower Direct
232 Tosca Drive Stoughton, MA 02072 USA
w
w
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity
.D w
t a
S a
e h
t e
U 4
.c
m o
Typ. 0.5 0.5 0.1 0.3 50 120 250 2.0 0.01
Typ. 6.0 12.0 24.0
Max. 8.0 16.0 32.0 0.5 1,500
Units VDC A mW
Min.
Max. 1.0 1.0 0.3 1.0 75 100 10 500 6.0 0.02
25% Load Step Change Continuous Conditions 60 Seconds 1,000 VDC 100 kHz, 1V Min. 1,500 1,000
Units % % % % mV P - P mV P - P mV rms % S % %/C
Typ.
Max.
65 300
100
Units VDC M pF kHz Units
Conditions
Min. Typ. -40 +25 -40 +25 -40 Free Air Convection RH, Non-condensing Ambient Case
Max. +71 +90 +125 95
C C C
Physical
Case Size Case Material Weight
T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
1.27 x 0.74 x 0.40 Inches (32.3 x 28.8 x 10.2 mm) Non-Conductive Black Plastic (UL94-V0) 0.35 Oz (10g) Conditions MIL HDBK 217F, 25C, Gnd Benign Min. Typ. Max. Units 1.0 MHours UL 1950, EN 60950, IEC 60950 UL, cUL; File No. E245422
Reliability Specifications
Parameter MTBF Safety Standards Safety Approvals
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Conditions 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec. All Models
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
w
w
w
.D
a
Min. -0.7 -0.7 -0.7
aS t
ee h
4U t
om .c
%
Typ.
Max. 25.0 50.0 100.0 260 2500
Units VDC C mW
Model Selection Guide
Model Number LF301RW LF302RW LF303RW LF304RW LF305RW LF306RW LF307RW LF311RW LF312RW LF313RW LF314RW LF315RW LF316RW LF317RW LF321RW LF322RW LF323RW LF324RW LF325RW LF326RW LF327RW Notes: Reflected Ripple Nominal Range Full-Load No-Load (mA, Typ) 12 9.0 - 18.0 257 20 25 12 9.0 - 18.0 316 20 25 12 9.0 - 18.0 305 20 25 12 9.0 - 18.0 305 20 25 12 9.0 - 18.0 321 20 25 12 9.0 - 18.0 309 20 25 12 9.0 - 18.0 309 20 25 24 18.0 - 36.0 127 5 15 24 18.0 - 36.0 156 5 15 24 18.0 - 36.0 151 5 15 24 18.0 - 36.0 151 5 15 24 18.0 - 36.0 158 5 15 24 18.0 - 36.0 152 5 15 24 18.0 - 36.0 152 5 15 48 36.0 - 75.0 63 3 10 48 36.0 - 75.0 78 3 10 48 36.0 - 75.0 75 3 10 48 36.0 - 75.0 75 3 10 48 36.0 - 75.0 79 3 10 48 36.0 - 75.0 79 3 10 48 36.0 - 75.0 76 3 10 Voltage (VDC) Input Current (mA) Output Voltage Current Current (VDC) (mA, Max) (mA, Min) 3.3 5.0 12.0 15.0 5.0 12.0 15.0 3.3 5.0 12.0 15.0 5.0 12.0 15.0 3.3 5.0 12.0 15.0 5.0 12.0 15.0 700.0 600.0 250.0 200.0 300.0 125.0 100.0 700.0 600.0 250.0 200.0 300.0 125.0 100.0 700.0 600.0 250.0 200.0 300.0 125.0 100.0 70.0 60.0 25.0 20.0 30.0 12.5 10.0 70.0 60.0 25.0 20.0 30.0 12.5 10.0 70.0 60.0 25.0 20.0 30.0 12.5 10.0 Fuse Rating Efficiency Slow-Blow (%, Typ) (mA) 75 79 82 82 78 81 81 76 80 83 83 79 82 82 76 80 83 83 79 82 82 750 750 750 750 750 750 750 350 350 350 350 350 350 350 200 200 200 200 200 200 200
1. When measuring output ripple, it is recommended that an external 0.47 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 3.3 F capacitors will reduce the output ripple. 2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. Operation at no-load will not damage these units. However, they may not meet all specifications. 4. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 5. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. For 12V input units a 3.3 F is recommended, and for 24V & 48V units a 1.5 F. 6. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Derating Curve
Mechanical Dimensions
Capacitive Load
Single Output F Max 4,700 Dual Output F Max 180
Pin Connections
Pin 1 2 3 10 11 12 13 14 15 22 23 24 Single -Vin -Vin NC NC NC NC +Vout NC -Vout NC +Vin +Vin Dual -Vin -Vin NC Common NC -Vout +Vout NC Common NC +Vin +Vin
Board Layout
NC: No Connection Notes: All dimensions are typical in inches (mm) Tolerance x.xx = 0.01 (0.25) Pin 1 is marked by a "dot" or indentation on the unit Leads are tin plated for improved solderability.
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of LF30XRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X