Part Number Hot Search : 
030N0 1236A BD746B ISL94212 NPIS32LA 2010D A78R33 2010D
Product Description
Full Text Search
 

To Download LB070WV4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
LB070WV4 Liquid Crystal Display
Product Specification
SPECIFICATION FOR APPROVAL
( (
) )
Preliminary Specification Final Specification
Title
BUYER MODEL
7.0" WVGA (800 x RGB x 480) TFT LCD
SUPPLIER *MODEL Suffix LG.Philips LCD Co., Ltd. LB070WV4 TD02
SIGNATURE SIGNATURE DATE / G.Manager / REVIEWED BY / Manager / / Manager PREPARED BY / / Engineer / Engineer
DATE
Please return 1 copy for your confirmation with your signature and comments.
Products Engineering Dept. LG. Philips LCD Co., Ltd
Ver. 0.1
APR. 16. 2007
1 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
Contents
No
COVER CONTENTS RECORD OF REVISIONS 1 2 3 3-1 3-2 3-3 3-4 3-5 3-6 4 5 6 7 7-1 7-2 8 8-1 8-2 9 GENERAL DESCRIPTION ABSOLUTE MAXIMUM RATINGS ELECTRICAL SPECIFICATIONS ELECTRICAL CHARACTREISTICS INTERFACE CONNECTIONS SIGNAL TIMING SPECIFICATIONS SIGNAL TIMING WAVEFORMS COLOR INPUT DATA REFERNECE POWER SEQUENCE OPTICAL SFECIFICATIONS MECHANICAL CHARACTERISTICS RELIABLITY INTERNATIONAL STANDARDS SAFETY EMC PACKING DESIGNATION OF LOT MARK PACKING FORM PRECAUTIONS
ITEM
Page
1 2 3 4 5 6 6 7 8 9 10 11 12 16 19 20 20 20 21 21 21 23
Ver. 0.1
APR. 16. 2007
2 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
RECORD OF REVISIONS
Revision No Revision Date
Ver.0.0 Jan.14.2008
Page
First Draft
Description
Ver. 0.1
APR. 16. 2007
3 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
1. General Description
The LB070WV4 is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting Diode(LED) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in the normally white mode. This TFT-LCD has 7.0 inches diagonally measured active display area with WVGA resolution(800 horizontal by 480 vertical pixel array). Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in horizontal stripes. Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot, thus, presenting a palette of more than 16,772,216 colors. The LB070WV4 has been designed to apply the interface method that enables low power, high speed, low EMI. The LB070WV4 is intended to support applications where thin thickness, low power are critical factors and graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the LB070WV4 characteristics provide an excellent flat display.
G1 G3 G2 G4
TFT-LCD Panel (800x480xRGB)
(Scan Direction)
G799
D-IC
G800
User Connector 40 Pin VLED1+ VLED3 VLED2 VLED1
Input Signal (DE,, CLK, PON Hsync, Vsync,)
Input Power (VDD)
Input Data (RGB 8bit,)
GND
General Features
Active Screen Size Outline Dimension Pixel Pitch Pixel Format Color Depth Luminance, White Power Consumption Weight Display Operating Mode Surface Treatment Ver. 0.1 7.0 inches diagonal 165x104.6x3.6mm 0.1893 mm 0.1887 mm 800 horiz. by 480 vert. Pixels RGB strip arrangement 8-bit, 16,772,216 colors 350 cd/m2 (Typ.) TBD TBD Transmissive mode, normally white Anti-glare treatment of the front polarizer APR. 16. 2007 4 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
2. Absolute Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Table 1. ABSOLUTE MAXIMUM RATINGS
Values Parameter Symbol Min Max 3.6 80 70 Vdc C C C at 25 5C 1 1,2 1,2,3 VCC HST Tp Ta 0.0 -30 -20 Units Notes
Power Input Voltage Storage Temperature Operating Temperature Surface Of Panel Ambient
Notes : 1. Maximum wet-bulb temperature is 52 . Condensation of dew must be avoided, because it may cause electrical current leakage, and deterioration of performance and quality. 2. The operating temperature means that LCD Module guarantees operation of the circuit. All the contents of Electro-optical specifications are guaranteed under the room temperature condition. 3. This temperature is ambient temperature with regard to the heat which is generated under operation of circuit and backlight on.(reference value)
Ver. 0.1
APR. 16. 2007
5 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
3. Electrical Specifications 3-1. Electrical Characteristics
The LB070WV1 requires two power inputs. One is employed to power the LCD electronics and to drive the TFT array and liquid crystal. The second input which powers the LED, is typically generated by an LED Driver. The LED Driver is an internal unit to the LCD. Table 2. ELECTRICAL CHARACTERISTICS
Parameter LCD : Power Supply Input Voltage Power Supply Input Current Power Consumption VCC ICC Pc 3.0 3.3 TBD TBD 3.6 VDC mA Watt 1 1 Symbol Values Min Typ Max Unit Notes
Note) 1. The specified current and power consumption are under the Vcc = 3.3V , 25 , fv = 60Hz condition whereas "Full Black Pattern" is displayed and fv is the frame frequency.
Ver. 0.1
APR. 16. 2007
6 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol GND GND VCC VCC R0 R1 R2 R3 R4 R5 R6 R7 G0 G1 G2 G3 G4 G5 G6 G7 Description Ground Ground Power Line For Logic Power Line For Logic Red Data 0 [LSB] Red Data 1 Red Data 2 Red Data 3 Red Data 4 Red Data 5 Red Data 6 Red Data 7 [MSB] Green Data 0 [LSB] Green Data 1 Green Data 2 Green Data 3 Green Data 4 Green Data 5 Green Data 6 Green Data 7 [MSB] Pin No. 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 Symbol B0 B1 B2 B3 B4 B5 B6 B7 GND DCLK PON HSYNC VSYNC DE NC NC GND GND NC NC Description Blue Data 0 [LSB] Blue Data 1 Blue Data 2 Blue Data 3 Blue Data 4 Blue Data 5 Blue Data 6 Blue Data 7 [MSB] Ground Dot clock signal Display mode control Horizontal Synchronous signal Vertical Synchronous signal Data enable No Connection No Connection Ground Ground No Connection No Connection
(Connector Type : 40Pin 0.5mm pitch.
Matching Connector : Hirose FH12 Series)
Table 4. LED CONNECTOR PIN CONFIGURATION (CN2)
Pin No. 1 2 3 4 5 6 Symbol LED1 VLED(5V) LED2 VLED(5V) LED3 VLED(5V) Description Current Sink For LED1 Power Line For LED Current Sink For LED2 Power Line For LED Current Sink For LED3 Power Line For LED
(Connector Type : 6Pin 0.5mm pitch.
Ver. 0.1
Matching Connector : Hirose TF12S Series)
APR. 16. 2007 7 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
3-3. Signal Timing Specifications
This is the signal timing required at the input of the User connector. All of the interface signal timing should be satisfied with the following specifications for its proper operation. Table 5. TIMING TABLE
Item Frequency Period DCLK High Level Width Low Level Width Setup Time DATA Hold Time Setup Time DE Hold Time Period Width Hsync Horizontal Valid Horizontal Back Porch Horizontal Front Porch Period Width Vsync Vertical Valid Vertical Back Porch Vertical Front Porch Symbol fCLK tCLK tWCH tWCL tDS tDH tDES tDEH tHP tWH tHV tHBP tHFP tVP tWV tVV tVBP tVFP Min. 31.95 28.90 6 6 4 4 5 5 1024 10 800 10 10 520 2 480 6 2 Typ. 33.26 30.06 1056 128 800 88 40 525 2 480 30 13 Max. 34.60 31.30 1088 268 800 268 268 530 42 480 46 42 tHP tCLK Unit MHz ns ns ns ns ns ns ns *** 60Hz Framerate *** Remarks
Ver. 0.1
APR. 16. 2007
8 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
3-4. Signal Timing Waveforms
Ver. 0.1
APR. 16. 2007
9 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
3-5. Color Input Data Reference
The brightness of each primary color (red,green and blue) is based on the 6-bit gray scale data input for the color ; the higher the binary input, the brighter the color. The table below provides a reference for color versus data input. Table 6. COLOR DATA REFERENCE
Ver. 0.1
APR. 16. 2007
10 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
3-6. Power Sequence
90%
90% 10% T6 T7
10% Power Supply For LCD 0V ( VCC ) T1 Valid Data Interface Signal 0V T3 T4
T2
T5
Power for Lamp
OFF
LAMP ON
OFF
Table 7. POWER SEQUENCE TABLE
Value Parameter Min. T1 T2 T3 T4 T5 T6 T7 Typ. Max. Units
0.5 0 200 200 0 0 400
-
10 50 50 10 -
(ms) (ms) (ms) (ms) (ms) (ms) (ms)
Note) 1. Please avoid floating state of interface signal at invalid period. 2. When the interface signal is invalid, be sure to pull down the power supply for LCD VCC to 0V. 3. Lamp power must be turn on after power supply for LCD and interface signal are valid.
Ver. 0.1
APR. 16. 2007
11 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
4. Optical Specifications
Optical characteristics are determined after the unit has been `ON' and stable for approximately 30 minutes in a dark environment at 25C. The values specified are at an approximate distance 50cm from the LCD surface at a viewing angle of and equal to 0. FIG. 1 presents additional information concerning the measurement equipment and method. FIG. 1 Optical Characteristic Measurement Equipment and Method Optical Stage(x,y) LCD Module Photo-Detector : -PR-880(Luminance) -PR-650(Color Coordinates) or equivalent
50cm Table 9. OPTICAL CHARACTERISTICS
Ta=25C, VCC=3.3V, fV=60Hz, fCLK= 33.26MHz, IBL = 6.0mARMS Parameter Contrast Ratio Surface Luminance, white Luminance Variation Response Time Rise Time Decay Time Color Coordinates RED GREEN BLUE WHITE Viewing Angle x axis, right(=0) x axis, left (=180) y axis, up (=90) y axis, down (=270) Gray Scale Ver. 0.1 APR. 16. 2007 r l u d RX RY GX GY BX BY WX WY TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD 65 65 50 60 TBD TBD TBD TBD TBD TBD TBD TBD TBD degree degree degree degree 6 12 / 24 5 TrR TrD 10 15 ms ms 2 Symbol CR LWH WHITE Values Min Typ 400 350 TBD Max cd/m2 Units Notes 1 2 3 4
www..com
LB070WV4 Liquid Crystal Display
Product Specification
Note) 1. Contrast Ratio(CR) is defined mathematically as Surface Luminance with all white pixels Contrast Ratio = Surface Luminance with all black pixels 2. Surface luminance is measured at the center point(L1) of the LCD with all pixels displaying white at the distance of 50cm by PR-880. Color Coordinates are measured at the center point(L1) of the LCD with all pixels displaying red, green, blue and white at the distance of 50cm by PR-650. For more information, refer to the FIG 1 and FIG 2. 3. Luminance % uniformity is measured for 9 point For more information see FIG 2. WHITE = Maximum(L1,L2, ..... L9) Minimum(L1,L2, ..... L9) 4. Response time is the time required for the display to transition from white to black (Rise Time, TrR) and from black to white(Decay Time, TrD). For additional information see FIG 3. 5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the LCD surface. For more information see FIG 4. 6. Gray scale specification Gray Level L0 L7 L15 L23 L31 L39 L47 L55 L63 Luminance [%] (Typ)
TBD TBD TBD TBD TBD TBD TBD TBD TBD
Ver. 0.1
APR. 16. 2007
13 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
FIG. 2 Luminance
H A
A : H/4 mm B : V/4 mm H : 152.4 mm V : 91.44 mm H V: Active Area
B V
Active Area
FIG. 3 Response Time The response time is defined as the following figure and shall be measured by switching the input signal for "black" and "white".
% 100 90 Optical Response 10 0 white
TrR
TrD
white black
Ver. 0.1
APR. 16. 2007
14 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
FIG. 4 Viewing angle
Normal Eye Y = 90 , Up
= 180
, Left

= 0
, Right
= 270
, Down
Ver. 0.1
APR. 16. 2007
15 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LB070WV1. In addition the figures in the next page are detailed mechanical drawing of the LCD.
Horizontal Outline Dimension Vertical Depth Horizontal Bezel Area Vertical Horizontal Active Display Area Vertical Weight Surface Treatment TBD 91.44 mm (Typ.) 94.6 mm (Typ.) 152.40 mm (Typ.) 165 mm(Typ) 104.6 mm(Typ) 3.6 mm (Typ.) 155.6 mm (Typ.)
Anti-glare treatment of the front polarizer
Ver. 0.1
APR. 16. 2007
16 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
Note) Unit:[mm], General tolerance: 0.3mm
Ver. 0.1
APR. 16. 2007
17 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
Note) Unit:[mm], General tolerance: 0.3mm
Ver. 0.1
APR. 16. 2007
18 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
6. Reliability
Environment test condition No.
1 2 3 4 5
Test Item
High Temperature Storage Test Low Temperature Storage Test High Temperature Operation Test Low Temperature Operation Test High Temperature and High Humidity Operation Test
Conditions
Ta=+80 Ta=-30 Tp=+70 Ta=-20 Ta=60 240h 240h 240h 240h
80%RH 240h
6
Vibration test (non-operating)
Sine wave, 10 ~ 500 ~ 10Hz, 1.5G, 0.37oct/min 3 axis, 1hour/axis
7 8
Shock test (non-operating)
Thermal Shock Test (non-operating)
Half sine wave, 100G, 6ms, 3 times shock of each six faces ( X / Y / Z)
-30 (0.5h) ~ 80 (0.5h) / 100 cycles
Ta= Ambient Temperature, Tp= Panel Temperature
{ Result Evaluation Criteria } There should be no change which might affect the practical display function when the display quality test is conducted under normal operating condition.
Ver. 0.1
APR. 16. 2007
19 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
7. International Standards 7-1. Safety
a) UL 60950, Third Edition, Underwriters Laboratories, Inc., Dated Dec. 11, 2000. Standard for Safety of Information Technology Equipment, Including Electrical Business Equipment. b) CAN/CSA C22.2, No. 60950, Third Edition, Canadian Standards Association, Dec. 1, 2000. Standard for Safety of Information Technology Equipment, Including Electrical Business Equipment. c) EN 60950 : 2000, Third Edition IEC 60950 : 1999, Third Edition European Committee for Electrotechnical Standardization(CENELEC) EUROPEAN STANDARD for Safety of Information Technology Equipment Including Electrical Business Equipment.
7-2. EMC
a) ANSI C63.4 "Methods of Measurement of Radio-Noise Emissions from Low-Voltage Electrical and Electrical Equipment in the Range of 9kHZ to 40GHz. "American National Standards Institute(ANSI), 1992 b) C.I.S.P.R. "Limits and Methods of Measurement of Radio Interface Characteristics of Information Technology Equipment." International Special Committee on Radio Interference. c) EN 55022 "Limits and Methods of Measurement of Radio Interface Characteristics of Information Technology Equipment." European Committee for Electrotechnical Standardization.(CENELEC), 1998 ( Including A1: 2000 )
Ver. 0.1
APR. 16. 2007
20 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
8. Packing 8-1. Designation of Lot Mark
a) Lot Mark A B C D E F G H I J K L M
A,B,C : SIZE(INCH) E : MONTH G : ASSEMBLY CODE Note 1. YEAR
Year Mark 97 7 98 8 99 9 2000 0 2001 1
D : YEAR F : FACTORY CODE H ~ M : SERIAL NO.
2002 2
2003 3
2004 4
2005 5
2006 6
2007 7
2. MONTH
Month Mark Jan 1 Feb 2 Mar 4 Apr 4 May 5 Jun 6 Jul 7 Aug 8 Sep 9 Oct A Nov B Dec C
3. FACTORY CODE
Factory Code Mark LPL Gumi K LPL Nanjing C HEESUNG D
4. SERIAL NO.
Mark 100001~199999, 200001~299999, 300001~399999, ...., A00001~A99999, ...., Z00001~Z99999
b) Location of Lot Mark Serial NO. is printed on the label. The label is attached to the backside of the LCD module. This is subject to change without prior notice.
8-2. Packing Form
a) Package quantity in one box : 36 pcs b) Box Size : 475 mm
Ver. 0.1
348 mm
182 mm
APR. 16. 2007 21 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
9. PRECAUTIONS
Please pay attention to the followings when you use this TFT LCD module.
9-1. MOUNTING PRECAUTIONS
(1) You must mount a module using holes arranged in four corners or four sides. (2) You should consider the mounting structure so that uneven force (ex. Twisted stress) is not applied to the module. And the case on which a module is mounted should have sufficient strength so that external force is not transmitted directly to the module. (3) Please attach the surface transparent protective plate to the surface in order to protect the polarizer. Transparent protective plate should have sufficient strength in order to the resist external force. (4) You should adopt radiation structure to satisfy the temperature specification. (5) Acetic acid type and chlorine type materials for the cover case are not desirable because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro-chemical reaction. (6) Do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than HB pencil lead. And please do not rub with dust clothes with chemical treatment. Do not touch the surface of polarizer for bare hand or greasy cloth.(Some cosmetics are detrimental to the polarizer.) (7) When the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like chamois soaks with petroleum benzene. Normal-hexane is recommended for cleaning the adhesives used to attach front / rear polarizers. Do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) Wipe off saliva or water drops as soon as possible. Their long time contact with polarizer causes deformations and color fading. (9) Do not open the case because inside circuits do not have sufficient strength.
9-2. OPERATING PRECAUTIONS
(1) The spike noise causes the mis-operation of circuits. It should be lower than following voltage : V= 200mV(Over and under shoot voltage) (2) Response time depends on the temperature.(In lower temperature, it becomes longer.) (3) Brightness depends on the temperature. (In lower temperature, it becomes lower.) And in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) Be careful for condensation at sudden temperature change. Condensation makes damage to polarizer or electrical contacted parts. And after fading condensation, smear or spot will occur. (5) When fixed patterns are displayed for a long time, remnant image is likely to occur. (6) Module has high frequency circuits. Sufficient suppression to the electromagnetic interference shall be done by system manufacturers. Grounding and shielding methods may be important to minimized the interference.
Ver. 0.1
APR. 16. 2007
22 / 24
www..com
LB070WV4 Liquid Crystal Display
Product Specification
9-3. ELECTROSTATIC DISCHARGE CONTROL
Since a module is composed of electronic circuits, it is not strong to electrostatic discharge. Make certain that treatment persons are connected to ground through wrist band etc. And don't touch interface pin directly.
9-4. PRECAUTIONS FOR STRONG LIGHT EXPOSURE
Strong light exposure causes degradation of polarizer and color filter.
9-5. STORAGE
When storing modules as spares for a long time, the following precautions are necessary. (1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep the temperature between 5C and 35C at normal humidity. (2) The polarizer surface should not come in contact with any other object. It is recommended that they be stored in the container in which they were shipped.
9-6. HANDLING PRECAUTIONS FOR PROTECTION FILM
(1) When the protection film is peeled off, static electricity is generated between the film and polarizer. This should be peeled off slowly and carefully by people who are electrically grounded and with well ion-blown equipment or in such a condition, etc. (2) The protection film is attached to the polarizer with a small amount of glue. If some stress is applied to rub the protection film against the polarizer during the time you peel off the film, the glue is apt to remain on the polarizer. Please carefully peel off the protection film without rubbing it against the polarizer. (3) When the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the polarizer after the protection film is peeled off. (4) You can remove the glue easily. When the glue remains on the polarizer surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normal-hexane.
Ver. 0.1
APR. 16. 2007
23 / 24


▲Up To Search▲   

 
Price & Availability of LB070WV4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X