Part Number Hot Search : 
STS5PF30 100124AA 24FBXX PST9014 74LCX32 53201 TP12N MT917
Product Description
Full Text Search
 

To Download IRF9530NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91482C
IRF9530N
HEXFET(R) Power MOSFET
l l l l l l
Advanced Process Technology Dynamic dv/dt Rating 175C Operating Temperature Fast Switching P-Channel Fully Avalanche Rated
D
VDSS = -100V RDS(on) = 0.20
G
ID = -14A
S
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.
TO-220AB
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw
Max.
-14 -10 -56 79 0.53 20 250 -8.4 7.9 -5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.50 ---
Max.
1.9 --- 62
Units
C/W
5/13/98
IRF9530N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. -100 --- --- -2.0 3.2 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- -0.11 --- --- --- --- --- --- --- --- --- --- 15 58 45 46 4.5 7.5 760 260 170
Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 0.20 VGS = -10V, ID = -8.4A -4.0 V VDS = V GS, ID = -250A --- S VDS = -50V, ID = -8.4A -25 VDS = -100V, VGS = 0V A -250 VDS = -80V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 58 ID = -8.4A 8.3 nC VDS = -80V 32 VGS = -10V, See Fig. 6 and 13 --- VDD = -50V --- ID = -8.4A ns --- RG = 9.1 --- RD = 6.2, See Fig. 10 Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- -14 showing the A G integral reverse --- --- -56 p-n junction diode. S --- --- -1.6 V TJ = 25C, IS = -8.4A, VGS = 0V --- 130 190 ns TJ = 25C, I F = -8.4A --- 650 970 nC di/dt = -100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD -8.4A, di/dt -490A/s, VDD V(BR)DSS,
TJ 175C
Starting TJ = 25C, L = 7.0mH
RG = 25, IAS = -8.4A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
IRF9530N
100
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOT TOM - 4.5V TO P
100
-ID , D rain-to-S ou rc e C urre nt (A )
10
-ID , D rain-to-S ource C urrent (A )
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTTOM - 4.5V TOP
10
-4.5V
1
1
-4.5 V
0.1 0.1 1
2 0 s P U LS E W ID TH T c = 2 5C A
10 100
0.1 0.1 1
2 0 s P U LS E W ID T H T C = 1 75 C
10
A
100
-VD S , D rain-to-S ourc e V oltage (V )
-VD S , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
ID = -14A
R DS(on) , Drain-to-Source On Resistance (Normalized)
-I D , D rain-to-S ource C urrent (A)
2.0
T J = 2 5 C
10
TJ = 1 7 5 C
1.5
1.0
1
0.5
0.1 4 5 6 7
V DS = -5 0 V 2 0 s P U L S E W ID TH
8 9
A 10
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160 180
-VG S , Ga te -to-Source Volta ge (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRF9530N
2000
1600
-VGS , Gate-to-Source Voltage (V)
V GS C iss C rs s C o ss
= = = =
0V , f = 1MHz C g s + C g d , C d s S H O R TE D C gd C ds + C g d
20
ID = -8.4A
VDS =-80V VDS =-50V VDS =-20V
C , Capacitance (pF)
15
1200
C iss
10
800
C oss
C rss
5
400
0 1 10 100
A
0 0 10 20 30
FOR TEST CIRCUIT SEE FIGURE 13
40 50 60
-VD S , D rain-to-S ourc e V oltage (V )
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-I S D , Reverse D rain Current (A )
OPERATION IN THIS AREA LIMITED BY RDS(on) T J = 15 0C
10
-ID , Drain Current (A) I
100 10us
T J = 25 C
100us 10 1ms
1
0.1 0.4 0.6 0.8 1.0 1.2
V G S = 0V
1.4
A
1 1
TC = 25 C TJ = 175 C Single Pulse
10
10ms 100 1000
1.6
-VS D , S ourc e-to-D rain V oltage (V )
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRF9530N
14
VDS
12
RD
VGS RG
D.U.T.
+
-ID , Drain Current (A)
8
-10V
Pulse Width 1 s Duty Factor 0.1 %
6
4
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
2
VGS 10%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
-
10
VDD
IRF9530N
VDS L
700
EAS , Single Pulse Avalanche Energy (mJ)
RG
D .U .T IA S D R IV E R
0 .0 1
600
VD D A
ID -3.4A -5.9A BOTTOM -8.4A TOP
-2 0 V tp
500
400
300
15V
200 100
Fig 12a. Unclamped Inductive Test Circuit
0 25 50 75 100 125 150 175
IAS
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V (BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VG
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
+
QGS
QGD
D.U.T.
-
-10V
VDS
IRF9530N
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For P-Channel HEXFETS
IRF9530N
Package Outline
TO-220AB Outline Dimensions are shown in millimeters (inches)
10 .54 (.4 15) 10 .29 (.4 05) 3 .7 8 (.149 ) 3 .5 4 (.139 ) -A 6.47 (.25 5) 6.10 (.24 0) -B 4.69 ( .18 5 ) 4.20 ( .16 5 ) 1 .32 (.05 2) 1 .22 (.04 8)
2.87 (.11 3) 2.62 (.10 3)
4 1 5.24 (.60 0) 1 4.84 (.58 4)
1.15 (.04 5) M IN 1 2 3
L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O U RC E 4 - D R A IN
1 4.09 (.55 5) 1 3.47 (.53 0)
4.06 (.16 0) 3.55 (.14 0)
3X 3X 1 .4 0 (.0 55 ) 1 .1 5 (.0 45 )
0.93 (.03 7) 0.69 (.02 7) M BAM
3X
0.55 (.02 2) 0.46 (.01 8)
0 .3 6 (.01 4)
2.54 (.10 0) 2X N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C ING P E R A N S I Y 1 4.5M , 1 9 82. 2 C O N TR O L LIN G D IM E N S IO N : IN C H
2 .92 (.11 5) 2 .64 (.10 4)
3 O U T LIN E C O N F O R M S TO JE D E C O U T LIN E TO -2 20 A B . 4 H E A TS IN K & LE A D M E A S U R E M E N T S D O N O T IN C LU DE B U R R S .
Part Marking Information
TO-220AB
EXAMP : TH IS N IR 1 0 E X A M P L E :L ETH IS IS A N AIR F1 0F1 0 1 0 W H ASSEMB W IT H ITA S S E M B L Y L Y L C CO B M L O T O TO D E D9E 19 B 1 M
A A
IN TE R N A N A N IN TE R N A TIOTIOL A L R E C TIF R E C TIF IE R IE R IR F IR F 10 1 0 10 1 0 L LOG OGO 9 2 49 2 4 6 6 9B1 M 1 M 9B ASSEMB ASSEMBLY LY LOT O DE DE LOT C CO
PA N NU MB P A R T R TU M B E R E R
DA C CO D A TE TEO D E D E (Y Y(Y Y W W ) WW) Y Y Y Y Y= A R A R = E YE W= = EE W W W W EWK E K
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 5/98


▲Up To Search▲   

 
Price & Availability of IRF9530NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X