Part Number Hot Search : 
MGFC44 R32C117A 63B01 C6VDC E103M L756007 UG6005PT B89PV
Product Description
Full Text Search
 

To Download IPP80N04S3-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
OptiMOS(R)-T Power-Transistor
Product Summary V DS R DS(on),max (SMD version) ID 40 3.8 80 V m A
Features * N-channel - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green package (RoHS compliant) * 100% Avalanche tested PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Type IPB80N04S3-04 IPI80N04S3-04 IPP80N04S3-04
Package PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Marking 3N0404 3N0404 3N0404
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol ID Conditions T C=25C, V GS=10V T C=100 C, V GS=10 V2) Pulsed drain current2) Avalanche energy, single pulse Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS V GS P tot T j, T stg T C=25 C T C=25 C I D=80 A Value 80 80 320 290 20 136 -55 ... +175 55/175/56 mJ V W C Unit A
Rev. 1.0
page 1
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D= 1 mA V GS(th) I DSS V DS=V GS, I D=90 A V DS=40 V, V GS=0 V, T j=25 C V DS=40 V, V GS=0 V, T j=125 C2) Gate-source leakage current Drain-source on-state resistance I GSS RDS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=80 A V GS=10 V, I D=80 A, SMD version 40 2.1 3.0 4.0 1 A V 1.1 62 62 40 K/W Values typ. max. Unit
-
3.5 3.2
100 100 4.1 3.8 nA m
Rev. 1.0
page 2
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=20 V, I F=I S, di F/dt =100 A/s 0.95 80 320 1.3 V A Q gs Q gd Qg V plateau V DD=32 V, I D=80 A, V GS=0 to 10 V 22 15 60 5.6 30 26 80 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=20 V, V GS=10 V, I D=80 A, R G=3.5 V GS=0 V, V DS=25 V, f =1 MHz 4000 1100 170 20 12 30 10 5200 1400 250 ns pF Values typ. max. Unit
Reverse recovery time2)
t rr
-
35
-
ns
Reverse recovery charge2)
1)
Q rr
-
35
-
nC
Current is limited by bondwire; with an R thJC = 1.1K/W the chip is able to carry 141A at 25C. For detailed information see Application Note ANPS071E at www.infineon.com/optimos
2) 3)
Defined by design. Not subject to production test.
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.0
page 3
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
1 Power dissipation P tot = f(T C); V GS 6 V 2 Drain current I D = f(T C); V GS 6 V
160 140
100
80 120 100
60
P tot [W]
80 60 40
I D [A]
40 20 0 0 50 100 150 200 0 50 100 150 200
20 0
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0; SMD parameter: t p
1000
1 s 10 s 100 s
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
100
0.5
100
1 ms
Z thJC [K/W]
I D [A]
0.1
10
-1
0.05
0.01
10 10-2
single pulse
1 0.1 1 10 100
10-3 10-6 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 1.0
page 4
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
5 Typ. output characteristics I D = f(V DS); T j = 25 C; SMD parameter: V GS
360
10 V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C; SMD parameter: V GS
20
5.5 V 6V
320 280 240
18 16 14
7V
R DS(on) [m]
I D [A]
200
6.5 V
12 10 8 6 4 2
160 120 80 40 0 0 2 4 6 8
6V
5.5 V
6.5 V
5V
7V 10 V
0
20
40
60
80
100
120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6V parameter: T j
360
-55 C 25 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 80 A; V GS = 10 V; SMD
6
320 280 240 200 160 120 80 40 0 2 3 4 5 6 7 8 3
175 C
5
R DS(on) [m]
I D [A]
4
2 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 1.0
page 5
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
4 104
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
3.5
Ciss
3
V GS(th) [V]
90 A
C [pF]
900 A
2.5
103
Coss
2
1.5
Crss
1 -60 -20 20 60 100 140 180
102 0 5 10 15 20 25 30
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Typ. avalanche characteristics I A S= f(t AV) parameter: T j(start)
100
25 C 150 C 100 C
102
I AV [A]
175 C 25 C
I F [A]
10
10
1
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
1 1 10 100 1000
V SD [V]
t AV [s]
Rev. 1.0
page 6
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
13 Typical avalanche energy E AS = f(T j) parameter: I D
1400 55
14 Typ. drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
1200 50 1000
20 A
E AS [mJ]
800
600
40 A
V BR(DSS) [V]
80 A
45
40
400 35 200
0 25 75 125 175
30 -60 -20 20 60 100 140 180
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 80 A pulsed parameter: V DD
12
16 Gate charge waveforms
V GS
8V 32 V
10
Qg
8
V GS [V]
6
V g s(th)
4
2
Q g (th) Q gs
0 25 50 75
Q sw Q gd
Q gate
0
Q gate [nC]
Rev. 1.0
page 7
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
Published by Infineon Technologies AG 81726 Munich, Germany
(c) Infineon Technologies AG 2007
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of noninfringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 8
2007-05-03
IPB80N04S3-04 IPI80N04S3-04, IPP80N04S3-04
Revision History Version Date Changes
Rev. 1.0
page 9
2007-05-03


▲Up To Search▲   

 
Price & Availability of IPP80N04S3-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X