Part Number Hot Search : 
2N4221 0901NS A221J UGF15A 2N4948 MCP9843 TL06401 FN4637
Product Description
Full Text Search
 

To Download IPP14N03LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB14N03LA IPI14N03LA, IPP14N03LA
OptiMOS(R)2 Power-Transistor
Features * Ideal for high-frequency dc/dc converters * Qualified according to JEDEC for target applications * N-channel - Logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * 175 C operating temperature * dv /dt rated P-TO263-3-2
1)
Product Summary V DS R DS(on),max (SMD version) ID 25 13.6 30 V m A
P-TO262-3-1
P-TO220-3-1
Type IPB14N03LA IPI14N03LA IPP14N03LA
Package P-TO263-3-2 P-TO262-3-1 P-TO220-3-1
Ordering Code Q67042-S4156 Q67042-S4157 Q67042-S4158
Marking 14N03LA 14N03LA 14N03LA
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1)
Value 30 30 210 60 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C3) I D=24 A, R GS=25 I D=30 A, V DS=20 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
46 -55 ... 175 55/175/56
J-STD20 and JESD22
Rev. 1.4
page 1
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area5) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=20 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=20 A V GS=4.5 V, I D=20 A, SMD version V GS=10 V, I D=30 A V GS=10 V, I D=30 A, SMD version Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A 25 1.2 1.6 0.1 2 1 A V 3.2 62 40 K/W Values typ. max. Unit
17
10 10 18.5 18.2 11.6 11.3 0.9 35
100 100 23.1 22.7 13.9 13.6 S nA m
2)
Current is limited by bondwire; with an R thJC=3.2 K/W the chip is able to carry 45 A. See figure 3 T j,max=150 C and duty cycle D <0.25 for V GS<-5 V
3) 4) 5)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.4
page 2
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.98 30 210 1.2 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=15 A, V GS=0 to 5 V 2.7 1.3 1.8 3.3 6.3 3.5 5.5 6.6 3.6 1.7 2.7 4.7 8.3 7.3 8.7 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=15 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 784 303 41 7.0 33 17 2.6 1043 402 62 10 41 26 3.9 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
10
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1.4
page 3
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
50
40
40 30
30
P tot [W]
I D [A]
20 10 0 0 50 100 150 200
20
10
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operation area I D=f(V DS); T C=25 C; D =0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
1 s 0.5
100
limited by on-state resistance
10 s
1
0.2
Z thJC [K/W]
I D [A]
0.1 0.05 0.02
100 s DC
10
1 ms
0.1
0.01
10 ms
single pulse
1 0.1 1 10 100
0.01 0 -6 10 10-5 0 10-4 0 10-3 0 10 -2 0 10-10 10 0 1
V DS [V]
t p [s]
Rev. 1.4
page 4
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
60
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
60
3V 3.2 V 3.5 V 3.8 V 4.1 V 4.5 V
50
4.5 V
50
40
4.1 V
40
R DS(on) [m]
I D [A]
30
3.8 V
30
20
3.5 V
20
10
3.2 V 3V 2.8 V
10
10 V
0 0 1 2 3
0 0 10 20 30 40 50 60
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
60
8 Typ. forward transconductance g fs=f(I D); T j=25 C
60
50
50
40
40
30
g fs [S]
175 C 25 C
I D [A]
30
20
20
10
10
0 0 1 2 3 4 5
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.4
page 5
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
30 2.5
25 2 20
200 A
R DS(on) [m]
98 %
V GS(th) [V]
1.5
20 A
15
typ
1
10
5
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. Capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
1000
Ciss
1000
Coss
25 C
100
C [pF]
100
I F [A]
175C 98%
175 C Crss
10
25C 98%
10 0 5 10 15 20 25 30
1 0.0 0.5 1.0 1.5 2.0
V DS [V]
V SD [V]
Rev. 1.4
page 6
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=15 A pulsed parameter: V DD
12
15 V
10
5V 25 C 20 V
150 C
100 C
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 5 10 15
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
29
V GS
28 27 26
Qg
V BR(DSS) [V]
25 24 23 22 21 20 -60 -20 20 60 100 140 180
V g s(th)
Q g (th) Q gs
Q sw Q gd
Q gate
T j [C]
Rev. 1.4
page 7
2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
Package Outline P-TO263-3-2: Outline
Footprint
Packaging
Dimensions in mm Rev. 1.4 page 8 2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
P-TO262-3-1: Outline
P-TO220-3-1: Outline
Packaging
Dimensions in mm Rev. 1.4 page 9 2004-03-23
IPB14N03LA IPI14N03LA, IPP14N03LA
Published by Infineon Technologies AG Bereich Kommunikation St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.4
page 10
2004-03-23


▲Up To Search▲   

 
Price & Availability of IPP14N03LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X