Part Number Hot Search : 
ONTROL HHM1545 EPD1007G DLT431H LT1526J IKW50 SP12VDCR 75N06HD
Product Description
Full Text Search
 

To Download ILD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Vishay Semiconductors
Optocoupler, Phototransistor Output (Dual, Quad Channel)
Dual Channel
A1 C2 C A 3 4 8E 7C 6C 5E
FEATURES
* Current transfer ratio at IF = 10 mA * Isolation test voltage, 5300 VRMS * Lead (Pb)-free component * Component in accordance to 2002/95/EC and WEEE 2002/96/EC RoHS
Quad Channel
A C C A A C C A
1 2 3 4 5 6 7 8
16 E 15 C 14 C 13 E 12 E 11 C 10 C 9E
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * CSA 93751 * BSI IEC 60950; IEC 60065 * DIN EN 60747-5-5 (VDE 0884) available with option 1 * FIMKO
i179012
DESCRIPTION
The ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5 are optically coupled isolated pairs employing GaAs infrared LEDs and silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the drive while maintaining a high degree of electrical isolation between input and output. The ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5 are especially designed for driving medium-speed logic and can be used to eliminate troublesome ground loop and noise problems. Also these couplers can be used to replace relays and transformers in many digital interface applications such as CTR modulation. The ILD1, ILD2, ILD5 has two isolated channels in a single DIP package and the ILQ1, ILQ2, ILQ5 has four isolated channels per package.
ORDER INFORMATION
PART ILD1 ILQ1 ILD2 ILQ2 ILD5 ILQ5 ILD1-X007 ILD1-X009 ILD2-X006 ILD2-X007 ILD2-X009 ILD5-X009 ILQ1-X009 ILQ2-X009 REMARKS CTR > 20 %, DIP-8 CTR > 20 %, DIP-16 CTR > 100 %, DIP-8 CTR > 100 %, DIP-16 CTR > 50 %, DIP-8 CTR > 50 %, DIP-16 CTR > 20 %, SMD-8 (option 7) CTR > 20 %, SMD-8 (option 9) CTR > 100 %, DIP-8 400 mil (option 6) CTR > 100 %, SMD-8 (option 7) CTR > 100 %, SMD-8 (option 9) CTR > 50 %, SMD-8 (option 9) CTR > 20 %, SMD-16 (option 9) CTR > 100 %, SMD-16 (option 9)
Note For additional information on the available options refer to option information.
Document Number: 83646 Rev. 1.6, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 447
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Vishay Semiconductors
Optocoupler, Phototransistor Output (Dual, Quad Channel)
(1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Forward current Surge current Power dissipation Derate linearly from 25 C OUTPUT
TEST CONDITION
PART
SYMBOL VR IF IFSM Pdiss
VALUE 6 60 2.5 100 1.3
UNIT V mA A mW mW/C V V V V V V mA mA mW mW/C
ILD1 ILQ1 Collector emitter reverse voltage ILD2 ILQ2 ILD5 ILQ5 Collector current Power dissipation Derate lineary from 25 C COUPLER Isolation test voltage between emitter and detector Creepage distance Clearance distance Isolation resistance Package power dissipation Derate linearly from 25 C Storage temperature Operating temperature Junction temperature Soldering temperature (2) 2 mm from case bottom VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C t < 1.0 ms
VCER VCER VCER VCER VCER VCER IC IC Pdiss
50 50 70 70 70 70 50 400 200 2.6
VISO
5300 7 7
VRMS mm mm mW mW/C C C C C
RIO RIO Ptot Tstg Tamb Tj Tsld
1012 1011 250 3.3 - 40 to + 150 - 40 to + 100 100 260
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for throught hole devices (DIP).
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance Thermal resistance, junction to lead OUTPUT Collector emitter capacitance Collector emitter leakage current Saturation voltage, collector emitter DC forward current gain DC forward current gain saturated www.vishay.com 448 VCE = 5.0 V, f = 1 MHz VVCE = 10 V IC = 1 mA, IB = 20 A VCE = 10 V, IB = 20 A VCE = 0.4 V, IB = 20 A CCE ICEO VCESAT hFE hFEsat 200 120 6.8 5 0.25 650 400 50 0.4 1800 600 Document Number: 83646 Rev. 1.6, 10-Dec-08 pF nA V IF = 60 mA VR = 6 V VR = 0 V, f = 1 MHz VF IR CO TthJL 1.25 0.01 25 750 1.65 10 V A pF K/W TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
For technical questions, contact: optocoupler.answers@vishay.com
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Optocoupler, Phototransistor Output (Dual, Quad Channel)
ELECTRICAL CHARACTERISTICS
PARAMETER Thermal resistance, junction to lead COUPLER Capacitance (input to output) VIO = 0 V, f = 1 MHz CIO 0.8 pF Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. TEST CONDITION SYMBOL Rthjl MIN. TYP. 500 MAX. UNIT K/W
Vishay Semiconductors
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION PART ILD1 ILQ1 ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 ILD2 ILQ2 ILD5 ILQ5 SYMBOL CTRCEsat CTRCEsat CTRCEsat CTRCEsat CTRCEsat CTRCEsat CTRCE CTRCE CTRCE CTRCE CTRCE CTRCE MIN. TYP. 75 75 170 170 100 100 80 80 200 200 130 130 MAX. UNIT % % % % % % % % % % % %
Current transfer ratio (collector emitter saturated)
IF =10 mA, VCE = 0.4 V
Current transfer ratio (collector emitter)
IF =10 mA, VCE = 10 V
20 20 100 100 50 50
300 300 500 500 400 400
SWITCHING CHARACTERISTICS
PARAMETER NON-SATURATED ILD1 ILQ1 Current VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Delay VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Rise time VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Storage VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 IF IF IF IF IF IF tD tD tD tD tD tD tr tr tr tr tr tr ts ts ts ts ts ts 20 20 5 5 10 10 0.8 0.8 1.7 1.7 1.7 1.7 1.9 1.9 2.6 2.6 2.6 2.6 0.2 0.2 0.4 0.4 0.4 0.4 mA mA mA mA mA mA s s s s s s s s s s s s s s s s s s TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Document Number: 83646 Rev. 1.6, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 449
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Vishay Semiconductors
Optocoupler, Phototransistor Output (Dual, Quad Channel)
SWITCHING CHARACTERISTICS
PARAMETER NON-SATURATED ILD1 ILQ1 Fall time VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Propagation H to L VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Propagation L to H VCE = 5 V, RL = 75 , 50 % of VPP ILD2 ILQ2 ILD5 ILQ5 SATURATED ILD1 ILQ1 Current VCE = 0.4 V, RL = 1.0 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Delay VCE = 0.4 V, RL = 1.0 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Rise time VCE = 0.4 V, RL = 1 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Storage VCE = 0.4 V, RL = 1 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Fall time VCE = 0.4 V, RL = 1 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 IF IF IF IF IF IF tD tD tD tD tD tD tr tr tr tr tr tr ts ts ts ts ts ts tf tf tf tf tf tf 20 20 5 5 10 10 0.8 0.8 1 1 1.7 1.7 1.2 1.2 2 2 7 7 7.4 7.4 5.4 5.4 4.6 4.6 7.6 7.6 13.5 13.5 20 20 mA mA mA mA mA mA s s s s s s s s s s s s s s s s s s s s s s s s tf tf tf tf tf tf tPHL tPHL tPHL tPHL tPHL tPHL tPLH tPLH tPLH tPLH tPLH tPLH 1.4 1.4 2.2 2.2 2.2 2.2 0.7 0.7 1.2 1.2 1.1 1.1 1.4 1.4 2.3 2.3 2.5 2.5 s s s s s s s s s s s s s s s s s s TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
www.vishay.com 450
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83646 Rev. 1.6, 10-Dec-08
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Optocoupler, Phototransistor Output (Dual, Quad Channel)
SWITCHING CHARACTERISTICS
PARAMETER SATURATED ILD1 ILQ1 Propagation H to L VCE = 0.4 V, RL = 1 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 ILD1 ILQ1 Propagation L to H VCE = 0.4 V, RL = 1 k, VCC = 5 V, VTH = 1.5 V ILD2 ILQ2 ILD5 ILQ5 tPHL tPHL tPHL tPHL tPHL tPHL tPLH tPLH tPLH tPLH tPLH tPLH 1.6 1.6 5.4 5.4 2.6 2.6 8.6 8.6 7.4 7.4 7.2 7.2 s s s s s s s s s s s s TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Vishay Semiconductors
COMMON MODE TRANSIENT IMMUNITY
PARAMETER Common mode rejection, output high Common mode rejection, output low Common mode coupling capacitance TEST CONDITION VCM = 50 VP-P, RL = 1 k, IF = 0 mA VCM = 50 VP-P, RL = 1 k, IF = 10 mA SYMBOL CMH CML CCM MIN. TYP. 5000 5000 0.01 MAX. UNIT V/s V/s pF
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
IF
VCC = 5 V
I F = 10 mA VO f = 10 kHz, DF = 50 %
t PHL VO tPLH
tS
RL = 75
iILD1_02
50 %
iILD1_01
tD
tR
tF
Fig. 1 - Non-Saturated Switching Schematic
Fig. 2 - Non-Saturated Switching Timing
Document Number: 83646 Rev. 1.6, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 451
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Vishay Semiconductors
Optocoupler, Phototransistor Output (Dual, Quad Channel)
CTRNF - Normalized CTR Factor
1.5 Normalized to: VCE = 10 V,IF = 10 mA TA = 25 C 1.0 CTRce(sat)VCE = 0.4 V NCTR 0.5 NCTR (SAT)
f = 10 KHz, DF = 50 %
VCC = 5 V
RL IF = 10 mA VO
iILD1_03
0.0 0.1
iILD1_06
1
10
100
I F - LED Current (mA)
Fig. 3 - Saturated Switching Schematic
Fig. 6 - Normalized Non-Saturated and Saturated CTR vs. LED Current
IF
CTRNF - Normalized CTR Factor
1.5 Normalized to: VCE =10V, IF = 10 mA,TA = 25 C CTRce(sat) VCE = 0.4 V 1.0 TA = 50 C NCTR 0.5 NCTR (SAT) 0.0 0.1
iILD1_07
tD VO tR t PLH
VTH = 1.5 V t PHL
iILD1_04
tS
tF
1
10
100
I F - LED Current (mA)
Fig. 4 - Saturated Switching Timing
Fig. 7 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.4
1.5 TA = - 55 C
VF - Forward Voltage (V)
1.2 1.1 1.0 0.9 TA = 100 C 0.8 0.7 0.1
iILD1_05
CTR - Normalized CTR Factor
1.3
Normalized to: V = 10 V, I = 10 mA CE F T = 25 C 1.0
A
TA = 25 C
CTRce(sat) V = 0.4 V CE T = 70 C
A
NCTR 0.5 NCTR(SAT) 0.0
1
10
100
I F - Forward Current (mA)
iILD1_08
0.1
1
10
100
IF - LED Current (mA)
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 8 - Normalized Non-Saturated and Saturated CTR vs. LED Current
www.vishay.com 452
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83646 Rev. 1.6, 10-Dec-08
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Optocoupler, Phototransistor Output (Dual, Quad Channel)
Vishay Semiconductors
tpLH - Propagation Low-High (s)
Normalized to:
NCTR - Normalized CTR
VCE = 10 V, IF = 10 mA, T = 25 C A CTRce(sat) VCE = 0.4 V 1.0 TA = 85 C NCTR 0.5 NCTR(SAT) 0.0 0.1
TA = 25 C, IF = 10 mA Vcc = 5 V, Vth = 1.5 V
100 tpHL 2.0
10
1.5
tpLH
1 1.0 100
1
10
100
iILD1_12
0.1
1
10
IF - LED Current (mA)
iILD1_09
R L - Collector Load Resistor (k)
Fig. 9 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 12 - Propagation Delay vs. Collector Load Resistor
35 ICE - Collector Current (mA) 30 25 20 15 10 5 0 0
iILD1_10
50 C 70 C 85 C
25 C
10
20
F
30
40
50
60
I - LED Current (mA)
Fig. 10 - Collector Emitter Current vs. Temperature and LED Current
105 104
I CEO - Collector Emitter (nA)
103
102 101 100 10- 1 10- 2 - 20 0 20 40 60 80 100 Vce = 10 V Typical
TA - Ambient Temperature (C)
iILD1_11
Fig. 11 - Collector Emitter Leakage Current vs.Temperature
Document Number: 83646 Rev. 1.6, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 453
tpHL - Propagation High-Low (s)
1.5
1000
2.5
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Vishay Semiconductors
Optocoupler, Phototransistor Output (Dual, Quad Channel)
PACKAGE DIMENSIONS in inches (millimeters)
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.230 (5.84) 0.050 (1.27) 0.020 (0.51) 0.035 (0.89) 0.100 (2.54) typ. 10 3 to 9 0.008 (0.20) 0.012 (0.30) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35) 0.031 (0.79) 0.300 (7.62) typ.
0.018 (0.46) 0.022 (0.56)
i178006
Pin one ID 8 7 6 5 4 3 2 1 0.255 (6.48) 0.265 (6.81) 9 10 11 12 13 14 15 16 ISO method A
0.779 (19.77) 0.790 (20.07) 0.030 (0.76) 0.045 (1.14) 0.300 (7.62) typ. 0.130 (3.30) 0.150 (3.81) 4 0.018 (0.46) 0.022 (0.56) 10 typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.031 (0.79)
0.110 (2.79) 0.130 (3.30)
0.020 (0.51) 0.035 (0.89) 0.100 (2.54) typ. 0.050 (1.27)
0.230 (5.84) 0.250 (6.35)
i178007
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
0.012 (0.30 ) typ.
0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92)
0.331 (8.4) min. 0.406 (10.3) max.
15 max.
18450
www.vishay.com 454
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83646 Rev. 1.6, 10-Dec-08
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
Optocoupler, Phototransistor Output (Dual, Quad Channel)
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83646 Rev. 1.6, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 455
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ILD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X