Part Number Hot Search : 
BVTG4 23W03A SDA669M 10M02 2STA1943 C1510 125HS D1FK70
Product Description
Full Text Search
 

To Download GS8324Z72C-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) 119- and 209-Pin BGA Commercial Temp Industrial Temp Features
* NBT (No Bus Turn Around) functionality allows zero wait Read-Write-Read bus utilization; fully pin-compatible with both pipelined and flow through NtRAMTM, NoBLTM and ZBTTM SRAMs * FT pin for user-configurable flow through or pipeline operation * IEEE 1149.1 JTAG-compatible Boundary Scan * ZQ mode pin for user-selectable high/low output drive * 2.5 V or 3.3 V +10%/-5% core power supply * 2.5 V or 3.3 V I/O supply * LBO pin for Linear or Interleaved Burst mode * Byte Write (BW) and/or Global Write (GW) operation * Internal self-timed write cycle * Automatic power-down for portable applications * JEDEC-standard 119- and 209-bump BGA package Pipeline 3-1-1-1 3.3 V tKQ tCycle Curr (x18) Curr (x36) Curr (x72) Curr (x18) Curr (x36) Curr (x72) tKQ tCycle Curr (x18) Curr (x36) Curr (x72) Curr (x18) Curr (x36) Curr (x72) -250 -225 -200 -166 -150 -133 Unit 2.3 2.5 3.0 3.5 3.8 4.0 ns 4.0 4.4 5.0 6.0 6.6 7.5 ns 365 560 660 360 550 640 6.0 7.0 235 300 350 235 300 340 335 510 600 330 500 590 6.5 7.5 230 300 350 230 300 340 305 460 540 305 460 530 7.5 8.5 210 270 300 210 270 300 265 400 460 260 390 450 8.5 10 200 270 300 200 270 300 245 370 430 240 360 420 10 10 195 270 300 195 270 300 215 330 380 215 330 370 11 15 150 200 220 145 190 220 mA mA mA mA mA mA ns ns mA mA mA mA mA mA
2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
250 MHz-133MHz 2.5 V or 3.3 V VDD 2.5 V or 3.3 V I/O
with either ADSP or ADSC inputs. In Burst mode, subsequent burst addresses are generated internally and are controlled by ADV. The burst address counter may be configured to count in either linear or interleave order with the Linear Burst Order (LBO) input. The Burst function need not be used. New addresses can be loaded on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the user via the FT mode . Holding the FT mode pin low places the RAM in Flow Through mode, causing output data to bypass the Data Output Register. Holding FT high places the RAM in Pipeline mode, activating the rising-edge-triggered Data Output Register.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable (BW) input combined with one or more individual byte write signals (Bx). In addition, Global Write (GW) is available for writing all bytes at one time, regardless of the Byte Write control inputs.
FLXDriveTM
The ZQ pin allows selection between high drive strength (ZQ low) for multi-drop bus applications and normal drive strength (ZQ floating or high) point-to-point applications. See the Output Driver Characteristics chart for details.
2.5 V Flow Through 2-1-1-1 3.3 V
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of the ZZ signal, or by stopping the clock (CK). Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS8324Z18/36/72 operates on a 2.5 V or 3.3 V power supply. All input are 3.3 V and 2.5 V compatible. Separate output power (VDDQ) pins are used to decouple output noise from the internal circuits and are 3.3 V and 2.5 V compatible.
2.5 V
Functional Description
Applications
The GS8324Z18/36/72 is a 37,748,736-bit high performance 2-die synchronous SRAM module with a 2-bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications, ranging from DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW, GW) are synchronous and are controlled by a positive-edgetriggered clock input (CK). Output enable (G) and power down control (ZZ) are asynchronous inputs. Burst cycles can be initiated
Rev: 1.00 10/2001
1/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
NoBL is a trademark of Cypress Semiconductor Corp.. NtRAM is a trademark of Samsung Electronics Co.. ZBT is a trademark of Integrated Device Technology, Inc.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z72B Pad Out 209-Bump BGA--Top View
1 A B C D E F G H J K L M N P R T U V W DQG5 DQG6 DQG7 DQG8 DQPG9 DQC4 DQC3 DQC2 DQC1 NC DQH1 DQH2 DQH3 DQH4 DQPD9 DQD8 DQD7 DQD6 DQD5 2 DQG1 DQG2 DQG3 DQG4 DQPC9 DQC8 DQC7 DQC6 DQC5 NC DQH5 DQH6 DQH7 DQH8 DQPH9 DQD4 DQD3 DQD2 DQD1 3 A13 BC BH VSS VDDQ VSS VDDQ VSS VDDQ CK VDDQ VSS VDDQ VSS VDDQ VSS NC A9 TMS 4 E2 BG BD NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A12 A8 TDI 5 A14 NC NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC NC A7 A3 6 ADV W E1 G VDD ZQ MCH MCL MCH MCL FT MCL MCH ZZ VDD LBO A11 A1 A0 7 A15 A16 NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD PE A18 A6 A2 8 E3 BB BE NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A10 A5 TDO 9 A17 BF BA VSS VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ VSS NC A4 TCK 10 DQB1 DQB2 DQB3 DQB4 DQPF9 DQF8 DQF7 DQF6 DQF5 NC DQA5 DQA6 DQA7 DQA8 DQPA9 DQE4 DQE3 DQE2 DQE1 11 DQB5 DQB6 DQB7 DQB8 DQPB9 DQF4 DQF3 DQF2 DQF1 NC DQA1 DQA2 DQA3 DQA4 DQPE9 DQE8 DQE7 DQE6 DQE5 A B C D E F G H J K L M N P R T U V W
11 x 19 Bump BGA--14 x 22 mm2 Body--1 mm Bump Pitch
Rev: 1.00 10/2001
2/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z36C Pad Out 209-Bump BGA--Top View
1 A B C D E F G H J K L M N P R T U V W NC NC NC NC NC DQC4 DQC3 DQC2 DQC1 NC NC NC NC NC DQPD9 DQD8 DQD7 DQD6 DQD5 2 NC NC NC NC DQPC9 DQC8 DQC7 DQC6 DQC5 NC NC NC NC NC NC DQD4 DQD3 DQD2 DQD1 3 A13 BC NC VSS VDDQ VSS VDDQ VSS VDDQ CK VDDQ VSS VDDQ VSS VDDQ VSS NC A9 TMS 4 E2 NC BD NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A12 A8 TDI 5 A14 A19 NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC NC A7 A3 6 ADV W E1 G VDD ZQ MCH MCL MCH MCL FT MCL MCH ZZ VDD LBO A11 A1 A0 7 A15 A16 NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD PE A18 A6 A2 8 E3 BB NC NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A10 A5 TDO 9 A17 NC BA VSS VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ VSS NC A4 TCK 10 DQB1 DQB2 DQB3 DQB4 NC NC NC NC NC NC DQA5 DQA6 DQA7 DQA8 DQPA9 NC NC NC NC 11 DQB5 DQB6 DQB7 DQB8 DQPB9 NC NC NC NC NC DQA1 DQA2 DQA3 DQA4 NC NC NC NC NC A B C D E F G H J K L M N P R T U V W
11 x 19 Bump BGA--14 x 22 mm2 Body--1 mm Bump Pitch
Rev: 1.00 10/2001
3/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18C Pad Out 209-Bump BGA--Top View
1 A B C D E F G H J K L M N P R T U V W NC NC NC NC NC DQB4 DQB3 DQB2 DQB1 NC NC NC NC NC NC NC NC NC NC 2 NC NC NC NC DQPB9 DQB8 DQB7 DQB6 DQB5 NC NC NC NC NC NC NC NC NC NC 3 A13 BB NC VSS VDDQ VSS VDDQ VSS VDDQ CK VDDQ VSS VDDQ VSS VDDQ VSS NC A9 TMS 4 VDD NC NC NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A12 A8 TDI 5 A14 A19 NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC NC A7 A3 6 ADV W E1 G VDD ZQ MCH MCL MCH MCL FT MCL VDD ZZ VDD LBO A11 A1 A0 7 A15 A16 A20 NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD PE A18 A6 A2 8 VSS NC NC NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A10 A5 TDO 9 A17 NC BA VSS VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ VSS NC A4 TCK 10 NC NC NC NC NC NC NC NC NC NC DQA5 DQA6 DQA7 DQA8 DQPA9 NC NC NC NC 11 NC NC NC NC NC NC NC NC NC NC DQA1 DQA2 DQA3 DQA4 NC NC NC NC NC A B C D E F G H J K L M N P R T U V W
11 x 19 Bump BGA--14 x 22 mm2 Body--1 mm Bump Pitch
Rev: 1.00 10/2001
4/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18/36/72 209-Bump BGA Pin Description
Pin Location
W6, V6 W7, W5, V9, V8, V7, V5, V4, V3, U8, U6, U4, A3, A5, A7, B7, A9, U7 B5 C7 L11, M11, N11, P11, L10, M10, N10, P10, R10 A10, B10, C10, D10, A11, B11, C11, D11, E11 J1, H1, G1, F1, J2, H2, G2, F2, E2 W2, V2, U2, T2, W1, V1, U1, T1, R1 W10, V10, U10, T10, W11, V11, U11, T11, R11 J11, H11, G11, F11, J10, H10, G10, F10, E10 A2, B2, C2, D2, A1, B1, C1, D1, E1 L1, M1, N1, P1, L2, M2, N2, P2, R2 L11, M11, N11, P11, L10, M10, N10, P10, R10 A10, B10, C10, D10, A11, B11, C11, D11, E11 J1, H1, G1, F1, J2, H2, G2, F2, E2 W2, V2, U2, T2, W1, V1, U1, T1, R1 L11, M11, N11, P11, L10, M10, N10, P10, R10 J1, H1, G1, F1, J2, H2, G2, F2, E2 C9, B8 B3, C4 C8, B9, B4, C3 B5 C7 W10, V10, U10, T10, W11, V11, U11, T11, R11 J11, H11, G11, F11, J10, H10, G10, F10, E10 A2, B2, C2, D2, A1, B1, C1, D1, E1 L1, M1, N1, P1, L2, M2, N2, P2, R2, C8, B9, B4, C3 B3, C4 C5, D4, D5, D7, D8, K1, K2, K4, K8, K9, K10, K11, T4, T5, T7, T8, U3, U5, U9 K3 C6 A8 A4 D6 A6 Rev: 1.00 10/2001
Symbol
A0, A1 An A19 A20 DQA1-DQA9 DQB1-DQB9 DQC1-DQC9 DQD1-DQD9 DQE1-DQE9 DQF1-DQF9 DQG1-DQG9 DQH1-DQH9 DQA1-DQA9 DQB1-DQB9 DQC1-DQC9 DQD1-DQD9 DQA1-DQA9 DQB1-DQB9 BA, BB BC,BD BE, BF, BG,BH NC NC
Type
I I I I
Description
Address field LSBs and Address Counter Preset Inputs. Address Inputs Address Inputs (x36/x18 Versions) Address Inputs (x18 Version)
I/O
Data Input and Output pins (x72 Version)
I/O
Data Input and Output pins (x36 Version)
I/O I I I -- --
Data Input and Output pins (x18 Version) Byte Write Enable for DQA, DQB I/Os; active low Byte Write Enable for DQC, DQD I/Os; active low (x72/x36 Versions) Byte Write Enable for DQE, DQF, DQG, DQH I/Os; active low (x72 Version) No Connect (x72 Version) No Connect (x72/x36 Versions)
NC
--
No Connect (x36/x18 Versions)
NC NC CK E1 E3 E2 G ADV 5/46
-- -- I I I I I I
No Connect (x18 Version) No Connect Clock Input Signal; active high Chip Enable; active low Chip Enable; active low (x72/x36 Versions) Chip Enable; active high (x72/x36 Versions) Output Enable; active low Burst address counter advance enable (c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18/36/72 209-Bump BGA Pin Description
Pin Location
P6 L6 T6 G6, J6 N6 H6, J6, K6, M6 A8, N6 B6 T7 F6 W3 W4 W8 W9 A4, N6 E5, E6, E7, G5, G7, J5, J7, L5, L7, N5, N7, R5, R6, R7 D3, D9, F3, F4, F5, F7, F8, F9, H3, H4, H5, H7, H8, H9, K5, K7, M3, M4, M5, M7, M8, M9, P3, P4, P5, P7, P8, P9, T3, T9 E3, E4, E8, E9, G3, G4, G8, G9, J3, J4, J8, J9, L3, L4, L8, L9, N3, N4, N8, N9, R3, R4, R8, R9
Symbol
ZZ FT LBO MCH MCH MCL MCL W PE ZQ TMS TDI TDO TCK VDD VDD VSS VDDQ
Type
I I I I I
Description
Sleep Mode control; active high Flow Through or Pipeline mode; active low Linear Burst Order mode; active low Must Connect High Must Connect High (x72 and x36 versions) Must Connect Low Must Connect Low (x18 version)
I I I I I O I I I I I
Write Enable; active low Parity Bit Enable; active low (High = x16/32 Mode, Low = x18/36 Mode) FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) Scan Test Mode Select Scan Test Data In Scan Test Data Out Scan Test Clock Core power supply (x18 version) Core power supply I/O and Core Ground Output driver power supply
Rev: 1.00 10/2001
6/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z36B Pad Out 119-Bump BGA--Top View
1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQC DQC VDDQ DQC DQC VDDQ DQD DQD VDDQ DQD DQD NC NC VDDQ 2 A6 E2 A5 DQPC DQC DQC DQC DQC VDD DQD DQD DQD DQD DQPD A2 NC TMS 3 A7 A4 A3 VSS VSS VSS BC VSS NC VSS BD VSS VSS VSS LBO A10 TDI 4 A18 ADV VDD ZQ E1 G A17 W VDD CK NC CKE A1 A0 VDD A11 TCK 5 A8 A15 A14 VSS VSS VSS BB VSS NC VSS BA VSS VSS VSS FT A12 TDO 6 A9 E3 A16 DQPB DQB DQB DQB DQB VDD DQA DQA DQA DQA DQPA A13 A19 NC 7 VDDQ NC NC DQB DQB VDDQ DQB DQB VDDQ DQA DQA VDDQ DQA DQA PE ZZ VDDQ A B C D E F G H J K L M N P R T U
7 x 17 Bump BGA--14 x 22 mm2 Body--1.27 mm Bump Pitch
Rev: 1.00 10/2001
7/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18B Pad Out 119-Bump BGA--Top View
1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQB NC VDDQ NC DQB VDDQ NC DQB VDDQ DQB NC NC NC VDDQ 2 A6 VDD A5 NC DQB NC DQB NC VDD DQB NC DQB NC DQPB A2 A10 TMS 3 A7 A4 A3 VSS VSS VSS BB VSS NC VSS NC VSS VSS VSS LBO A11 TDI 4 A18 ADV VDD ZQ E1 G A17 W VDD CK VDD CKE A1 A0 VDD A20 TCK 5 A8 A15 A14 VSS VSS VSS NC VSS NC VSS BA VSS VSS VSS FT A12 TDO 6 A9 VSS A16 DQPA NC DQA NC DQA VDD NC DQA NC DQA NC A13 A19 NC 7 VDDQ NC NC NC DQA VDDQ DQA NC VDDQ DQA NC VDDQ NC DQA PE ZZ VDDQ A B C D E F G H J K L M N P R T U
7 x 17 Bump BGA--14 x 22 mm2 Body--1.27 mm Bump Pitch
Rev: 1.00 10/2001
8/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18/36 119-Bump BGA Pin Description
Pin Location
P4, N4 R2, C3, B3, C2, A2, A3, A5, A6, T3, T5, R6, C5, B5, C6, G4, A4 T4, T6 T2 T2, T6, T4 K7, L7, N7, P7, K6, L6, M6, N6 H7, G7, E7, D7, H6, G6, F6, E6 H1, G1, E1, D1, H2, G2, F2, E2 K1, L1, N1, P1, K2, L2, M2, N2 P6, D6, D2, P2 L5, G5, G3, L3 P7, N6, L6, K7, H6, G7, F6, E7, D6 D1, E2, G2, H1, K2, L1, M2, N1, P2 L5, G3 B1, C1, R1, T1, U6, B7, C7, J3, J5 P6, N7, M6, L7, K6, H7, G6, E6, D7, D2, E1, F2, G1, H2, K1, L2, N2, P1, G5, L3 L4 K4 M4 H4 E4 B6 B2 F4 B4 T7 R5 R3 D4 R7 U2 U3
Symbol
A0, A1 An An NC An DQA1-DQA8 DQB1-DQB8 DQC1-DQC8 DQD1-DQD8 DQA9, DQB9, DQC9, DQD9 BA, BB, BC, BD DQA1-DQA9 DQB1-DQB9 BA, BB NC NC NC CK CKE W E1 E3 E2 G ADV ZZ FT LBO ZQ PE TMS TDI
Type
I I
Description
Address field LSBs and Address Counter Preset Inputs Address Inputs Address Input (x36 Version)
-- I I/O
No Connect (x36 Version) Address Input (x18 Version) Data Input and Output pins. (x36 Version)
I/O I I/O I -- -- -- I I I I I I I I I I I I I I I
Data Input and Output pins. (x36 Version) Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low (x36 Version) Data Input and Output pins (x18 Version) Byte Write Enable for DQA, DQB I/Os; active low (x18 Version) No Connect No Connect (x18 Version) No Connect (x36 Version) Clock Input Signal; active high Clock Enable; active low Write Enable; active low Chip Enable; active low Chip Enable; active low (x36 version) Chip Enable; active high (x36 version) Output Enable; active low Burst address counter advance enable Sleep mode control; active high Flow Through or Pipeline mode; active low Linear Burst Order mode; active low FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) Parity Bit Enable; active low Scan Test Mode Select Scan Test Data In
Rev: 1.00 10/2001
9/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18/36 119-Bump BGA Pin Description
Pin Location
U5 U4 J2, C4, J4, R4, J6 B2, L4 D3, E3, F3, H3, K3, M3, N3, P3, D5, E5, F5, H5, K5, M5, N5, P5 B6 A1, F1, J1, M1, U1, A7, F7, J7, M7, U7
Symbol
TDO TCK VDD VDD VSS VSS VDDQ
Type
O I I I I I I
Description
Scan Test Data Out Scan Test Clock Core power supply Core power supply (x18 version) I/O and Core Ground I/O and Core Ground (x18 version) Output driver power supply
Rev: 1.00 10/2001
10/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
GS8324Z18/36/72 Block Diagram
Register
A0-An
D
Q A0 D0 A1 D1 Q1 Counter Load A Q0 A0 A1
LBO ADV CK ADSC ADSP GW BW BA
Register
Memory Array
Q D Q 36 D 36
Register
D BB
Q 4
Register
D BC
Q Q
Register
D
Register
Q
Register
D
D BD
Q
Register
36 36
D
Q
Register
E1
D
Q
36
Register
D
Q
FT G Power Down Control
36
ZZ
DQx0-DQx9
Note: Only x36 version shown for simplicity.
Rev: 1.00 10/2001
11/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
GS8324Z18 Die Layout
Inputs
TDI
Die A x18 16Mb
TDO
TDI
Die B x18 16Mb
TDO
18 I/Os
GS8324Z36 Die Layout
Inputs
TDI
Die A x18 16Mb
TDO
TDI
Die B x18 16Mb
TDO
18 I/Os
18 I/Os
GS8324Z72 Die Layout
Inputs
TDI
Die A x36 32Mb
TDO
TDI
Die B x36 32Mb
TDO
36 I/Os
36 I/Os
Rev: 1.00 10/2001
12/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) Functional Details
Clocking
Deassertion of the Clock Enable (CKE) input blocks the Clock input from reaching the RAM's internal circuits. It may be used to suspend RAM operations. Failure to observe Clock Enable set-up or hold requirements will result in erratic operation.
Pipeline Mode Read and Write Operations
All inputs (with the exception of Output Enable, Linear Burst Order and Sleep) are synchronized to rising clock edges. Single cycle read and write operations must be initiated with the Advance/Load pin (ADV) held low, in order to load the new address. Device activation is accomplished by asserting all three of the Chip Enable inputs (E1, E2, and E3). Deassertion of any one of the Enable inputs will deactivate the device. Function Read Write Byte "a" Write Byte "b" Write Byte "c" Write Byte "d" Write all Bytes Write Abort/NOP W H L L L L L L BA X L H H H L H BB X H L H H L H BC X H H L H L H BD X H H H L L H
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: CKE is asserted low, all three chip enables (E1, E2, and E3) are active, the write enable input signals W is deasserted high, and ADV is asserted low. The address presented to the address inputs is latched into the address register and presented to the memory core and control logic. The control logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At the next rising edge of clock the read data is allowed to propagate through the output register and onto the output pins. Write operation occurs when the RAM is selected, CKE is active, and the Write input is sampled low at the rising edge of clock. The Byte Write Enable inputs (BA, BB, BC, and BD) determine which bytes will be written. All or none may be activated. A write cycle with no Byte Write inputs active is a no-op cycle. The pipelined NBT SRAM provides double late write functionality, matching the write command versus data pipeline length (2 cycles) to the read command versus data pipeline length (2 cycles). At the first rising edge of clock, Enable, Write, Byte Write(s), and Address are registered. The Data In associated with that address is required at the third rising edge of clock.
Flow Through Mode Read and Write Operations
Operation of the RAM in Flow Through mode is very similar to operations in Pipeline mode. Activation of a Read Cycle and the use of the Burst Address Counter is identical. In Flow Through mode the device may begin driving out new data immediately after new address are clocked into the RAM, rather than holding new data until the following (second) clock edge. Therefore, in Flow Through mode the read pipeline is one cycle shorter than in Pipeline mode. Write operations are initiated in the same way, but differ in that the write pipeline is one cycle shorter as well, preserving the ability to turn the bus from reads to writes without inserting any dead cycles. While the pipelined NBT RAMs implement a double late write protocol in Flow Through mode a single late write protocol mode is observed. Therefore, in Flow Through mode, address and control are registered on the first rising edge of clock and data in is required at the data input pins at the second rising edge of clock.
Rev: 1.00 10/2001
13/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Byte Write Truth Table Function
Read Read Write byte a Write byte b Write byte c Write byte d Write all bytes Write all bytes
GW
H H H H H H H L
BW
H L L L L L L X
BA
X H L H H H L X
BB
X H H L H H L X
BC
X H H H L H L X
BD
X H H H H L L X
Notes
1 1 2, 3 2, 3 2, 3, 4 2, 3, 4 2, 3, 4
Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes "C" and "D" are only available on the x36 version.
Rev: 1.00 10/2001
14/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Synchronous Truth Table (x72 and x36 209-Bump BGA) Operation
Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Continue Read Cycle, Begin Burst Read Cycle, Continue Burst NOP/Read, Begin Burst Dummy Read, Continue Burst Write Cycle, Begin Burst Write Cycle, Continue Burst NOP/Write Abort, Begin Burst Write Abort, Continue Burst Clock Edge Ignore, Stall Sleep Mode
Type Address E1 E2 E3 ZZ ADV W Bx G CKE CK
D D D D R B R B W B W B None None None None External Next External Next External Next None Next Current None H X X X L X L X L X L X X X X X L X H X H X H X H X X X X H X X L X L X L X L X X X L L L L L L L L L L L L L H L L L H L H L H L H L H X X X X X X H X H X L X L X X X X X X X X X X X L L H H X X X X X X L L H H X X X X X X L L L L L L L L L L L L H X L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H X
DQ
High-Z High-Z High-Z High-Z Q Q High-Z High-Z D D High-Z
Notes
1
1,10 2 1,2,10 3 1,3,10 2,3
High-Z 1,2,3,10 High-Z 4
Notes: 1. Continue Burst cycles, whether Read or Write, use the same control inputs. A Deselect continue cycle can only be entered into if a Deselect cycle is executed first. 2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W pin is sampled low but no Byte Write pins are active, so no write operation is performed. 3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during write cycles. 4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus will remain in High Z. 5. X = Don't Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write signals are Low 6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge. 7. Wait states can be inserted by setting CKE high. 8. This device contains circuitry that ensures all outputs are in High Z during power-up. 9. A 2-bit burst counter is incorporated. 10. The address counter is incriminated for all Burst continue cycles.
Rev: 1.00 10/2001
15/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Synchronous Truth Table (x18 209-Bump BGA and x36/x18 119-Bump BGA) Operation
Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Continue Read Cycle, Begin Burst Read Cycle, Continue Burst NOP/Read, Begin Burst Dummy Read, Continue Burst Write Cycle, Begin Burst Write Cycle, Continue Burst NOP/Write Abort, Begin Burst Write Abort, Continue Burst Clock Edge Ignore, Stall Sleep Mode
Type Address E1 ZZ ADV W Bx G CKE CK
D D D D R B R B W B W B None None None None External Next External Next External Next None Next Current None H X X X L X L X L X L X X X L L L L L L L L L L L L L H L L L H L H L H L H L H X X X X X X H X H X L X L X X X X X X X X X X X L L H H X X X X X X L L H H X X X X X X L L L L L L L L L L L L H X L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H X
DQ
High-Z High-Z High-Z High-Z Q Q High-Z High-Z D D High-Z
Notes
1
1,10 2 1,2,10 3 1,3,10 2,3
High-Z 1,2,3,10 High-Z 4
Notes: 1. Continue Burst cycles, whether Read or Write, use the same control inputs. A Deselect continue cycle can only be entered into if a Deselect cycle is executed first. 2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W pin is sampled low but no Byte Write pins are active, so no write operation is performed. 3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during write cycles. 4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus will remain in High Z. 5. X = Don't Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/ Write signals are Low 6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge. 7. Wait states can be inserted by setting CKE high. 8. This device contains circuitry that ensures all outputs are in High Z during power-up. 9. A 2-bit burst counter is incorporated. 10. The address counter is incriminated for all Burst continue cycles.
Rev: 1.00 10/2001
16/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Pipelined and Flow Through Read Write Control State Diagram
D
B
Deselect
R
W
D W
D R
New Read
R B
New Write
W B
R
W
R
W
Burst Read
B D
Burst Write
B D
Key
Input Command Code
Notes
1. The Hold command (CKE Low) is not shown because it prevents any state change.
Transition
Current State (n) Next State (n+1)
n n+1
2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. n+2 n+3
Clock (CK)
Command
Current State
Next State
Current State and Next State Definition for Pipelined and Flow through Read/Write Control State Diagram
Rev: 1.00 10/2001
17/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) Pipeline Mode Data I/O State Diagram
Intermediate Intermediate
BW High Z (Data In) D
R
Intermediate W Intermediate Intermediate
RB Data Out (Q Valid) D
W
R
High Z B D
Intermediate
Key
Input Command Code
Notes
1. The Hold command (CKE Low) is not shown because it prevents any state change.
Transition
Current State (n)
Transition Next State (n+2)
Intermediate State (N+1)
2. W, R, B, and D represent input command codes as indicated in the Truth Tables.
n
n+1
n+2
n+3
Clock (CK)
Command
Current State
Intermediate State
Next State
Current State and Next State Definition for Pipeline Mode Data I/O State Diagram
Rev: 1.00 10/2001
18/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) Flow Through Mode Data I/O State Diagram
BW High Z (Data In) D R W RB Data Out (Q Valid) D
W
R
High Z B D
Key
Input Command Code
Notes
1. The Hold command (CKE Low) is not shown because it prevents any state change.
Transition
Current State (n) Next State (n+1)
n n+1
2. W, R, B, and D represent input command codes as indicated in the Truth Tables.
n+2
n+3
Clock (CK)
Command
Current State
Next State
Current State and Next State Definition for: Pipeline and Flow Through Read Write Control State Diagram
Rev: 1.00 10/2001
19/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Burst Cycles
Although NBT RAMs are designed to sustain 100% bus bandwidth by eliminating turnaround cycle when there is transition from read to write, multiple back-to-back reads or writes may also be performed. NBT SRAMs provide an on-chip burst address generator that can be utilized, if desired, to further simplify burst read or write implementations. The ADV control pin, when driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into Load mode.
Burst Order
The burst address counter wraps around to its initial state after four addresses (the loaded address and three more) have been accessed. The burst sequence is determined by the state of the Linear Burst Order pin (LBO). When this pin is Low, a linear burst sequence is selected. When the RAM is installed with the LBO pin tied high, Interleaved burst sequence is selected. See the tables below for details.
Mode Pin Functions Mode Name
Burst Order Control Output Register Control Power Down Control Parity Enable FLXDrive Output Impedance Control
Pin Name
LBO FT ZZ PE ZQ
State
L H L H or NC L or NC H L or NC H L H or NC
Function
Linear Burst Interleaved Burst Flow Through Pipeline Active Standby, IDD = ISB Activate 9th I/O's (x18/36 Mode) Deactivate 9th I/O's (x16/32 Mode) High Drive (Low Impedance) Low Drive (High Impedance)
Note: There are pull-up devices on the ZQ, SCD DP, and FT pins and a pull-down devices on the PE and ZZ pins, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables.
Enable/Disable Parity I/O Pins
This SRAM allows the user to configure the device to operate in Parity I/O active (x18, x36, or x72) or in Parity I/O inactive (x16, x32, or x64) mode. Holding the PE bump low or letting it float will activate the 9th I/O on each byte of the RAM. Grounding PE deactivates the 9th I/O of each byte, although the bit in each byte of the memory array remains active to store and recall parity bits generated and read into the ByteSafe parity circuits.
Rev: 1.00 10/2001
20/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
x16/32/64 Mode (PE = 0) Read Parity Error Output Timing Diagram
CK
Address A Address B Address C Address D Address E Address F
Flow Through Mode
DQ
D Out A tKQ tLZ
D Out B
D Out C tKQX tHZ
D Out D
D Out E
QE
Err A
Err C
Pipelined Mode
DQ
D Out A tKQ tLZ
D Out B
D Out C tKQX tHZ
D Out D
QE
Err A
Err C
Rev: 1.00 10/2001
21/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
x18/x36 Mode (PE = 1) Write Parity Error Output Timing Diagram
CK DQ
Flow Through Mode
D In A tKQ tLZ
D In B
D In C tKQX tHZ
D In D
D In E
QE
Err A
Err C
Pipelined Mode
DQ
D In A
D In B tKQ tLZ
D In C
D In D tKQX tHZ
D In E
QE
Err A
Err C
BPR 1999.05.18
Burst Counter Sequences
Linear Burst Sequence
Interleaved Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0]
1st address 2nd address 3rd address 4th address 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00
A[1:0] A[1:0] A[1:0] A[1:0]
1st address 2nd address 3rd address 4th address 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10
Note: The burst counter wraps to initial state on the 5th clock.
Note: The burst counter wraps to initial state on the 5th clock.
BPR 1999.05.18
Sleep Mode
During normal operation, ZZ must be pulled low, either by the user or by its internal pull down resistor. When ZZ is pulled high, the SRAM will enter a Power Sleep mode after 2 cycles. At this time, internal state of the SRAM is preserved. When ZZ returns to low, the SRAM operates normally after 2 cycles of wake up time. Sleep mode is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of Rev: 1.00 10/2001 22/46 (c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Sleep mode is dictated by the length of time the ZZ is in a High state. After entering Sleep mode, all inputs except ZZ become disabled and all outputs go to High-Z The ZZ pin is an asynchronous, active high input that causes the device to enter Sleep mode. When the ZZ pin is driven high, ISB2 is guaranteed after the time tZZI is met. Because ZZ is an asynchronous input, pending operations or operations in progress may not be properly completed if ZZ is asserted. Therefore, Sleep mode must not be initiated until valid pending operations are completed. Similarly, when exiting Sleep mode during tZZR, only a Deselect or Read commands may be applied while the SRAM is recovering from Sleep mode.
Sleep Mode Timing Diagram
CK ZZ
tZZS
~~ ~~
tZZR
Sleep tZZH
Designing for Compatibility
The GSI NBT SRAMs offer users a configurable selection between Flow Through mode and Pipeline mode via the FT signal found on . Not all vendors offer this option, however most mark as VDD or VDDQ on pipelined parts and VSS on flow through parts. GSI NBT SRAMs are fully compatible with these sockets.
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
VDD VDDQ VCK VI/O VIN IIN IOUT PD TSTG TBIAS
Description
Voltage on VDD Pins Voltage in VDDQ Pins Voltage on Clock Input Pin Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Package Power Dissipation Storage Temperature Temperature Under Bias
Value
-0.5 to 4.6 -0.5 to 4.6 -0.5 to 6 -0.5 to VDDQ +0.5 ( 4.6 V max.) -0.5 to VDD +0.5 ( 4.6 V max.) +/-20 +/-20 1.5 -55 to 125 -55 to 125
Unit
V V V V V mA mA W
oC o
C
Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component.
Rev: 1.00 10/2001
23/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Power Supply Voltage Ranges Parameter
3.3 V Supply Voltage 2.5 V Supply Voltage 3.3 V VDDQ I/O Supply Voltage 2.5 V VDDQ I/O Supply Voltage
Symbol
VDD3 VDD2 VDDQ3 VDDQ2
Min.
3.0 2.3 3.0 2.4
Typ.
3.3 2.5 3.3 2.5
Max.
3.6 2.7 3.6 2.7
Unit
V V V V
Notes
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
VDDQ3 Range Logic Levels Parameter
VDD Input High Voltage VDD Input Low Voltage VDDQ I/O Input High Voltage VDDQ I/O Input Low Voltage
Symbol
VIH VIL VIHQ VILQ
Min.
1.7 -0.3 1.7 -0.3
Typ.
-- -- -- --
Max.
VDD + 0.3 0.8 VDDQ + 0.3 0.8
Unit
V V V V
Notes
1 1 1,3 1,3
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V.
VDDQ2 Range Logic Levels Parameter
VDD Input High Voltage VDD Input Low Voltage VDDQ I/O Input High Voltage VDDQ I/O Input Low Voltage
Symbol
VIH VIL VIHQ VILQ
Min.
0.6*VDD -0.3 0.6*VDD -0.3
Typ.
-- -- -- --
Max.
VDD + 0.3 0.3*VDD VDDQ + 0.3 0.3*VDD
Unit
V V V V
Notes
1 1 1,3 1,3
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V.
Rev: 1.00 10/2001
24/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Recommended Operating Temperatures Parameter
Ambient Temperature (Commercial Range Versions) Ambient Temperature (Industrial Range Versions)
Symbol
TA TA
Min.
0 -40
Typ.
25 25
Max.
70 85
Unit
C C
Notes
2 2
Note: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
Undershoot Measurement and Timing
VIH
Overshoot Measurement and Timing
20% tKC VDD + 2.0 V
VSS 50% VSS - 2.0 V 20% tKC
50% VDD
VIL
Capacitance
(TA = 25oC, f = 1 MHZ, VDD = 2.5 V)
Parameter
Input Capacitance Input/Output Capacitance (x36/x72) Input/Output Capacitance (x18) Note: These parameters are sample tested.
Symbol
CIN CI/O CI/O
Test conditions
VIN = 0 V VOUT = 0 V VOUT = 0 V
Typ.
6.5 6 8.5
Max.
7.5 7 9.5
Unit
pF pF pF
Package Thermal Characteristics Rating
Junction to Ambient (at 200 lfm) Junction to Ambient (at 200 lfm) Junction to Case (TOP)
Layer Board
single four --
Symbol
RJA RJA RJC
Max
40 24 9
Unit
C/W C/W C/W
Notes
1,2 1,2 3
Notes: 1. Junction temperature is a function of SRAM power dissipation, package thermal resistance, mounting board temperature, ambient. Temperature air flow, board density, and PCB thermal resistance. 2. SCMI G-38-87 3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1 Rev: 1.00 10/2001 25/46 (c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level Output load
Conditions
2.3 V 0.2 V 1 V/ns 1.25 V 1.25 V Fig. 1& 2
Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ 4. Device is deselected as defined by the Truth Table.
Output Load 1 DQ 50 VT = 1.25 V
* Distributed Test Jig Capacitance
Output Load 2 2.5 V 30pF* DQ 5pF* 225 225
DC Electrical Characteristics Parameter
Input Leakage Current (except mode pins) ZZ and PE Input Current FT, SCD, ZQ, DP Input Current Output Leakage Current (x36/x72) Output Leakage Current (x18) Output High Voltage Output High Voltage Output Low Voltage
Symbol
IIL IIN1 IIN2 IOL IOL VOH2 VOH3 VOL
Test Conditions
VIN = 0 to VDD VDD VIN VIH 0 V VIN VIH VDD VIN VIL 0 V VIN VIL Output Disable, VOUT = 0 to VDD Output Disable, VOUT = 0 to VDD IOH = -8 mA, VDDQ = 2.375 V IOH = -8 mA, VDDQ = 3.135 V IOL = 8 mA
Min
-2 uA -1 uA -1 uA -100 uA -1 uA -1 uA -2 uA 1.7 V 2.4 V --
Max
2 uA 1 uA 100 uA 1 uA 1 uA 1 uA 2 uA -- -- 0.4 V
Rev: 1.00 10/2001
26/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Operating Currents
-250 Mode IDD IDDQ IDD IDDQ 310 40 520 40 280 20 345 20 200 10 580 60 310 30 520 30 280 20 345 15 200 10 40 40 IDD IDD 170 120 215 10 60 60 180 130 360 15 315 15 200 10 40 40 160 120 300 20 280 20 300 20 330 15 215 10 60 60 170 130 540 30 470 30 490 30 430 30 250 20 290 15 175 10 40 40 150 100 330 30 310 30 330 30 270 30 290 30 450 30 270 20 305 15 190 10 60 60 160 110 600 60 530 60 550 60 480 50 500 50 410 40 270 30 370 20 250 20 250 10 175 10 40 40 130 100 215 10 200 10 215 10 175 10 190 10 175 10 190 10 430 40 290 30 390 20 270 20 265 10 190 10 60 60 140 110 360 20 315 20 330 20 290 15 305 15 250 15 265 15 230 15 175 10 380 40 270 30 340 20 250 20 230 10 175 10 40 40 120 100 245 15 190 10 400 40 290 30 360 20 270 20 245 10 190 10 60 60 130 110 300 20 280 20 300 20 250 20 270 20 350 20 270 20 250 20 270 20 180 20 205 10 135 10 340 30 200 20 310 20 180 10 205 10 135 5 40 40 100 90 540 40 470 40 490 40 430 30 450 30 370 30 390 30 340 30 360 30 310 20 330 20 200 20 220 10 150 10 360 30 220 20 330 20 200 10 220 10 150 5 60 60 110 100 330 40 340 40 330 40 270 30 290 30 270 30 290 30 270 30 290 30 200 20 220 20 IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ ISB ISB 580 80
mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA
-225 0 to 70C -40 to 85C Unit 550 70 480 60 500 60 410 50 430 50 380 50 400 50 340 40 360 40 -40 to 85C -40 to 85C -40 to 85C -40 to 85C 530 70 0 to 70C 0 to 70C 0 to 70C 0 to 70C
-200
-166
-150
-133
Parameter
Test Conditions
Symbol
0 to 70C -40 to 85C 560 80
Pipeline (x72) Flow Through Pipeline (x36) Flow Through Pipeline (x18) Flow Through Pipeline (x72) Flow Through Pipeline (x36) Flow Through Pipeline (x18) Flow Through Pipeline -- Flow Through Pipeline -- Flow Through
Rev: 1.00 10/2001
Operating Current
3.3 V
Device Selected; All other inputs VIH or VIL Output open
27/46
Operating Current
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
2.5 V
Device Selected; All other inputs VIH or VIL Output open
Standby Current
ZZ VDD - 0.2 V
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
(c) 2001, Giga Semiconductor, Inc.
Deselect Current
Device Deselected; All other inputs VIH or VIL
Notes: 1. IDD and IDDQ apply to any combination of VDD3, VDD2, VDDQ3, and VDDQ2 operation. 2. All parameters listed are worst case scenario.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) AC Electrical Characteristics
Parameter Clock Cycle Time Pipeline Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock Cycle Time Flow Through Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock HIGH Time Clock LOW Time Clock to Output in High-Z G to Output Valid G to output in Low-Z G to output in High-Z Setup time Hold time ZZ setup time ZZ hold time ZZ recovery Symbol tKC tKQ tKQX tLZ
1
-250 Min 4.0 -- 1.5 1.5 7.0 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 100 Max -- 2.3 -- -- -- 6.0 -- -- -- -- 2.3 2.3 -- 2.3 -- -- -- -- --
-225 Min 4.4 -- 1.5 1.5 7.5 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 100 Max -- 2.5 -- -- -- 6.0 -- -- -- -- 2.5 2.5 -- 2.5 -- -- -- -- --
-200 Min 5.0 -- 1.5 1.5 8.5 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 100 Max -- 3.0 -- -- -- 7.5 -- -- -- -- 3.0 3.2 -- 3.0 -- -- -- -- --
-166 Min 6.0 -- 1.5 1.5 10.0 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 100 Max -- 3.4 -- -- -- 8.5 -- -- -- -- 3.5 3.5 -- 3.5 -- -- -- -- --
-150 Min 6.7 -- 1.5 1.5 10.0 -- 3.0 3.0 1.5 1.7 1.5 -- 0 -- 1.5 0.5 5 1 100 Max -- 3.8 -- -- -- 10.0 -- -- -- -- 3.8 3.8 -- 3.8 -- -- -- -- --
-133 Min 7.5 -- 1.5 1.5 15.0 -- 3.0 3.0 1.7 2 1.5 -- 0 -- 1.5 0.5 5 1 100 Max -- 4.0 -- -- -- 10.0 -- -- -- -- 4.0 4.0 -- 4.0 -- -- -- -- --
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tKC tKQ tKQX tLZ1 tKH tKL tHZ1 tOE tOLZ1 tOHZ1 tS tH tZZS2 tZZH2 tZZR
Notes: 1. These parameters are sampled and are not 100% tested. 2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold times as specified above.
Rev: 1.00 10/2001
28/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Pipeline Mode Read/Write Cycle Timing
1 CK
tS tH tKH tKL tKC
2
3
4
5
6
7
8
9
10
CKE
tS tH
E*
tS tH
ADV
tS tH
W
tS tH
Bn
tS tH
A0-An
A1
A2
A3
A4
tKQ tKQHZ tKQLZ D (A2+1)
A5
tGLQV
A6
tKHQZ
A7
DQA-DQD
D(A1)
D(A2)
Q(A3)
Q(A4)
Q (A4+1)
D(A5)
Q(A6)
tS
tH
tOEHZ
tOELZ
tKQX
G
COMMAND
Write D(A1)
Write D(A2)
BURST Read Write Q(A3) D(A2+1)
Read Q(A4)
BURST Read Q(A4+1)
Write D(A5)
Read Q(A6)
Write D(A7)
DESELECT
DON'T CARE
UNDEFINED
*Note: E = High (False) if E1 = 1 or E2 = 0 or E3 = 1
Rev: 1.00 10/2001
29/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Pipeline Mode No-Op, Stall and Deselect Timing
1 CK
tS tH
2
3
4
5
6
7
8
9
10
CKE
tS tH
E*
tS tH
ADV
tS tH
W Bn
A0-An
A1
A2
A3
A4
A5 tKHQZ
DQ
D(A1)
Q(A2)
Q(A3)
D(A4)
Q(A5)
tKQHZ
COMMAND
Write D(A1)
Read Q(A2)
STALL
Read Q(A3)
Write D(A4)
STALL
NOP
Read Q(A5)
DESELECT CONTINUE
DESELECT
DON'T CARE
UNDEFINED
*Note: E = High (False) if E1 = 1 or E2 = 0 or E3 = 1
Rev: 1.00 10/2001
30/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Flow Through Mode Read/Write Cycle Timing
1 CK
tS tH tKH tKL tKC
2
3
4
5
6
7
8
9
10
CKE
tS tH
E*
tS tH
ADV
tS tH
W
tS tH
Bn
tS tH A2 A3
tKQ tKQHZ tKQLZ D (A2+1)
A0-An
A1
A4
tGLQV
A5
tKHQZ
A6
A7
DQ
D(A1)
D(A2)
Q(A3)
Q(A4)
Q (A4+1)
D(A5)
Q(A6)
tS
tH
tOEHZ
tOELZ
tKQX
G
COMMAND
Write D(A1)
Write D(A2)
BURST Read Write Q(A3) D(A2+1)
Read Q(A4)
BURST Read Q(A4+1)
Write D(A5)
Read Q(A6)
Write D(A7)
DESELECT
DON'T CARE
UNDEFINED
*Note: E = High (False) if E1 = 1 or E2 = 0 or E3 = 1
Rev: 1.00 10/2001
31/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Flow Through Mode No-Op, Stall and Deselect Timing
1 CK
tS tH
2
3
4
5
6
7
8
9
10
CKE
tS tH
E*
tS tH
ADV
W
Bn
A0-An
A1
A2
A3
A4
A5 tKHQZ
DQ
D(A1)
Q(A2)
Q(A3)
D(A4)
Q(A5)
tKQHZ
COMMAND
Write D(A1)
Read Q(A2)
STALL
Read Q(A3)
Write D(A4)
STALL
NOP
Read Q(A5)
DESELECT
CONTINUE DESELECT
DON'T CARE
UNDEFINED
*Note: E = High (False) if E1 = 1 or E2 = 0 or E3 = 1
Rev: 1.00 10/2001
32/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) JTAG Port Operation
Due to the fact that this device is built from two die, the two JTAG parts are chained together internally. The following describes the behavior of each die.
Overview
The JTAG Port on this RAM operates in a manner that is compliant with IEEE Standard 1149.1-1990, a serial boundary scan interface standard (commonly referred to as JTAG). The JTAG Port input interface levels scale with VDD. The JTAG output drivers are powered by VDDQ.
Disabling the JTAG Port
It is possible to use this device without utilizing the JTAG port. The port is reset at power-up and will remain inactive unless clocked. TCK, TDI, and TMS are designed with internal pull-up circuits.To assure normal operation of the RAM with the JTAG Port unused, TCK, TDI, and TMS may be left floating or tied to either VDD or VSS. TDO should be left unconnected.
JTAG Pin Descriptions Pin
TCK TMS
Pin Name
Test Clock Test Mode Select
I/O
In In
Description
Clocks all TAP events. All inputs are captured on the rising edge of TCK and all outputs propagate from the falling edge of TCK. The TMS input is sampled on the rising edge of TCK. This is the command input for the TAP controller state machine. An undriven TMS input will produce the same result as a logic one input level. The TDI input is sampled on the rising edge of TCK. This is the input side of the serial registers placed between TDI and TDO. The register placed between TDI and TDO is determined by the state of the TAP Controller state machine and the instruction that is currently loaded in the TAP Instruction Register (refer to the TAP Controller State Diagram). An undriven TDI pin will produce the same result as a logic one input level.
TDI
Test Data In
In
TDO
Test Data Out
Output that is active depending on the state of the TAP state machine. Output changes in Out response to the falling edge of TCK. This is the output side of the serial registers placed between TDI and TDO.
Note: This device does not have a TRST (TAP Reset) pin. TRST is optional in IEEE 1149.1. The Test-Logic-Reset state is entered while TMS is held high for five rising edges of TCK. The TAP Controller is also reset automaticly at power-up.
JTAG Port Registers
Overview
The various JTAG registers, refered to as Test Access Port orTAP Registers, are selected (one at a time) via the sequences of 1s and 0s applied to TMS as TCK is strobed. Each of the TAP Registers is a serial shift register that captures serial input data on the rising edge of TCK and pushes serial data out on the next falling edge of TCK. When a register is selected, it is placed between the TDI and TDO pins.
Instruction Register
The Instruction Register holds the instructions that are executed by the TAP controller when it is moved into the Run, Test/Idle, or the various data register states. Instructions are 3 bits long. The Instruction Register can be loaded when it is placed between the TDI and TDO pins. The Instruction Register is automatically preloaded with the IDCODE instruction at power-up or whenever the controller is placed in Test-Logic-Reset state.
Rev: 1.00 10/2001
33/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Bypass Register
The Bypass Register is a single bit register that can be placed between TDI and TDO. It allows serial test data to be passed through the RAM's JTAG Port to another device in the scan chain with as little delay as possible.
Boundary Scan Register
The Boundary Scan Register is a collection of flip flops that can be preset by the logic level found on the RAM's input or I/O pins. The flip flops are then daisy chained together so the levels found can be shifted serially out of the JTAG Port's TDO pin. The Boundary Scan Register also includes a number of place holder flip flops (always set to a logic 1). The relationship between the device pins and the bits in the Boundary Scan Register is described in the Scan Order Table following. The Boundary Scan Register, under the control of the TAP Controller, is loaded with the contents of the RAMs I/O ring when the controller is in Capture-DR state and then is placed between the TDI and TDO pins when the controller is moved to Shift-DR state. SAMPLE-Z, SAMPLE/PRELOAD and EXTEST instructions can be used to activate the Boundary Scan Register.
JTAG TAP Block Diagram
0
Bypass Register
210
Instruction Register TDI ID Code Register
31 30 29
TDO
*
***
210
Boundary Scan Register
n
******
***
210
TMS TCK Test Access Port (TAP) Controller
Identification (ID) Register
The ID Register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in Capture-DR state with the IDCODE command loaded in the Instruction Register. The code is loaded from a 32-bit on-chip ROM. It describes various attributes of the RAM as indicated below. The register is then placed between the TDI and TDO pins when the controller is moved into Shift-DR state. Bit 0 in the register is the LSB and the first to reach TDO when shifting begins.
Rev: 1.00 10/2001
34/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
ID Register Contents
Presence Register 0 1 1 1 1 1
Die Revision Code Bit # x72 x36 x32 x18 x16
Not Used
I/O Configuration
GSI Technology JEDEC Vendor ID Code
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 X X X X X X X X X X X X X X X X X X X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 0 1 0 1 0 0 0 1 1 1 0 0 0 0 0 0 0 0 0 0 011011001 0 011011001 0 011011001 0 011011001 0 011011001
Tap Controller Instruction Set
Overview
There are two classes of instructions defined in the Standard 1149.1-1990; the standard (Public) instructions, and device specific (Private) instructions. Some Public instructions are mandatory for 1149.1 compliance. Optional Public instructions must be implemented in prescribed ways. The TAP on this device may be used to monitor all input and I/O pads, and can be used to load address, data or control signals into the RAM or to preload the I/O buffers. When the TAP controller is placed in Capture-IR state the two least significant bits of the instruction register are loaded with 01. When the controller is moved to the Shift-IR state the Instruction Register is placed between TDI and TDO. In this state the desired instruction is serially loaded through the TDI input (while the previous contents are shifted out at TDO). For all instructions, the TAP executes newly loaded instructions only when the controller is moved to Update-IR state. The TAP instruction set for this device is listed in the following table.
Rev: 1.00 10/2001
35/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
JTAG Tap Controller State Diagram
1
Test Logic Reset
0 1 1 1
0
Run Test Idle
Select DR
0 1
Select IR
0 1
Capture DR
0
Capture IR
0
Shift DR
1 1
0 1
Shift IR
1
0
Exit1 DR
0
Exit1 IR
0
Pause DR
1
0
Pause IR
1
0
Exit2 DR
1
0
Exit2 IR
1
0
Update DR
1 0
Update IR
1 0
Instruction Descriptions
BYPASS When the BYPASS instruction is loaded in the Instruction Register the Bypass Register is placed between TDI and TDO. This occurs when the TAP controller is moved to the Shift-DR state. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path.
SAMPLE/PRELOAD SAMPLE/PRELOAD is a Standard 1149.1 mandatory public instruction. When the SAMPLE / PRELOAD instruction is loaded in the Instruction Register, moving the TAP controller into the Capture-DR state loads the data in the RAMs input and I/O buffers into the Boundary Scan Register. Boundary Scan Register locations are not associated with an input or I/O pin, and are loaded with the default state identified in the Boundary Scan Chain table at the end of this section of the datasheet. Because the RAM clock is independent from the TAP Clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input buffers are in transition (i.e. in a metastable state). Although allowing the TAP to sample metastable inputs will not harm the device, repeatable results cannot be expected. RAM input signals must be stabilized for long enough to meet the TAPs input data capture set-up plus hold time (tTS plus tTH). The RAMs clock inputs need not be paused for any other TAP operation except capturing the I/O ring contents into the Boundary Scan Register. Moving the controller to ShiftDR state then places the boundary scan register between the TDI and TDO pins. EXTEST EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the instruction register is loaded with all logic 0s. Rev: 1.00 10/2001 36/46 (c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
The EXTEST command does not block or override the RAM's input pins; therefore, the RAM's internal state is still determined by its input pins. Typically, the Boundary Scan Register is loaded with the desired pattern of data with the SAMPLE/PRELOAD command. Then the EXTEST command is used to output the Boundary Scan Register's contents, in parallel, on the RAM's data output drivers on the falling edge of TCK when the controller is in the Update-IR state. Alternately, the Boundary Scan Register may be loaded in parallel using the EXTEST command. When the EXTEST instruction is selected, the sate of all the RAM's input and I/O pins, as well as the default values at Scan Register locations not associated with a pin, are transferred in parallel into the Boundary Scan Register on the rising edge of TCK in the Capture-DR state, the RAM's output pins drive out the value of the Boundary Scan Register location with which each output pin is associated. IDCODE The IDCODE instruction causes the ID ROM to be loaded into the ID register when the controller is in Capture-DR mode and places the ID register between the TDI and TDO pins in Shift-DR mode. The IDCODE instruction is the default instruction loaded in at power up and any time the controller is placed in the Test-Logic-Reset state. SAMPLE-Z If the SAMPLE-Z instruction is loaded in the instruction register, all RAM outputs are forced to an inactive drive state (high-Z) and the Boundary Scan Register is connected between TDI and TDO when the TAP controller is moved to the Shift-DR state. RFU These instructions are Reserved for Future Use. In this device they replicate the BYPASS instruction.
JTAG TAP Instruction Set Summary
Instruction
EXTEST IDCODE SAMPLE-Z
Code
000 001 010
Description
Places the Boundary Scan Register between TDI and TDO. Preloads ID Register and places it between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Forces all RAM output drivers to High-Z. Do not use this instruction; Reserved for Future Use. Replicates BYPASS instruction. Places Bypass Register between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. GSI private instruction. Do not use this instruction; Reserved for Future Use. Replicates BYPASS instruction. Places Bypass Register between TDI and TDO. Places Bypass Register between TDI and TDO.
Notes
1 1, 2 1
RFU SAMPLE/ PRELOAD GSI RFU BYPASS
011 100 101 110 111
1 1 1 1 1
Notes: 1. Instruction codes expressed in binary, MSB on left, LSB on right. 2. Default instruction automatically loaded at power-up and in test-logic-reset state.
Rev: 1.00 10/2001
37/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
JTAG Port Recommended Operating Conditions and DC Characteristics Parameter
3.3 V Test Port Input High Voltage 3.3 V Test Port Input Low Voltage 2.5 V Test Port Input High Voltage 2.5 V Test Port Input Low Voltage TMS, TCK and TDI Input Leakage Current TMS, TCK and TDI Input Leakage Current TDO Output Leakage Current Test Port Output High Voltage Test Port Output Low Voltage Test Port Output CMOS High Test Port Output CMOS Low
Symbol
VIHJ3 VILJ3 VIHJ2 VILJ2 IINHJ IINLJ IOLJ VOHJ VOLJ VOHJC VOLJC
Min.
2.0 -0.3 0.6 * VDD2 -0.3 -300 -1 -1 1.7 -- VDDQ - 100 mV --
Max.
VDD3 +0.3 0.8 VDD2 +0.3 0.3 * VDD2 1 100 1 -- 0.4 -- 100 mV
Unit Notes
V V V V uA uA uA V V V V 1 1 1 1 2 3 4 5, 6 5, 7 5, 8 5, 9
Notes: 1. Input Under/overshoot voltage must be -2 V > Vi < VDDn +2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tTKC. 2. VILJ VIN VDDn 3. 0 V VIN VILJn 4. Output Disable, VOUT = 0 to VDDn 5. The TDO output driver is served by the VDDQ supply. 6. IOHJ = -4 mA 7. IOLJ = + 4 mA 8. IOHJC = -100 uA 9. IOHJC = +100 uA
JTAG Port AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level
Conditions
2.3 V 0.2 V 1 V/ns 1.25 V 1.25 V DQ
JTAG Port AC Test Load
50 VT = 1.25 V
* Distributed Test Jig Capacitance
30pF*
Notes: 1. Include scope and jig capacitance. 2. Test conditions as as shown unless otherwise noted.
Rev: 1.00 10/2001
38/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
JTAG Port Timing Diagram
tTKH TCK tTS tTH tTKL tTKC
TMS
TDI
TDO tTKQ
JTAG Port AC Electrical Characteristics
Parameter TCK Cycle Time TCK Low to TDO Valid TCK High Pulse Width TCK Low Pulse Width TDI & TMS Set Up Time TDI & TMS Hold Time Symbol tTKC tTKQ tTKH tTKL tTS tTH Min 50 -- 20 20 10 10 Max -- 20 -- -- -- -- Unit ns ns ns ns ns ns
Rev: 1.00 10/2001
39/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
GS8324Z18/36/72 Boundary Scan Chain Order Order x72 x36 x18
1(TBD)
Bump x72 x36 x18
Notes: 1. Depending on the package, some input pads of the scan chain may not be connected to any external pin. In such case: LBO = 1, ZQ = 1, PE = 0, SD = 0, ZZ = 0, FT = 1, DP = 1, and SCD = 1. 2. Every DQ pad consists of two scan registers--D is for input capture, and Q is for output capture. 3. A single register (#194) for controlling tristate of all the DQ pins is at the end of the scan chain (i.e., the last bit shifted in this tristate control is effective after JTAG EXTEST instruction is executed. 4. 1 = no connect, internally set to logic value 1 5. 0 = no connect, internally set to logic value 0 6. X = no connect, value is undefined
Rev: 1.00 10/2001
40/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) 209 BGA Package Drawing
14 mm x 22 mm Body, 1.0 mm Bump Pitch, 11 x 19 Bump Array C A1 A aaa D D1
Side View
e
Bottom View
E1 b e Symbol A A1 b c D D1 E E1 e aaa Rev 1.0 Rev: 1.00 10/2001 41/46 13.9 0.40 0.50 0.31 21.9 0.50 0.60 0.36 22.0 18.0 (BSC) 14.0 10.0 (BSC) 1.00 (BSC) 0.15 14.1 Min Typ Max 1.70 0.60 0.70 0.38 22.1 Units mm mm mm mm mm mm mm mm mm mm
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
(c) 2001, Giga Semiconductor, Inc.
E
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
Package Dimensions--119-Pin PBGA
119-Bump BGA Package
Pin 1 Corner
A B C D E F G H J K L M N P R T U
A
7654321
G
B
S
D
A B C D E F G H J K L M N P R T U
R Top View Bottom View
Package Dimensions--119-Pin PBGA
Symbol A B C D E F G K R S Description Width Length Package Height (including ball) Ball Size Ball Height Package Height (excluding balls) Width between Balls Package Height above board Width of package between balls Length of package between balls Variance of Ball Height 0.65 Min. 13.9 21.9 1.73 0.60 0.50 1.16 Nom. 14.0 22.0 1.86 0.75 0.60 1.26 1.27 0.70 7.62 20.32 0.15 0.75 Max 14.1 22.1 1.99 0.90 0.70 1.36
T F E K
T
C
Unit: mm
Side View
Rev: 1.00 10/2001
42/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) Ordering Information for GSI Synchronous NBT SRAMs
Org
2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 512K x 72 512K x 72 512K x 72 512K x 72 512K x 72
Part Number1
GS8324Z18B-250 GS8324Z18B-225 GS8324Z18B-200 GS8324Z18B-166 GS8324Z18B-150 GS8324Z18B-133 GS8324Z18C-250 GS8324Z18C-225 GS8324Z18C-200 GS8324Z18C-166 GS8324Z18C-150 GS8324Z18C-133 GS8324Z36B-250 GS8324Z36B-225 GS8324Z36B-200 GS8324Z36B-166 GS8324Z36B-150 GS8324Z36B-133 GS8324Z36C-250 GS8324Z36C-225 GS8324Z36C-200 GS8324Z36C-166 GS8324Z36C-150 GS8324Z36C-133 GS8324Z72C-250 GS8324Z72C-225 GS8324Z72C-200 GS8324Z72C-166 GS8324Z72C-150
Type
Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through
Package
119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA
Speed2 (MHz/ns)
250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10
TA3
C C C C C C C C C C C C C C C C C C C C C C C C C C C C C
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS8324Z18B-150IB. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings. Rev: 1.00 10/2001 43/46 (c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) Ordering Information for GSI Synchronous NBT SRAMs (Continued)
Org
512K x 72 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 512K x 72
Part Number1
GS8324Z72C-133 GS8324Z18B-250I GS8324Z18B-225I GS8324Z18B-200I GS8324Z18B-166I GS8324Z18B-150I GS8324Z18B-133I GS8324Z18C-250I GS8324Z18C-225I GS8324Z18C-200I GS8324Z18C-166I GS8324Z18C-150I GS8324Z18C-133I GS8324Z36B-250I GS8324Z36B-225I GS8324Z36B-200I GS8324Z36B-166I GS8324Z36B-150I GS8324Z36B-133I GS8324Z36C-250I GS8324Z36C-225I GS8324Z36C-200I GS8324Z36C-166I GS8324Z36C-150I GS8324Z36C-133I GS8324Z72C-250I
Type
Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through
Package
209 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 119 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA 209 BGA
Speed2 (MHz/ns)
133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6 225/6.5 200/7.5 166/8.5 150/10 133/11 250/6
TA3
C I I I I I I I I I I I I I I I I I I I I I I I I I
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS8324Z18B-150IB. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings.
Rev: 1.00 10/2001
44/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) Ordering Information for GSI Synchronous NBT SRAMs (Continued)
Org
512K x 72 512K x 72 512K x 72 512K x 72 512K x 72
Part Number1
GS8324Z72C-225I GS8324Z72C-200I GS8324Z72C-166I GS8324Z72C-150I GS8324Z72C-133I
Type
Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through
Package
209 BGA 209 BGA 209 BGA 209 BGA 209 BGA
Speed2 (MHz/ns)
225/6.5 200/7.5 166/8.5 150/10 133/11
TA3
I I I I I
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS8324Z18B-150IB. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings.
Rev: 1.00 10/2001
45/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
36Mb Sync SRAM Datasheet Revision History
DS/DateRev. Code: Old; New 8324Z18_r1 Types of Changes Format or Content Page;Revisions;Reason * Creation of new datasheet
Rev: 1.00 10/2001
46/46
(c) 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


▲Up To Search▲   

 
Price & Availability of GS8324Z72C-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X