![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
9 Solid State Relay Compact SSRs for I/O Interface with High Dielectric Strength Requirements 1 High-speed models with optimum input ratings for a variety of sensors are available G3R-I/O 1 Input Modules and Output Modules that have the same footprint as the G2R 1 Using a coupler approved by VDE 0884 and assuring an I/O dielectric strength of 4 kV eo 1 Incorporating an easy-to-see monitoring indicator 1 Approved by UL, CSA, and TUV 1 Can be used with P2RF--05E socket for use on 35 mm DIN track Ordering Information To Order: Select the part number and add the desired coil voltage rating, (e.g., G3R-IAZR1SN-DC5) 3 INPUT MODULE Isolation Photocoupler Indicator Yes Response speed --High-speed g (1 kHz) kH ) Low-speed (10 Hz) H) Logic level Supply voltage 4 to 32 VDC Supply current 0.1 to 100 mA Rated input voltage 100 to 240 VAC 5 VDC 12 to 24 VDC 5 VDC 12 to 24 VDC G3R-IDZR1SN-1 G3R-IAZR1SN G3R-IDZR1SN Part number 3 OUTPUT MODULE Isolation Phototriac Photocoupler Indicator Yes Zero cross function Yes No --2 A at 4 to 60 VDC 1.5 A at 40 to 200 VDC Note: When ordering a TUV approved model, add "-UTU" to the model number as shown below: Example: G3R-OA202SZN-UTU. Applicable output load 2 A at 75 to 264 VAC Rated input 5 to 24 VDC Part number G3R-OA202SZN G3R-OA202SLN G3R-ODX02SN G3R-OD201SN G3R-I/O G3R-I/O 3 I/O INDICATION I/O module classification and AC/DC use are indicated on the mark affixed to the top of the product. Mark indication AC IN DC IN AC OUT DC OUT Specification Input module, AC input Input module, DC input Output module, AC output Output module, DC output Mark attached to the top of the product Specifications 3 RATINGS Input Module Input Part number G3R-IAZR1SN G3R-IDZR1SN G3R-IDZR1SN-1 Rated voltage 100 to 240 VAC 5 VDC 12 to 24 VDC 5 VDC 12 to 24 VDC Output Part number G3R-IAZR1SN G3R-IDZR1SN G3R-IDZR1SN-1 Logic level supply voltage 4 to 32 VDC Logic level supply current 0.1 to 100 mA Operating voltage 60 to 264 VAC 4 to 6 VDC 6.6 to 32 VDC 4 to 6 VDC 6.6 to 32 VDC Input current 15 mA max. 8 mA max. Must operate voltage 60 VAC max. 4 VDC max. 6.6 VDC max. 4 VDC max. 6.6 VDC max. Must release voltage 20 VAC min. 1 VDC min. 3.6 VDC min. 1 VDC min. 3.6 VDC min. 13 G3R-I/O G3R-I/O 3 OUTPUT MODULE Input Part number G3R-OA202SZN G3R-OA202SLN G3R-ODX02SN G3R-OD201SN Rated voltage 5 to 24 VDC Operating voltage 4 to 32 VDC Input current 15 mA max. (at ( t 25C) 8 mA max. Must operate voltage 4 VDC max. Must release voltage 1 VDC min. Output Part number G3R-OA202SZN G3R-OA202SLN G3R-ODX02SN G3R-OD201SN Note: 4 to 60 VDC 40 to 200 VDC 0.01 to 2 A 0.01 to 1.5 A 8 A (10 ms) 8 A (10 ms) Load voltage 75 to 264 VAC Load current (See Note) 0.05 to 2 A Inrush current 30 A (60 Hz, 1 cycle) The minimum current value is measured at 10C min. Characteristics 3 INPUT MODULE Item Operate time Release time Response frequency Output ON voltage drop Leakage current Insulation resistance Dielectric strength Vibration resistance Shock resistance Ambient temperature Approved standards G3R-IAZR1SN 20 ms max. 20 ms max. 10 Hz 1.6 V max. 5 A max. 100 M min. between input and output 4,000 VAC, 50/60 Hz for 1 min between input and output 10 to 55 Hz, 1.5-mm double amplitude 1,000 m/s2 {approx. 100G} Operating: --30C to 80C (with no icing) Storage: --30C to 100C (with no icing) UL508 File No. E64562 CSA C22.2 (No. 14, No. 950) File No. LR35535 TUV File No. R9650094 (EN60950) Operating: 45% to 85% Approx. 18 g G3R-IDZR1SN 0.1 ms max. 0.1 ms max. 1 kHz G3R-IDZR1SN-1 15 ms max. 15 ms max. 10 Hz Ambient humidity Weight 14 G3R-I/O G3R-I/O 3 OUTPUT MODULE Item Operate time Release time Response frequency Output ON voltage drop Leakage current Insulation resistance Dielectric strength Vibration resistance Shock resistance Ambient temperature Approved standards G3R-OA202SZN G3R-OA202SLN G3R-ODX025N 1 ms max. 2 ms max. 100 kHz 2.5 V max. 1 mA max. G3R-OA201SN 1/2 of load power source cycle + 1 ms max. 1/2 of load power source cycle + 1 ms max. 20 Hz 1.6 V max. 1.5 mA max. 100 M min. between input and output 4,000 VAC, 50/60 Hz for 1 min between input and output 10 to 55 Hz, 1.5-mm double amplitude 1,000 m/s2 {approx. 100G} Operating: --30C to 80C (with no icing) Storage: --30C to 100C (with no icing) UL508 File No. E64562 CSA C22.2 (No. 14, No. 950) File No. LR35535 TUV File No. R9650094 (EN60950) Operating: 45% to 85% Approx. 18 g Ambient humidity Weight Engineering Data Load Current vs. Ambient Temperature Characteristics G3R-OA202SZN/OA202SLN G3R-ODX02SN (4 to 60 VDC) G3R-OD201SN (40 to 200 VAC) 2 4-point mounting (see note 1) 2 4-point mounting (see note 1) 2 Load current (A) Load current (A) Load current (A) 1.5 1.4 1 0.7 0.5 16-point mounting (see note 2) 1.5 1.4 1 16-point mounting (see note 2) 1.5 1.1 1 0.6 0.5 4-point mounting (see note 1) Single-point mounting Single-point mounting 0.5 16-point mounting (see note 2) 0 20 40 55 60 Single-point mounting --30 --20 0 20 30 40 55 60 80 100 --30 --20 0 20 40 55 60 80 100 --30 --20 80 100 Ambient temperature (C) Note: 1. When G730-Z0M04-B is mounted. 2. When G70A-Z0C16 is mounted. Ambient temperature (C) Ambient temperature (C) Inrush Current Resistivity Non-repetitive (Keep the inrush current to half the rated value if it occurs repetitively.) G3R-OA202SZN/OA202SLN 10 30 9 8 G3R-ODX02SN 10 9 8 G3R-OD201SN Inrush current (A) Inrush current (A) Inrush current (A) 7 6 5 4 3 2 1 7 6 5 4 3 2 1 20 10 10 30 50 100 200 500 1000 5000 0 10 30 50 100 300 500 1000 2000 0 10 30 50 100 300 500 1000 2000 Energizing time (ms) Energizing time (ms) Energizing time (ms) 15 G3R-I/O G3R-I/O Operation 3 PRECAUTION OF MOUNTING OUTPUT MODULES With up to four G3R SSRs mounted closely and side by side, 2-A loads can be switched. With a G3R SSRs mounted every other slot, 2-A loads can be switched. G3R G3R G3R Dimensions Unit: mm (inch) 3 G3R 1 5.2 3 0.5 29 max. Terminal Arrangement/ Internal Connections (Bottom View) (+) 3 4 9.6 17.4 (--) 4.75 1 5 4 Load 13 max. 28 max. 4 10 5 0.5 4.75 7.5 4.7 Input 1 5 (--) 2 20 (+) 3 CONNECTING SOCKETS G3RZ Relay P2RF-05-E M3.5 screw 59 max. 48 max. 3.2-dia. hole PFRF-05-E Socket 3.5-dia. hole 85.5 max. 62.5 ** (66.5)*** M3 or 3.5-dia. hole ** Indicates a value when using the PFP-PN Supporting Rail with the P2RF-05-E The value is 71.5 when using the PFP-PN2. 61 max. *** Indicates a value when using the PFP-PN Supporting Rail with the P2RF-08-E The value is 75.5 when using the PFP-PN2. 16 G3R-I/O G3R-I/O P2R-057P 14 max. Five, 1.6-dia. hole G3RZ Relay 32 max. P2R-057P Socket 41 max. 3 SOCKET MOUNTING PLATE Use the Socket Mounting Plate when arranging several Sockets in a row. R2.25 10 ellipses Square hole G70A I/O Block Base 3 ORDERING INFORMATION Classification Output Input Note: Internal I/O circuit common NPN (+ common) PNP (-- common) NPN/PNP Rated voltage 24 VDC 24 VDC 110 VDC max., 240 VAC max. (see note) Model G70A-ZOC16-3 G70A-ZOC16-4 G70A-ZIM16-5 Each relay to be mounted must incorporate a coil that has proper specifications within the maximum rated voltage range. 17 G3R-I/O G3R-I/O Dimensions Note: All units are in millimeters unless otherwise indicated. G70A-ZOC16 (Output) 234 64 75 35.3 --0 +0.2 28.6 M3.5 9.2 19.6 20.7 34.2 48.7 G70A-ZIM16 (Input) 234 48.7 10.2 35.3 --0 75 +0.2 M3.5 9.2 19.6 20.7 34.2 54 18 G3R-I/O G3R-I/O Installation 3 TERMINAL ARRANGEMENT/INTERNAL CONNECTION G70A-ZOC16-3 (NPN) -+ -+ Connector Terminal Arrangement (Top View) G70A-ZOC16-4 (PNP) -+ -+ Connector Terminal Arrangement (Top View) 19 G3R-I/O G3R-I/O G70A-ZIM16-5 (NPN/PNP) 1A1 2A1 1A2 2A2 3A1 4A1 3A2 5A1 4A2 6A1 5A2 7A1 6A2 7A2 8A1 9A1 8A2 10A1 9A2 11A1 10A2 12A1 11A2 13A1 12A2 14A1 13A2 15A1 14A2 16A1 15A2 16A2 -+ -+ Connector Terminal Arrangement (Top View) COM. Precautions Refer to pages NO TAG to NO TAG for general precautions. 3 CONNECTION With the SSR for DC switching, the load can be connected to either positive or negative output terminal of the SSR. 3 PROTECTIVE ELEMENT Since the SSR does not incorporate an overvoltage absorption component, be sure to connect an overvoltage absorption component when using the SSR under an inductive load. NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4. 9 OMRON ELECTRONICS, INC. One East Commerce Drive Schaumburg, IL 60173 OMRON CANADA, INC. 885 Milner Avenue Scarborough, Ontario M1B 5V8 1-800-55-OMRON Cat. No. GC RLY7 01/00 Specifications subject to change without notice. 416-286-6465 Printed in U.S.A. |
Price & Availability of G3R-IDZR1SN-1-UTU
![]() |