Part Number Hot Search : 
PM6FF BL5608 70N10 NTE5536 EC100 C55VCM21 LC7533 R714X
Product Description
Full Text Search
 

To Download EPH2R0030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EPH2R0030
[ 1] Electrical Specification
Output Side Ta - 40 ~ 85 C Vi 36 ~75 V
Characteristics Conditions Ta = 25C Io = 0~3 A Io = 3 A Vi = 36~75 V Io = 0~3 A Vi = 48 V Vi = 48 V Output Min. 1.9 0 Output Over Current Limit 3.1 2.4 Io = Io Max. 20 Hz~5 MHz 0.6 Hz ~50 MHz 30 Typ. 2.0 10 70 7 2.8 1.8 100 80 Max. 2.1 3 Unit V mV mV A W A V V mV P P dB V
Vo
Output Voltage Initial Setting Line Regulation Load Regulation
Io
Output Current
Po Max Output Over Voltage Protection Output Low Voltage Protection Voac Output Ripple & Noise
[ 2 ] Efficiency & Power Dissipation
Characteristics Conditions Io = 3 A Vi = 48 V Io = 3 A Vi = 48 V Min. Typ. 82 1.3 Max. Unit % W
Pd
Efficiency Power Dissipation
90 85 80 75 70 65 60 55 50 45 40
Efficiency Curve (Ta=25C)
Vin=36V Vin=48V Vin=75V
2.5 2
Loss Curve (Ta=25C)
Vin=36V Vin=48V Vin=75V
Loss [W]
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
EFF [%]
1.5 1 0.5 0
3.5 3.0 2.5
Io [A] Over Current (Ta=25C)
0
0.5
1.0
Vo [V]
1.5 1.0 0.5 0 0 1
Vin=36V =48V =75V 2 3 4 5
Vo [V]
2.0
90% (1.8V)
Io [A]
2.100 2.075 2.070V 2.050 2.025 2.000 2.0075V 1.975 1.950 1.925 1.900 1.875 1.850 1.825 1.800 1.775 0 1 0
Io [A] Load Regulation (Ta=25C)
1.5
2.0
2.5
3.0
3.5 +5% 2.100V
160mV
62.5mV
-3% 1.940V Vin=36V =48V =75V 2 3
Io [A]
4
5
Application 1 [Single operation]
DC/DC converter Power on by swich Vin+
+
Drive
Vout + Vin 36 ~ 75V SW Load
-
Fuse VinVout -
ALM PEC out PEC in START in START out REMOTE OPPS TEST
Control Circuit
DC/DC CONVERTER
* Please connect from PECin PIN, STARTin PIN, OPPS PIN to Vin-PIN in Natural Convection. * TEST PIN is always open. * We recommend to insert fuses (2A) Vin-lines for EPH series.
Application 2 [Parallel operation]
DC/DC converter Power on by swich Vin+
+
Drive Vout+
Vin 36 ~ 75V
SW
-
Fuse VinVout-
ALM PEC out PEC in START in START out REMOTE OPPS TEST
Control Circuit
DC/DC CONVERTER 1
Vin+
Drive Vout+
Load Fuse VinALM PEC out PEC in START in START out REMOTE OPPS TEST Vout-
Control Circuit
DC/DC CONVERTER 2
* Please connect parallel for REMOTE and ALARM signals. * Please connect loop line for PEC and START. * Please connect from OPPS PIN to Vin-PIN in Natural Convection. * TEST PIN is always open. * Please insert necessarily fuses (250V 2A) Vin-lines for EPH series.
Package
135.9 12.19 3 C3
x P32.0=96.0
10.16
32.0
44.0
Notes : 1. The shape of the tray complies with JEDEC standards. 2. Product carrying capacity : 28 pcs./tray 3. Heat resistant temperature : 150 C max. (high heat resistance type) 4. The following markings must be indicated on the handle : 1) Company name : Shindengen 2) Package name : MSOP-14 3) Heat resistant temperature
6
x P44.0=264.0
315.0
322.6
4) Material
Temperature Profile
(C)
300
250
Within 5 seconds
Modular lead : 220C max. 200 220C min.
Within 40 seconds 150
100
50
0 0 40 80 120 160 200 240 280 300 (Seconds)
1) The atmospheric temperature of the modular lead should be 220 C for no more than 5 seconds. 2) Refer to the graph above for an example of a recommended profile. 3) Precautions Concerning Heating Method Since allowing the PWB to stand at a high temperature for an extended period of time may have a detrimental effect on reliability, it is necessary to perform soldering as quickly as possible to prevent the temperature of the PWB from rising excessively. In addition, since areas of local temperature rise may occur when using a halogen lamp or infrared heater, avoid irradiating the surface of the PWB directly.


▲Up To Search▲   

 
Price & Availability of EPH2R0030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X