Part Number Hot Search : 
EUP3476 T6000 SFR204 5953A D1217UK SMF12 48D05 240128
Product Description
Full Text Search
 

To Download CSHD3-10010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSHD3-100 SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY RECTIFIER 3 AMP, 100 VOLTS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CSHD3-100 is a Silicon Schottky Rectifier designed for surface mount high voltage applications requiring a low forward voltage drop. MARKING: FULL PART NUMBER
DPAK RECTIFIER CASE
MAXIMUM RATINGS: (TC=25C unless otherwise noted) Peak Repetitive Reverse Voltage Average Rectified Forward Current (TC=120C) Peak Forward Surge Current, tp=10ms Peak Repetitive Reverse Surge Current, tp=2.0s Critical Rate of Rise of Reverse Voltage Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VRRM IO IFSM IRRM dv/dt TJ, Tstg JC 100 3.0 50 1.0 10,000 -65 to +150 3.5
UNITS V A A A V/s C C/W
ELECTRICAL CHARACTERISTICS: (TC=25C unless otherwise noted) SYMBOL IR IR VF VF TEST CONDITIONS VR=100V VR=100V, TC=125C IF=3.0A IF=3.0A, TC=125C MAX 30 10 0.85 0.80 UNIT A mA V V
R4 (17-February 2010)
CSHD3-100 SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY RECTIFIER 3 AMP, 100 VOLTS DPAK RECTIFIER CASE - MECHANICAL OUTLINE
LEAD CODE: 1) No Connection 2) Cathode 3) Anode 4) Cathode Pin 2 is Common to the Tab (4). MARKING: FULL PART NUMBER
R4 (17-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CSHD3-10010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X