Part Number Hot Search : 
EMIF0 6YLMH10F 2W04G AK4753EN C28DRT SSF303 25AA160B 4021006
Product Description
Full Text Search
 

To Download CFD4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CFD4448 SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CFD4448 is an ultra high speed switching diode ideal for applications where very small size and operational efficiency are prime requirements. MARKING CODE: X
SOD-882L CASE APPLICATIONS: * General Purpose Switching * DC / DC Converters * Flyback Diodes * Polarity Protection * Battery powered applications including Cell Phones, Digital Cameras, Pagers, PDAs, Laptop Computers, etc.
MAXIMUM RATINGS: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current Peak Forward Surge Current, tp=1 .0s Peak Forward Surge Current, tp=1 .0s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
FEATURES: * Current (IO=250mA) * Forward Voltage Drop (VF=0.91V TYP @ 100mA) * Extremely Fast Switching Speed (4ns Max) * Small TLP, 1.0 x 0.6 x 0.4mm, Ultra Low Profile Leadless Surface Mount Package.
SYMBOL VRRM IF IFRM IFSM IFSM PD TJ, Tstg JA
120 250 500 4.0 1.0 100 -65 to +150 1250
UNITS V mA mA A A mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless SYMBOL TEST CONDITIONS IR VR=50V IR VR=50V, TA=125C IR VR=100V BVR IR=100A VF IF=1.0mA VF IF=10mA VF IF=100mA CT VR=0, f=1.0MHz trr IR=IF=10mA, Irr=1.0mA, RL=100
otherwise noted) MIN TYP
MAX 300 100 500 0.65 0.77 1.0 2.0 4.0
120 0.55 0.67 0.85
150 0.59 0.72 0.91 2.0
UNITS nA A nA V V V V pF ns
R0 (16-September 2010)
CFD4448 SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
SOD-882L CASE - MECHANICAL OUTLINE
(TOP VIEW)
LEAD CODE: 1) Cathode 2) Anode (SIDE VIEW) MARKING CODE: X
R0 (BOTTOM VIEW)
R0 (16-September 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CFD4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X