Part Number Hot Search : 
KYW35K6 DD251 DD251 H3500 E182G RT31402 H3500 H51275Z
Product Description
Full Text Search
 

To Download 39-00-0208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000208 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 18-24 AWG, Bag
Documents: Test Summary (PDF) Drawing (PDF) Product Specification PS-5556-001 (PDF)
Product Specification PS-5556-002 (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5556 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Female Brass Tin Nickel Bag 100 2.54 50 1.27 Crimp or Compression 1.30-3.10mm (.051-.122") 18, 20, 22, 24 N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 5556Series Mates With 5558 Male Crimp Terminals. Mini-Fit Jr.TM Header, Dual Row, 5566 , 5569 Use With 5557 Mini-Fit Jr.TM Receptacle Housing, 30067 TPA, 42474 BMI Panel Mount, 5559 Mini-Fit Jr.TM Plug Housing, Dual Row Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0011030044 Hand Crimp Tool for 0638190900 Mini-FitTM Jr. Male and Female Crimp
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V
Material Info
Old Part Number 5556-SPL
Reference - Drawing Numbers
Packaging Specification Product Specification Test Summary PK-5556-003 PS-5556-001, PS-5556-002, PS-5556-003 TS-5556-002
Terminals, 16-24 AWG
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 39-00-0208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X