Part Number Hot Search : 
SR310 B0303XLS L3234 BUZ80A MC14566 DP8105 TBU3502G 02M10
Product Description
Full Text Search
 

To Download 2SB624 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB624
Elektronische Bauelemente -0.7A , -30V PNP Silicon Plastic Encapsulated Transistor
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES

SOT-23
A
L
3 3
High DC Current Gain. hFE200 (Typ.) (VCE= -1V, IC= -100mA) Complimentary to 2SD596
MARKING
1
Top View
CB
1 2 2
Product-Rank Range Product-Rank Range
2SB624-BV1 110~180 2SB624-BV4 200~320
2SB624-BV2 135~220 2SB624-BV5 250~400
2SB624-BV3 170~270
K
E D
F
REF. A B C D E F
G
Millimeter Min. Max. 2.80 3.00 2.25 2.55 1.20 1.40 0.90 1.15 1.80 2.00 0.30 0.50
H
REF. G H J K L
J
Millimeter Min. Max. 0.10 REF. 0.55 REF. 0.08 0.15 0.5 REF. 0.95 TYP.
PACKAGE INFORMATION
Package SOT-23 MPQ 3K LeaderSize 7' inch
Collector

Base
Emitter
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Parameter
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current - Continuous Collector Power Dissipation Junction and Storage Temperature
Symbol
VCBO VCEO VEBO IC PC TJ, TSTG
Ratings
-30 -25 -5 -700 200 150, -55~150
Unit
V V V mA mW C
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Parameter
Collector to Base Breakdown Voltage Collector to Emitter Breakdown Voltage Emitter to Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector to Emitter Saturation Voltage Base to Emitter Saturation Voltage Transition Frequency Collector Output Capacitance
http://www.SeCoSGmbH.com/
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE (1)* hFE (2)* VCE(sat) * VBE fT Cob
*
Min.
-30 -25 -5 110 50 -0.6 -
Typ.
160 17
Max.
-0.1 -0.1 400 -0.6 -0.7 -
Unit
V V V A A
Test Conditions
IC= -100A, IE=0 IC= -1mA, IB=0 IE= -100A, IC=0 VCB= -30V, IE=0 VEB= -5V, IC=0 VCE= -1V, IC= -100mA VCE= -1V, IC= -700mA
V V MHz pF
IC= -700mA, IB= -70mA VCE= -6V, IC= -10mA VCE= -6V, IC= -10mA VCB= -6V, IE=0, f=1MHz
*Pulse testPulse width 350 s, Duty Cycle 2%.
Any changes of specification will not be informed individually.
15-Feb-2011 Rev. A
Page 1 of 2
2SB624
Elektronische Bauelemente -0.7A , -30V PNP Silicon Plastic Encapsulated Transistor
CHARACTERISTICS CURVE
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
15-Feb-2011 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2SB624

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X