Part Number Hot Search : 
00TT4 2SC488 UF4003S SSP3N90 B14NK60Z UF4003S HCT04 UF4003S
Product Description
Full Text Search
 

To Download 2SA1305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1305
DESCRIPTION With TO-220Fa package Low collector saturation voltage High transition frequency APPLICATIONS High current switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature 2 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -30 -30 -5 -3 15 W V A UNIT V
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SA1305
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA , IB=0
-30
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50|I
A , IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-2A; IB=-0.2A
-1.0
V
VBEsat
Base-emitter saturation voltage
IC=-2A; IB=-0.2A
-1.5
V
ICBO
Collector cut-off current
VCB=-30V;IE=0
-1.0
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
|I
A
hFE
DC current gain
IC=-0.5A ; VCE=-3V
60
320
fT
Transition frequency
IC=-0.5A ; VCE=-5V
100
MHz
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1305
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X