Part Number Hot Search : 
000MHZ 55C20 POWER OCXOPLUS MCP9844 M808024 2805D C1206
Product Description
Full Text Search
 

To Download 2086SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Biased & Zero Biased Schottky Detectors
V 3.00
2086 Series
Features
n High Output Sensitivity n Flat Frequency Response n Burnout Rating: 100 mW for 2086-6000-00 n
Outline Drawing
200 mW for 2086-6010-00 No Bias Required on 2086-6000-00
Specifications
Part Number Frequency Range Flatness 1 Open Circuit Voltage Sensitivity 1 Tangential Sensitivity 2 Output Capacitance Video Resistance 1 Output Polarity Bias Current Temperature Range Temperature Stability Maximum Power 1. 2. 3. 4. 2086-6000-00 1.0 - 15.0 GHz 1.25 dB Max. 1500 mV/mW Min. -52 dBm Min. 12 pF Typ. 1200 Ohms Typ. Negative 4 -- -50C to +125C -- 100 mW CW 2086-6010-00 1.0 - 18.0 GHz 1.25 dB Max. 1500 mV/mW Min. -52 dBm Min. 12 pF Typ. 700 Ohms Typ. Negative 4 50 A Nom. -65C to +125C 2.0 dB 200 mW CW
For RF power levels below -20 dBm, and with an open circuit load. With video amplifier of 1 MHz bandwidth and 2 dB noise figure. Finish is passivated stainless steel. For Positive output change suffix to -13.
Biased & Zero Biased Schottky Detectors Typical Performance Curves
2086 Series
V 3.00
Voltage Output vs. Frequency 2086-6010-00
Thermal Stability 2086-6010-00
VSWR vs. Bias Current 2086-6010-00
Response Function 2086-6010-00
Voltage Output vs. Frequency 2086-6000-00
Response Function 2086-6000-00
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2


▲Up To Search▲   

 
Price & Availability of 2086SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X