Part Number Hot Search : 
00007 BC559C 100N6 HCM0603A MA4P604 CRIMPFOX 7S100 Z24BP
Product Description
Full Text Search
 

To Download 12S51000EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6 Watt EC Single Series DC/DC Converters
Features
! ! ! ! ! !
Description
These 6 Watt DC/DC converters were designed expressly for fast integration with your systems power needs. With few external components or filtering needed for all but the most critical applications, these converters drop onto your board and provide power instantly. This saves you costly engineering time needed to design your system around the power converter, "We've done the engineering for you". Saving space in today's modern designs is also critical. The EC Series converters replace narrow input voltage range 2 x 2 inch converters with a space saving 1 x 2 inch design. This series has the highest isolation of any high power density 1 x 2 inch DC/DC converter on the market - we guarantee the full UL1459 mandated value of 700 VDC. Reliability is the most important design criteria for the CALEX design team. To this end we reduced the component count 50% from our last generation of 6 Watt devices and reduced the case footprint. CALEX reliability is backed by our 5 year warranty. We can offer a 5 year warranty where others can't because with a CALEX DC/DC it's rarely needed.
Few External Parts Required for Operation Efficiencies to 80 Percent Overcurrent Protected for Long, Reliable Operation Water Washable, Non-conductive Case Design Low Input to Output Capacitance Isolation Voltage Raised to 700 VDC as Per the Requirements of UL1459 Five Year Warranty
!
Selection Chart
Model 12S5.1000EC 12S12.500EC 12S15.400EC 48S5.1000EC 48S12.500EC 48S15.400EC Input Range VDC Min Max 9 9 9 20 20 20 27 27 27 60 60 60 Output VDC 5 12 15 5 12 15 Output mA 1000 500 400 1000 500 400
6 Watt EC Single Series Block Diagram
ISOLATION TRANSFORMER
A
3 + OUTPUT
+ INPUT 1
- INPUT 2
CURRENT MODE PWM
4 CMN
ISO AMP LOW TC BANDGAP REFERENCE
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
1
6 Watt EC Single Series DC/DC Converters
Input Parameters*
Model Voltage Range Reflected Ripple (1) With External Capacitor Reflected Ripple (1) without Capacitor Input Current Full Load No Load Efficiency Switching Frequency Maximum Input Overvoltage 100ms Maximum 12S models 48S Models Turn-on Time, 1% Output Error Recommended Fuse MIN MAX TYP TYP TYP TYP TYP TYP TYP MAX 12S5.1000EC 12S12.500EC 9 27 4 1.8 0.93 507 6 82 600 12 83 83 125 130 5 80 12S15.400EC 48S5.1000EC 48S12.500EC 20 60 3 0.85 0.44 154 6 82 82 48S15.400EC Units VDC mA RMS A P-P A RMS mA % kHz VDC
34 72 6 (2)
TYP
ms AMPS
Output Parameters*
Model Output Voltage Output Voltage Accuracy Rated Load Range Load Regulation 25% - 100% of Rated Load Line Regulation Vin = Min to Max VDC Short Term Stability (3) Long Term Stability Transient Response (4) Dynamic Response (5) Input Ripple Rejection (6) Noise, Peak - Peak (1) RMS Noise Temperature Coefficient Short Circuit Protection to Common for all Outputs MIN TYP MAX MIN MAX TYP MAX TYP MAX TYP TYP TYP TYP TYP TYP TYP TYP MAX 250 75 > 40 50 8 50 150 12S5.1000EC 48S5.1000EC 12S12.500EC 48S12.500EC 12S15.400EC 48S15.400EC Units VDC VDC A % % %/24Hrs %/kHrs 300 250 s mV peak dB mV P-P mV RMS ppm/C 5 4.95 5.00 5.05 0.0 1.0 0.1 0.3 0.02 0.2 12 11.90 12.00 12.10 0.0 0.5 0.2 0.4 0.2 0.8 < 0.05 < 0.1 15 14.90 15.00 15.10 0.0 0.4 0.2 0.4 0.2 0.8
A Continuous, Current Limit Protection
(3) (4)
NOTES * All parameters measured at Tc=25C, nominal input voltage and full rated load unless otherwise noted. Refer to the CALEX Application Notes for the definition of terms, measurement circuits and other information. (1) Noise is measured per CALEX Application Notes. Measurement bandwidth is 0-20 MHz for peak-peak measurements, 10 kHz to 1 MHz for RMS measurements. Output noise is measured with a 0.1F / 50V ceramic capacitor in parallel with a 1f / 35V Tantalum capacitor, 1 inch from the output pins to simulate standard PCB decoupling capacitance. Reflected Ripple is measured with the appropriate input capacitor, and into a 10 H source impedance. See application notes for input capacitor requirements. (2) To determine the correct fuse size, see CALEX Application Notes.
(5) (6) (7)
Short term stability is specified after a 30 minute warmup at full load, constant line and recording the drift over a 24 hour period. The transient response is specified as the time required to settle from a 50 to 75% step load change (rise time of step = 2 s) to a 1% error band. Dynamic response is the peak overshoot during a transient as defined in note 4 above. The input ripple rejection is specified for DC to 120 Hz ripple with a modulation amplitude of 1% of Vin. The case thermal impedance is specified as the case temperature rise over ambient per package watt dissipated.
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
2
6 Watt EC Single Series DC/DC Converters
General Specifications*
All Models Isolation Isolation Voltage Input to Output 10A Leakage Input to Output Capacitance Environmental Case Operating Range No Derating Storage Range Thermal Impedance (7) General Unit Weight Chassis Mounting Kits Agency Approvals MIN TYP 700 400 VDC pF Units
MIN MAX MIN MAX TYP TYP
-40 100 -55 105 20 1
C C C/Watt oz
BOTTOM VIEW
SIDE VIEW
Mechanical tolerances unless otherwise noted: X.XX dimensions: 0.040 inches X.XXX dimensions: 0.010 inches
MS6, MS8, MS15 CSA/UL 60950
Pin 1 2 3 4
Function +INPUT -INPUT +OUTPUT CMN
Application Information
General Information The 125 kHz operating frequency of the 6 Watt EC Single series allows an increased power density over the last generation of 2 X 2 inch converters. The series is also mindful of battery operation for industrial, medical control and remote data collection applications. The no-load input current draws typically less than 7 mA from the input source. Full overload protection is provided by independent pulseby-pulse current limiting. These protection features assure you that our 6 Watt single will provide you with zero failure rate operation. A fully sealed, water washable, non-conductive case is standard along with specified operation over the full commercial temperature range of -40 to +100 C. General Operation Figure 1 shows the recommended connections for the 6 Watt EC Single DC/DC converter. A fuse is recommended to protect the input circuit and should not be omitted. The fuse prevents unlimited current from flowing in the case of a catastrophic system failure. No external capacitance on the output is required for normal operation, in fact it can degrade the converters performance. See our application note "Understanding DC/ DC Converters Output Impedance" and the low noise circuits later in this data sheet for more information. The usual 10 F and 0.1 to 0.001 F bypasses may be used around your PCB as required for local bypassing without harm. Applying the Input The input to the 6 Watt EC single series should be buffered with a high ripple current capacitor (C1 in Figure 1) if it is an appreciable distance from your input source. A capacitor capable of handling the input ripple current of the EC series should be used (see the input reflected ripple current curves for exact values). Use the minimum size required for your output power level and minimum input voltage to keep your system small and cost effective. Applicable capacitor types for worst case applications are detailed below. Worst case is defined as continuous operation at full load, minimum line and high ambient temperatures. The capacitor that you will need will probably be smaller if one or all of the worst case conditions listed is relaxed.
A
Figure 1. Standard connections for the 6 Watt EC Single. The input fuse should not be omitted. The overvoltage diodes D1 and D2 may be added to the circuit directly at the converter to provide transient protection to your circuit. In some circuits capacitor C1 may be required, see the section "Applying The Input" for more information.
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
3
6 Watt EC Single Series DC/DC Converters
Suggested Capacitors 12 Volt Inputs Panasonic Suggested Part: HFQ Series ECA1HFQ271 270F, 50V, 105C Rated 10 x 25 mm ESR=0.090 Ohms Allowable Ripple=1.040 A @ 105C PF or PL Series UPL1H221MPH6 220F, 50V, 105C Rated 10 x 25 mm ESR=0.075 Ohms Allowable Ripple=1.040 A @ 105C
Nichicon Suggested Part:
United Chemi-Con LXF, KMF, or SXE Series Suggested Part: LXF50VB221M10X25LL 220F, 50V, 105C Rated 10 x 25 mm ESR=0.063 Ohms Allowable Ripple=1.150 A @ 105C 48 Volt Inputs Panasonic Suggested Part: HFE Series ECEA2AFE680, 68F, 100V, 105C Rated 12.5 x 15 mm ESR=0.28 Ohms Allowable Ripple=0.511 A @ 105C PR Series UPR2A101MRH 100F, 100V, 105C Rated 12.5 x 20 mm Allowable Ripple=0.577 A @ 105C
Figure 2. For very low noise applications the circuits shown above can be used. The input current ripple will be reduced approximately 30 dB of the original value while the output noise will be reduced to below 10 mV p-p. Do not use the biggest lowest ESR capacitors that you can find in these circuits. These types of capacitors will cause severe peaking in the filters transfer function and may actually make the conducted noise worse.
converter it is suggested that a 1 to 10F, 0.5 to 5 Ohm ESR capacitor bypass be used directly at the converter output pins. This capacitor prevents any common mode switching currents from showing up at the converters output as normal mode output noise. Do not use the lowest ESR, biggest value capacitor that you can find! This can only lead to reduced system performance or oscillation. See our application note "Understanding Output Impedance For Optimum Decoupling" for more information. Temperature Derating The EC Single series can operate up to 100C case temperature without derating. Case temperature may be roughly calculated from ambient by knowing that the 6 Watt EC Singles case temperature rise is approximately 20C per package watt dissipated. For example: If a 48 volt input converter was delivering 4 Watts, at 48 volts input at what ambient could it expect to run with no moving air and no extra heatsinking? Efficiency for a EC Single is approximately 78%. A little less for some - a little more for others, check the product curves for exact information. This leads to an input power of about 5 Watts. Therefore the case dissipation is 5 Watts (input power) minus 4 Watts (output power) or 1 Watt. The case temperature rise would be 1 Watt x 20C/W = 20C. This number is subtracted from the maximum case temperature of 100C to get: 80C.
Nichicon Suggested Part:
United Chemi-Con KMF, SXE Suggested Part: KMF100VB470M10X16LL 47F, 100V, 105C Rated 10 x 16 mm ESR=0.32 Ohms Allowable Ripple=0.500 A @ 105C Applying the Output The output is simply connected to your application circuit and away you go. If extra low output noise is required in your application the circuit shown in Figure 2 may be used to reduce the output noise to below 10 mV peak-peak. Grounding The input and output sections are fully floating from each other. They may be operated fully floating or with a common ground. If the input and output sections are connected either directly at the converter or at some remote location from the
A
This is a rough approximation to the maximum ambient temperature. Because of the difficulty of defining ambient temperature and the possibility that the loads dissipation may actually increase the local ambient temperature significantly or that convection cooling is suppressed by physical placement of the module, these calculations should be verified by actual measurement of operating temperature and your circuits exact efficiency (efficiency depends on both line input and load value) before committing to a production design.
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
4
6 Watt EC Single Series DC/DC Converters
Typical Performance (Tc=25C, Vin=Nom VDC, Rated Load). Data for 12 Volt Input Models
12 VOLT EFFICIENCY Vs. LOAD
85 80 75
12 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
1.00
LINE = 12VDC
INPUT CURRENT(AMPS)
LINE = 9VDC
0.75
EFFICIENCY(%)
100% LOAD
70 65
0.50
LINE = 27VDC
60 55 50 45 0 10 20 30 40 50 60 70 80 90 100
50% LOAD
0.25
0.00 0 5 10 15 20 25 30
LOAD(%)
LINE INPUT(VOLTS)
12 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
12 VOLT CAPACITOR CURRENT Vs. LOAD
100% LOAD
CAPACITOR CURRENT (AMPS RMS)
85
1.00
0.80
EFFICIENCY(%)
80
50% LOAD
75
0.60
12V & 15V OUTPUT
0.40
5V OUTPUT
0.20 0 20 40 60 80 100
70 5 10 15 20 25 30
LOAD (%) LINE INPUT(VOLTS)
Data for 48 Volt Input Models
48 VOLT EFFICIENCY Vs. LOAD
90 85 80 0.5
48 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
.
INPUT CURRENT(AMPS)
LINE = 20VDC
0.4
LINE = 48VDC
EFFICIENCY(%)
75 70 65
0.3
100% LOAD
LINE = 60VDC
60 55 50 45 40 0 10 20 30 40 50 60 70 80 90 100
0.2
50% LOAD
0.1
A
40 50 60
0.0 0 10 20 30
LOAD(%)
LINE INPUT(VOLTS)
48 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
CAPACITOR CURRENT (AMPS RMS)
90 0.50
48 VOLT CAPACITOR CURRENT Vs. LOAD
100% LOAD
85
0.40
EFFICIENCY(%)
80
50% LOAD
75
0.30
12V & 15V OUTPUT
0.20
70
5V OUTPUT
0.10 0 20 40 60 80 100
65 20 30 40 50 60
LOAD (%) LINE INPUT(VOLTS)
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
5
6 Watt EC Single Series DC/DC Converters
Typical Performance (Tc=25C, Vin=Nom VDC, Rated Load). Data for All Models
DERATING
120 120
OUTPUT VOLTAGE Vs. OUTPUT LOAD
100
NORMALIZED OUTPUT (%)
INFINITE HEAT SINK
OUTPUT POWER (%)
100
80
80
NO HEAT SINK
60
CURRENT LIMIT MODE ->
60
SAFE OPERATING AREA
40
40
20
20
"HICKUP" MODE ->
0 -40 -20 0 20 40 60 80 100 120 0 0 20 40 60 80 100 120 140 160 180 200
AMBIENT TEMPERATURE (Deg C)
OUTPUT LOAD (%)
OUTPUT VOLTAGE Vs. CASE TEMPERATURE
0.2 10
OUTPUT IMPEDANCE Vs. FREQUENCY 12 AND 15 VOLT
1
0.1
0.0
OUTPUT IMPEDANCE (OHMS)
NORMALIZED OUTPUT (%)
.1
-0.1
5 VOLT
.01
-0.2
-0.3
.001
-0.4 -40 -20 0 20 40 60 80 100
.0001 10 100 1000 10000 100000 1000000
CASE TEMPERATURE (Deg C)
FREQUENCY (Hz)
A
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
6


▲Up To Search▲   

 
Price & Availability of 12S51000EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X