Part Number Hot Search : 
4HC401 P4KE33 TE28F 77034 R1E10 5063QAN 100001 1N2812
Product Description
Full Text Search
 

To Download 0877592064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0877592064 Active
milligrid 2.00mm (.079") Pitch Milli-GridTM Header, Surface Mount, Vertical, 20 Circuits, 0.38m (15") Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap, Tube Packaging, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87761-100 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
UL E29179
General
Product Family Series Application Overview Product Name PCB Headers 87759 Board-to-Board milligrid Milli-GridTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Robotic Placement Shrouded Stackable Temperature Range - Operating Yes 20 20 Black 100 No 94V-0 No No None None 0.150 In 3.80 mm Phosphor Bronze Gold Tin Nylon 2 Vertical No None Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 15 0.38 No No Pick and Place Cap No No -55C to +105C
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 87759Series Mates With 79107 Milli-GridTM Receptacle, Vertical, Through Hole. 79108 Milli-GridTM Flex-toBoard, Vertical Receptacle. Milli-GridTM Receptacle, Surface Mount. 79109. 87381
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 3 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-89990-476 PS-87761-100 SD-87759-117
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0877592064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X